Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5182 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FAN5182
Description  Adjustable Output, 1-, 2-, or 3-Phase Synchronous Buck Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5182 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FAN5182_07 Datasheet HTML 1Page - Fairchild Semiconductor FAN5182_07 Datasheet HTML 2Page - Fairchild Semiconductor FAN5182_07 Datasheet HTML 3Page - Fairchild Semiconductor FAN5182_07 Datasheet HTML 4Page - Fairchild Semiconductor FAN5182_07 Datasheet HTML 5Page - Fairchild Semiconductor FAN5182_07 Datasheet HTML 6Page - Fairchild Semiconductor FAN5182_07 Datasheet HTML 7Page - Fairchild Semiconductor FAN5182_07 Datasheet HTML 8Page - Fairchild Semiconductor FAN5182_07 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5182 Rev. 1.1.1
3
Pin Assignments
Figure 2. Pin Assignments
Pin Definitions
Pin #
Name
Description
1
VCC
Supply Voltage for the Device.
2
FBRTN
Feedback Return. Voltage error amplifier reference for remote sensing of the output voltage.
3
FB
Feedback Input. Error amplifier input for remote sensing of the output voltage. An external
resistor divider between the output and FBRTN connected to this pin sets the output voltage.
This pin is also the reference point for the power-good and crowbar comparators.
4
COMP
Error Amplifier Output and Compensation Pin.
5
PWRGD
Power Good Output. Open-drain output that signals when the output voltage is outside the
proper operating range.
6
EN
Power Supply Enable Input. Pulling this pin to GND disables the PWM outputs and pulls the
PWRGD output low.
7
DELAY
Soft-Start Delay and Current Limit Latch-Off Delay Setting Input. An external resistor and
capacitor connected between this pin and GND sets the soft-start ramp-up time and the over-
current latch-off delay time.
8
RT
Frequency Setting Resistor Input. An external resistor connected between this pin and GND
sets the oscillator frequency of the device.
9
RAMPADJ
PWM Ramp Current Input. An external resistor from the converter input voltage to this pin
sets the internal PWM ramp.
10
ILIMIT
Current-Limit Set point / Enable Output. An external resistor connected from this pin to GND
sets the current limit threshold of the converter. This pin is actively pulled low when the EN
input is low, or when VCC is below its UVLO threshold, to signal to the driver IC that the driver
high-side and low-side outputs should go low.
11
CSREF
Current-Sense Reference Voltage Input. The voltage on this pin is used as the reference for
the current-sense amplifier. Connect this pin to the common point of the output inductors.
12
CSSUM
Current-Sense Summing Node. External resistors from each switch node to this pin sum the
average inductor currents to measure the total output current.
13
CSCOMP
Current-Sense Compensation Point. A resistor and a capacitor from this pin to CSSUM
determine the gain of the current sense amplifier.
14
GND
Ground. All internal biasing and logic output signals are referenced to this ground.
15–17 SW3 - SW1
Current Balance Inputs. These are inputs for measuring the current level in each phase. The
SW pins of unused phases should be connected to ground.
18–20 PWM3 - PWM1
Logic-Level PWM Outputs. Each output is connected to the input of an external MOSFET
driver, such as the FAN5109. Connecting the PWM3 output to GND causes that phase to turn
off, allowing the FAN5182 to operate as a 1- or 2-phase controller. Do not connect PWM2 to
ground for 1-phase operation.


Similar Part No. - FAN5182_07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5182 FAIRCHILD-FAN5182_08 Datasheet
786Kb / 19P
   Adjustable Output, 1-, 2-, or 3-Phase Synchronous Buck Controller
More results

Similar Description - FAN5182_07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5182 FAIRCHILD-FAN5182 Datasheet
788Kb / 18P
   Adjustable Output 1, 2, or 3-Phase Synchronous Buck Controller
FAN5182 FAIRCHILD-FAN5182_08 Datasheet
786Kb / 19P
   Adjustable Output, 1-, 2-, or 3-Phase Synchronous Buck Controller
logo
Analog Devices
ADP3182 AD-ADP3182 Datasheet
417Kb / 20P
   Adjustable Output 1-/2-/3-Phase Synchronous Buck Controller
REV. 0
logo
uPI Group Inc.
UP9510 UPI-UP9510 Datasheet
374Kb / 19P
   3/2/1-Phase Synchronous-Rectified Buck Controller
UP9509S UPI-UP9509S Datasheet
379Kb / 18P
   3/2/1-Phase Synchronous-Rectified Buck Controller
logo
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
logo
ON Semiconductor
NCP81174 ONSEMI-NCP81174_16 Datasheet
148Kb / 18P
   4/3/2-Phase Synchronous Buck Controller
March, 2015 ??Rev. 5
NCP81174N ONSEMI-NCP81174N Datasheet
207Kb / 18P
   4/3/2-Phase Synchronous Buck Controller
March, 2016 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com