Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5069MTCX Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FAN5069MTCX
Description  PWM and LDO Controller Combo
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5069MTCX Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN5069MTCX Datasheet HTML 5Page - Fairchild Semiconductor FAN5069MTCX Datasheet HTML 6Page - Fairchild Semiconductor FAN5069MTCX Datasheet HTML 7Page - Fairchild Semiconductor FAN5069MTCX Datasheet HTML 8Page - Fairchild Semiconductor FAN5069MTCX Datasheet HTML 9Page - Fairchild Semiconductor FAN5069MTCX Datasheet HTML 10Page - Fairchild Semiconductor FAN5069MTCX Datasheet HTML 11Page - Fairchild Semiconductor FAN5069MTCX Datasheet HTML 12Page - Fairchild Semiconductor FAN5069MTCX Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5069 Rev. 1.1.5
9
Typical Performance Characteristics (Continued)
PWM Line Regulation (VOUT = 1.5V)
LDO Load Regulation (VOUT = 1.203V)
Load Line Regulation (VOUT = 1.203V)
Master Clock Frequency
PWM Load Regulation (VOUT = 1.50V)
Efficiency vs. Input Voltage
1.54
1.52
1.50
1.48
1.46
6
8
10
12
14
INPUT VOLTAGE (V)
16
18
20
IL = 0A
IL = 5A
IL = 10A
1.210
1.205
1.200
1.195
1.190
01
2
3
4
LOAD CURRENT (A)
5
700
600
500
400
300
200
100
0
100
200
300
RT (k
Ω)
400
1.210
1.205
1.200
1.195
1.190
810
12
14
INPUT VOLTAGE (V)
16
18
20
1.510
1.505
1.500
1.495
1.490
02
4
LOAD CURRENT (A)
68
10
VIN = 8V
VIN = 12V
VIN = 15V
VIN = 20V
IL = 0A
IL = 2A
IL = 5A
VIN = 8V
VIN = 12V
VIN = 15V
VIN = 20V
100
80
60
40
20
0
02
4
LOAD CURRENT (A)
68
10
VIN = 8V
VIN = 12V
VIN = 15V
VIN = 20V
Figure 14. PWM Line Regulation
Figure 17. LDO Load Regulation
Figure 15. LDO Line Regulation
Figure 18. RT vs. Frequency
Figure 16. PWM Load Regulation
Figure 19. 1.5V PWM Efficiency


Similar Part No. - FAN5069MTCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5069MTCX FAIRCHILD-FAN5069MTCX Datasheet
379Kb / 20P
   PWM and LDO Controller Combo
FAN5069MTCX FAIRCHILD-FAN5069MTCX Datasheet
621Kb / 22P
   PWM and LDO Controller Combo
More results

Similar Description - FAN5069MTCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5069 FAIRCHILD-FAN5069 Datasheet
379Kb / 20P
   PWM and LDO Controller Combo
FAN5069 FAIRCHILD-FAN5069_08 Datasheet
621Kb / 22P
   PWM and LDO Controller Combo
logo
International Rectifier
IRU3048 IRF-IRU3048 Datasheet
154Kb / 18P
   DUAL SYNCHRONOUS PWM CONTROLLER CIRCUITRY AND LDO CONTROLLER
logo
Advanced Power Electron...
APU3048 A-POWER-APU3048 Datasheet
189Kb / 15P
   DUAL SYNCHRONOUS PWM CONTROLLER CIRCUITRY AND LDO CONTROLLER
logo
Microsemi Corporation
NX2139A MICROSEMI-NX2139A Datasheet
857Kb / 21P
   SINGLE CHANNEL MOBILE PWM AND LDO CONTROLLER
logo
Fairchild Semiconductor
FAN5099 FAIRCHILD-FAN5099 Datasheet
1,018Kb / 24P
   Wide Frequency Synchronous Buck PWM AND LDO Controller
logo
Micro Linear Corporatio...
ML4819 MICRO-LINEAR-ML4819 Datasheet
290Kb / 15P
   Power Factor and PWM Controller Combo
logo
International Rectifier
IRU3046 IRF-IRU3046 Datasheet
163Kb / 20P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
IRU3047 IRF-IRU3047 Datasheet
141Kb / 19P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
logo
Microsemi Corporation
LX2750 MICROSEMI-LX2750 Datasheet
394Kb / 11P
   SINGLE INPUT SUPPLY PWM CONTROLLER WITH LDO CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com