Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL54400IRUZ-T Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL54400IRUZ-T
Description  Low Voltage, Dual SPDT, USB/Audio Switches with Negative Signal Capability
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54400IRUZ-T Datasheet(HTML) 5 Page - Intersil Corporation

  ISL54400IRUZ-T Datasheet HTML 1Page - Intersil Corporation ISL54400IRUZ-T Datasheet HTML 2Page - Intersil Corporation ISL54400IRUZ-T Datasheet HTML 3Page - Intersil Corporation ISL54400IRUZ-T Datasheet HTML 4Page - Intersil Corporation ISL54400IRUZ-T Datasheet HTML 5Page - Intersil Corporation ISL54400IRUZ-T Datasheet HTML 6Page - Intersil Corporation ISL54400IRUZ-T Datasheet HTML 7Page - Intersil Corporation ISL54400IRUZ-T Datasheet HTML 8Page - Intersil Corporation ISL54400IRUZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
FN6240.3
July 12, 2006
Absolute Maximum Ratings
Thermal Information
VDD to GND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to 6.0V
VBUS to GND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to 6.0V
Input Voltages
NOx, NCx, L, R (Note 2). . . . . . . . . . . . . . . - 2V to ((VDD) + 0.3V)
D+, D- (Note 2). . . . . . . . . . . . . . . . . . . . . -2V to ((VBUS) + 0.3V)
INx (Note 2) . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to ((VDD) + 0.3V)
Output Voltages (ISL54400 and ISL54401)
D-/L, D+/R (Note 2) Audio Mode . . . . . . . . -2V to ((VDD) + 0.3V)
D-/L, D+/R (Note 2) USB Mode . . . . . . . . -2V to ((VBUS) + 0.3V)
Output Voltages (ISL54402)
COMx (Note 2) . . . . . . . . . . . . . . . . . . . . . . -2V to ((VDD) + 0.3V)
Continuous Current (L, R, NCx, or COMx) . . . . . . . . . . . . .
±300mA
Peak Current (L, R, NCx, or COMx)
(Pulsed 1ms, 10% Duty Cycle, Max) . . . . . . . . . . . . . . . .
±500mA
Continuous Current (D+, D-, NOx). . . . . . . . . . . . . . . . . . . . .
±40mA
Peak Current (D+, D-, NOx)
(Pulsed 1ms, 10% Duty Cycle, Max) . . . . . . . . . . . . . . . .
±100mA
ESD Rating:
HBM COMx, D-/L, D+/R, VBUS . . . . . . . . . . . . . . . . . . . . . . .>4kV
HBM All Other Pins
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>4kV
MM COMx, D-/L, D+/R, VBUS . . . . . . . . . . . . . . . . . . . . . . .>500V
MM All Other Pins
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>300V
CDM (TDFN)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>1kV
Thermal Resistance (Typical, Note 3)
θJA (°C/W)
10 Ld 3x3 TDFN Package . . . . . . . . . . . . . . . . . . . .
80
10 Ld
µQFN Package . . . . . . . . . . . . . . . . . . . . . . .
96
Maximum Junction Temperature (Plastic Package). . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . . . . -65°C to 150°C
Operating Conditions
Temperature Range
ISL5440XIR and ISL5440XIRU . . . . . . . . . . . . . . . . . -40°C to 85°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
2. Signals on D+, D-, L, R, D-/L, D+/R, VBUS, NOx, NCx, COMx, INx, exceeding VDD or GND by specified amount are clamped. Limit forward
current through clamp to maximum current ratings.
3.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications - 2.7V to 5.5V Supply Test Conditions: VDD = +3.0V, GND = 0V, VBUSH = 3.8V, VBUSL = 3.2V,
VINH = 1.4V, VINL = 0.5V (Notes 4, 6), Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP
(°C)
(NOTE 5)
MIN
TYP
(NOTE 5)
MAX
UNITS
ANALOG SWITCH CHARACTERISTICS
Audio Switches (L, R, NC1, NC2)
Analog Signal Range, VANALOG
Full
-1.5
-
1.5
V
RON Matching Between Channels,
∆RON
VDD = 3.0V, VBUS = 3.2V or VIN = 0.5V, ICOM = 40mA, VL
or VR or VNCx = Voltage at max RON over signal range of
-0.85V to 0.85V, (Note 9)
25
-
0.02
0.12
Full
-
-
0.15
RON Flatness, RFLAT(ON)
VDD = 3.0V, VBUS = 3.2V or VIN = 0.5V, ICOM = 40mA,
VL or VR or VNCx = -0.85V to 0.85V, (Note 7)
25
-
0.002
0.08
Full
-
-
0.09
Discharge Pull-down Resistance,
RL, RR
VDD = 3.6V, VBUS = 0V or VIN = 0.5V, VD-/L or VD+/R or
VCOM = -0.85V, 0.85V, VL or VR or VNCx = -0.85V, 0.85V,
VD+ and VD- = floating, Measure current through the
discharge pull-down resistor and calculate resistance
value.
25
30
50
70
k
USB Switches (D+, D-, NO1, NO2)
Analog Signal Range, VANALOG
Full
-1.5
-
VBUS
V
ON Resistance, RON , (ISL54400
and ISL54401 Only)
VDD = 3.6V, VBUS = 4.4V, ICOM = 40mA, VD+ or VD- = 0V
to VBUS, (See Figure 3)
25
-
5
6
Full
-
-
6.5
RON Matching Between Channels,
∆RON , (ISL54400 and ISL54401
Only)
VDD = 3.6V, VBUS = 4.4V, ICOM = 40mA, VD+ or
VD- = Voltage at max RON, (Note 9)
25
-
0.2
0.4
Full
-
-
0.45
ISL54400, ISL54401, ISL54402


Similar Part No. - ISL54400IRUZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54400IRUZ-T RENESAS-ISL54400IRUZ-T Datasheet
839Kb / 15P
   Low Voltage, Dual SPDT, USB/Audio Switches with Negative Signal Capability
More results

Similar Description - ISL54400IRUZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54400 RENESAS-ISL54400 Datasheet
839Kb / 15P
   Low Voltage, Dual SPDT, USB/Audio Switches with Negative Signal Capability
logo
Intersil Corporation
ISL54416 INTERSIL-ISL54416 Datasheet
490Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches with Negative Signal Capability
ISL54207 INTERSIL-ISL54207 Datasheet
468Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
logo
Renesas Technology Corp
ISL54207 RENESAS-ISL54207 Datasheet
833Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
logo
Intersil Corporation
ISL54208 INTERSIL-ISL54208 Datasheet
447Kb / 15P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
logo
Renesas Technology Corp
ISL54208 RENESAS-ISL54208 Datasheet
890Kb / 15P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
ISL54415 RENESAS-ISL54415 Datasheet
871Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/Audio Switches with Negative Signal Capability
logo
Maxim Integrated Produc...
MAX4762 MAXIM-MAX4762_V01 Datasheet
481Kb / 15P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
2006
logo
ams AG
AS1747 AMSCO-AS1747_04 Datasheet
875Kb / 17P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
logo
Maxim Integrated Produc...
MAX4762 MAXIM-MAX4762 Datasheet
512Kb / 15P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
19-3152; Rev 0; 1/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com