Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5240MTC Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FAN5240MTC
Description  Multi-Phase PWM Controller for AMD Mobile Athlon and Duron
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5240MTC Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN5240MTC Datasheet HTML 6Page - Fairchild Semiconductor FAN5240MTC Datasheet HTML 7Page - Fairchild Semiconductor FAN5240MTC Datasheet HTML 8Page - Fairchild Semiconductor FAN5240MTC Datasheet HTML 9Page - Fairchild Semiconductor FAN5240MTC Datasheet HTML 10Page - Fairchild Semiconductor FAN5240MTC Datasheet HTML 11Page - Fairchild Semiconductor FAN5240MTC Datasheet HTML 12Page - Fairchild Semiconductor FAN5240MTC Datasheet HTML 13Page - Fairchild Semiconductor FAN5240MTC Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
www.fairchildsemi.com
FAN5240 Rev. 1.2.0
Current Processing Section
The following discussion refers to Figure 6.
Setting RSENSE
Each phase current is sampled about 200nS after the
SW node crosses 0V. For proper converter operation,
choose an RSENSE value of:
which is about 1K for the components in Figure 1.
Active Droop
The core converter incorporates a proprietary output
voltage droop method for optimum handling of fast load
transients found in modern processors.
“Active droop” or voltage positioning is now widely used
in the computer power applications. The technique is
based on raising the converter voltage at light load in
anticipation of a step increase in load current, and con-
versely, lowering VCORE in anticipation of a step
decrease in load current.
With Active Droop, the output voltage varies with the load
as if a resistor were connected in series with the con-
verter’s output, in other words, it's effect is to raise the
output resistance of the converter.
Figure 5. Active Droop
To get the most from the Active Droop, its magnitude
should be scaled to match the output capacitor’s ESR
voltage drop.
Active Droop allows the size and cost of the output
capacitors required to handle CPU current transients to
be reduced. The reduction may be almost a factor of 2
when compared to a system without Active Droop.
Figure 6. Current Limit and Active Droop Circuits
R
SENSE
R
DS ON
() IMAX
40
µA
-----------------------------------------
=
1.2
I
LOAD
V
DROOP
I
MAX
V
DROOP
I
MAX
ESR
×
=
(6)
LDRV1
PGND1
ISNS1
in +
in D
2.5V
ILIM det. 1
R
SENSE
V to I
ISNS1
5
ISNS1
8
I2 =
ILIM
ILIM
0.9V
R
ILIM
ILIM mirror
S/H
ISNS2
5
To A1 (+)
ISNS1
ISNS2
A
B
A-B
B-A
ISNS2-ISNS1
ISNS1-ISNS2
Σ


Similar Part No. - FAN5240MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5240MTC FAIRCHILD-FAN5240MTC Datasheet
447Kb / 19P
   Multi-Phase PWM Controller for AMD Mobile Athlon TM and Duron TM
FAN5240MTCX FAIRCHILD-FAN5240MTCX Datasheet
447Kb / 19P
   Multi-Phase PWM Controller for AMD Mobile Athlon TM and Duron TM
More results

Similar Description - FAN5240MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5240 FAIRCHILD-FAN5240 Datasheet
447Kb / 19P
   Multi-Phase PWM Controller for AMD Mobile Athlon TM and Duron TM
logo
Microsemi Corporation
LX1676 MICROSEMI-LX1676_05 Datasheet
323Kb / 16P
   Mobile AMD Athlon??VRM Controller
logo
Cypress Semiconductor
CY28372 CYPRESS-CY28372 Datasheet
283Kb / 18P
   SiS 746 AMD Athlon/AMD Duron Clock Synthesizer
logo
SpectraLinear Inc
CY28372 SPECTRALINEAR-CY28372 Datasheet
227Kb / 17P
   SiS 746 AMD Athlon??AMD Duron??Clock Synthesizer
logo
Intersil Corporation
ISL6264 INTERSIL-ISL6264 Datasheet
433Kb / 24P
   Two-Phase Core Controller for AMD Mobile Turion CPUs
logo
Renesas Technology Corp
ISL6264 RENESAS-ISL6264 Datasheet
1Mb / 23P
   Two-Phase Core Controller for AMD Mobile Turion CPUs
logo
Maxim Integrated Produc...
MAX8760 MAXIM-MAX8760 Datasheet
845Kb / 39P
   Dual-Phase, Quick-PWM Controller for AMD Mobile Turion 64 CPU Core Power Supplies
Rev 0; 5/05
logo
Renesas Technology Corp
ISL6244 RENESAS-ISL6244 Datasheet
1Mb / 25P
   Multi-Phase PWM Controller
ISL6559 RENESAS-ISL6559 Datasheet
1Mb / 21P
   Multi-Phase PWM Controller
logo
Intersil Corporation
ISL6569 INTERSIL-ISL6569 Datasheet
497Kb / 22P
   Multi-Phase PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com