Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR1007_0610 Datasheet(PDF) 3 Page - Mimix Broadband

Part # XR1007_0610
Description  11.0-17.0 GHz GaAs MMIC Receiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XR1007_0610 Datasheet(HTML) 3 Page - Mimix Broadband

  XR1007_0610 Datasheet HTML 1Page - Mimix Broadband XR1007_0610 Datasheet HTML 2Page - Mimix Broadband XR1007_0610 Datasheet HTML 3Page - Mimix Broadband XR1007_0610 Datasheet HTML 4Page - Mimix Broadband XR1007_0610 Datasheet HTML 5Page - Mimix Broadband XR1007_0610 Datasheet HTML 6Page - Mimix Broadband XR1007_0610 Datasheet HTML 7Page - Mimix Broadband XR1007_0610 Datasheet HTML 8Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
11.0-17.0 GHz GaAs MMIC
Receiver
Page 3 of 8
Receiver Measurements (cont.)
LSB, PRF= - 20 dBm, PLO = 0, 3 & 6 dBm, VG4 = - 0.6 V, 5 RC, 08 AUG 2005:
IIP3 avg (dBm) vs. RF (GHz)
-2
-1
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
11
12
13
14
15
16
17
18
19
RF (GHz)
IIP3, PLO (dBm)=0, RC=R10C4
IIP3, PLO (dBm)=0, RC=R10C6
IIP3, PLO (dBm)=0, RC=R11C6
IIP3, PLO (dBm)=0, RC=R12C4
IIP3, PLO (dBm)=0, RC=R13C7
IIP3, PLO (dBm)=3, RC=R10C4
IIP3, PLO (dBm)=3, RC=R10C6
IIP3, PLO (dBm)=3, RC=R11C6
IIP3, PLO (dBm)=3, RC=R12C4
IIP3, PLO (dBm)=3, RC=R13C7
IIP3, PLO (dBm)=6, RC=R10C4
IIP3, PLO (dBm)=6, RC=R10C6
IIP3, PLO (dBm)=6, RC=R11C6
IIP3, PLO (dBm)=6, RC=R12C4
IIP3, PLO (dBm)=6, RC=R13C7
USB, PRF= - 20 dBm, PLO = 0, 3 & 6 dBm, VG4 = - 0.6 V, 5 RC, 08 AUG 2005:
IIP3 avg (dBm) vs. RF (GHz)
-2
-1
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
11
12
13
14
15
16
17
18
19
RF (GHz)
IIP3, PLO (dBm)=0, RC=R10C4
IIP3, PLO (dBm)=0, RC=R10C6
IIP3, PLO (dBm)=0, RC=R11C6
IIP3, PLO (dBm)=0, RC=R12C4
IIP3, PLO (dBm)=0, RC=R13C7
IIP3, PLO (dBm)=3, RC=R10C4
IIP3, PLO (dBm)=3, RC=R10C6
IIP3, PLO (dBm)=3, RC=R11C6
IIP3, PLO (dBm)=3, RC=R12C4
IIP3, PLO (dBm)=3, RC=R13C7
IIP3, PLO (dBm)=6, RC=R10C4
IIP3, PLO (dBm)=6, RC=R10C6
IIP3, PLO (dBm)=6, RC=R11C6
IIP3, PLO (dBm)=6, RC=R12C4
IIP3, PLO (dBm)=6, RC=R13C7
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
R1007
October 2006 - Rev 13-Oct-06


Similar Part No. - XR1007_0610

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XR1007-BD MIMIX-XR1007-BD Datasheet
270Kb / 8P
   11.0-17.0 GHz GaAs MMIC
XR1007-BD MIMIX-XR1007-BD_08 Datasheet
270Kb / 8P
   11.0-17.0 GHz GaAs MMIC
XR1007-QD MIMIX-XR1007-QD Datasheet
269Kb / 6P
   10.0-18.0 GHz GaAs Receiver QFN, 7x7 mm
XR1007-QD MIMIX-XR1007-QD Datasheet
245Kb / 6P
   10.0-18.0 GHz GaAs Receiver QFN, 7x7 mm
XR1007-QD MIMIX-XR1007-QD Datasheet
865Kb / 7P
   10.0-18.0 GHz GaAs Receiver
More results

Similar Description - XR1007_0610

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XR1007 MIMIX-XR1007 Datasheet
190Kb / 8P
   11.0-17.0 GHz GaAs MMIC Receiver
XR1007-BD MIMIX-XR1007-BD_08 Datasheet
270Kb / 8P
   11.0-17.0 GHz GaAs MMIC
XR1000 MIMIX-XR1000 Datasheet
490Kb / 6P
   17.0-27.0 GHz GaAs MMIC Receiver
logo
M/A-COM Technology Solu...
XP1019-BD MA-COM-XP1019-BD Datasheet
292Kb / 8P
   17.0-24.0 GHz GaAs MMIC
logo
Mimix Broadband
CMM1118-QT MIMIX-CMM1118-QT_10 Datasheet
1Mb / 6P
   11.0-20.0 GHz GaAs MMIC
XU1010-BD MIMIX-XU1010-BD_09 Datasheet
1Mb / 1P
   17.0-34.0 GHz GaAs MMIC
XB1007-QT MIMIX-XB1007-QT_10 Datasheet
684Kb / 6P
   4.0-11.0 GHz GaAs MMIC
XP1019-BD MIMIX-XP1019-BD_08 Datasheet
292Kb / 8P
   17.0-24.0 GHz GaAs MMIC
XP1070-BD MIMIX-XP1070-BD Datasheet
1Mb / 11P
   14.5-17.0 GHz GaAs MMIC
XL1001-BD MIMIX-XL1001-BD_10 Datasheet
1Mb / 9P
   17.0-35.0 GHz GaAs MMIC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com