Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE5560N Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SE5560N
Description  Switched-mode power supply control circuit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SE5560N Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SE5560N Datasheet HTML 6Page - NXP Semiconductors SE5560N Datasheet HTML 7Page - NXP Semiconductors SE5560N Datasheet HTML 8Page - NXP Semiconductors SE5560N Datasheet HTML 9Page - NXP Semiconductors SE5560N Datasheet HTML 10Page - NXP Semiconductors SE5560N Datasheet HTML 11Page - NXP Semiconductors SE5560N Datasheet HTML 12Page - NXP Semiconductors SE5560N Datasheet HTML 13Page - NXP Semiconductors SE5560N Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Philips Semiconductors
Product specification
NE/SE5560
Switched-mode power supply control circuit
1994 Aug 31
10
a. Duty Cycle —
δ — % Regulation
b. Pulse-Width Modulation
(+)
8
3.72V
3
+
ERROR
AMP
PWM
OUT
(–)
(–) O.C.
(–)
START/
STOP
RESET
4
5
6
+
7
6
5
4
3
2
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
4
3
RS
R1
VREF(3.72V)
δ
∆VO/VREF (%)
10
20
30
40
50
60
70
80
90
R
f
R
S
+ 20
R
f
R
S
+ 100
R
f
R
S
+ 500
SL00369
Figure 10.
100
90
80
70
60
50
40
30
20
10
0
1
2
3
4
5
6
δ (%)
V4,5,6 (V)
SL00370
Figure 11. Transfer Curve of Pulse-Width Modulator
Duty Cycle vs Input Voltage
Extra PWM Input (Pin 5)
The PWM has an additional inverting input: Pin 5. It allows for
attacking the duty cycle via the PWM circuit, independently from the
feedback and the
δMAX information. This is necessary when the
SMPS must have a real constant-current behavior, possibly with a
fold-back characteristic. However, the realization of this feature must
be done with additional external components. When not used, Pin 5
should be tied to Pin 6.


Similar Part No. - SE5560N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SE556 PHILIPS-SE556 Datasheet
103Kb / 5P
   Dual timer
August 31, 1994
logo
STMicroelectronics
SE556 STMICROELECTRONICS-SE556 Datasheet
641Kb / 8P
   GENERAL PURPOSE DUAL BIPOLAR TIMERS
logo
Texas Instruments
SE556 TI-SE556 Datasheet
71Kb / 5P
[Old version datasheet]   DUAL PRECISION TIMERS
logo
STMicroelectronics
SE556 STMICROELECTRONICS-SE556 Datasheet
517Kb / 16P
   General-purpose dual bipolar timers
logo
Texas Instruments
SE556 TI-SE556 Datasheet
755Kb / 19P
[Old version datasheet]   DUAL PRECISION TIMERS
More results

Similar Description - SE5560N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5562 PHILIPS-NE5562 Datasheet
299Kb / 29P
   Switched-mode power supply control circuit
1994 Aug 31
logo
Seme LAB
IP1060A SEME-LAB-IP1060A Datasheet
27Kb / 3P
   SWITCHED MODE POWER SUPPLY CONTROL CIRCUIT
logo
NXP Semiconductors
NE5561 PHILIPS-NE5561 Datasheet
66Kb / 5P
   Switched-mode power supply control circuit
1994 Aug 31
logo
NTE Electronics
NTE7002 NTE-NTE7002 Datasheet
29Kb / 4P
   Integrated Circuit Switched Mode Power Supply Control
logo
NXP Semiconductors
TEA1039 PHILIPS-TEA1039 Datasheet
155Kb / 16P
   Control circuit for switched-mode power supply
August 1982
TDA8380A PHILIPS-TDA8380A Datasheet
158Kb / 20P
   Control circuit for switched mode power supplies
November 1993
logo
NTE Electronics
NTE7117 NTE-NTE7117 Datasheet
22Kb / 2P
   Integrated Circuit Switched-Mode Power Supply Controller
logo
List of Unclassifed Man...
UAA4006A ETC1-UAA4006A Datasheet
396Kb / 8P
   SWITCH MODE POWER SUPPLY CONTROL CIRCUIT
logo
NXP Semiconductors
NE5568 PHILIPS-NE5568 Datasheet
23Kb / 2P
   Switched-mode power supply controller
1994 Aug 31
logo
International Rectifier
IR4007K IRF-IR4007K Datasheet
32Kb / 5P
   Switched Mode Power Supply IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com