Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7641AILTZ-T7 Datasheet(PDF) 11 Page - Intersil Corporation

Part # EL7641AILTZ-T7
Description  TFT-LCD DC/DC with Integrated Amplifiers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7641AILTZ-T7 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button EL7641AILTZ-T7 Datasheet HTML 7Page - Intersil Corporation EL7641AILTZ-T7 Datasheet HTML 8Page - Intersil Corporation EL7641AILTZ-T7 Datasheet HTML 9Page - Intersil Corporation EL7641AILTZ-T7 Datasheet HTML 10Page - Intersil Corporation EL7641AILTZ-T7 Datasheet HTML 11Page - Intersil Corporation EL7641AILTZ-T7 Datasheet HTML 12Page - Intersil Corporation EL7641AILTZ-T7 Datasheet HTML 13Page - Intersil Corporation EL7641AILTZ-T7 Datasheet HTML 14Page - Intersil Corporation EL7641AILTZ-T7 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
FN6270.0
May 15, 2006
The current through MOSFET is limited to 3A peak. This
restricts the maximum output current based on the following
equation:
Where
∆IL is peak to peak inductor ripple current, and is set
by:
where fS is the switching frequency.
FIGURE 18. THE BLOCK DIAGRAM OF THE BOOST CONTROLLER
IOMAX
ILMT
∆IL
2
--------
⎝⎠
⎛⎞ VIN
VO
---------
×
=
∆IL
VIN
L
---------
D
fS
-----
×
=
IREF
IREF
FBB
IFB
IFB
COMP
VOLTAGE
AMPLIFIER
LX
PGND
SHUTDOWN
& START-UP
CONTROL
GM
AMPLIFIER
SLOPE
COMPENSATION
BUFFER
PWM
LOGIC
CURRENT
AMPLIFIER
CLOCK
REFERENCE
GENERATOR
EL7640A, EL7641A, EL7642A


Similar Part No. - EL7641AILTZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7641AILTZ-T7 RENESAS-EL7641AILTZ-T7 Datasheet
899Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
More results

Similar Description - EL7641AILTZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7640 INTERSIL-EL7640 Datasheet
493Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
logo
Renesas Technology Corp
ISL97642 RENESAS-ISL97642 Datasheet
807Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
logo
Intersil Corporation
EL7640 INTERSIL-EL7640_06 Datasheet
497Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
ISL97642 INTERSIL-ISL97642 Datasheet
308Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
logo
Renesas Technology Corp
EL7640 RENESAS-EL7640 Datasheet
874Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
EL7640A RENESAS-EL7640A Datasheet
899Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
ISL78020 RENESAS-ISL78020 Datasheet
937Kb / 19P
   Automotive Grade TFT-LCD DC/DC with Integrated Amplifiers
December 23, 2013
logo
Intersil Corporation
ISL78020 INTERSIL-ISL78020 Datasheet
314Kb / 19P
   Automotive Grade TFT-LCD DC/DC with Integrated Amplifiers
ISL78020ANZ INTERSIL-ISL78020ANZ Datasheet
347Kb / 19P
   Automotive Grade TFT-LCD DC/DC with Integrated Amplifiers
December 23, 2013
logo
Maxim Integrated Produc...
MAX8795A MAXIM-MAX8795A_12 Datasheet
646Kb / 31P
   TFT-LCD DC-DC Converter with Operational Amplifiers
Rev 5; 5/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com