Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XS1000_0610 Datasheet(PDF) 5 Page - Mimix Broadband

Part # XS1000_0610
Description  7.0-13.0 GHz GaAs MMIC 6-Bit Phase Shifter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XS1000_0610 Datasheet(HTML) 5 Page - Mimix Broadband

  XS1000_0610 Datasheet HTML 1Page - Mimix Broadband XS1000_0610 Datasheet HTML 2Page - Mimix Broadband XS1000_0610 Datasheet HTML 3Page - Mimix Broadband XS1000_0610 Datasheet HTML 4Page - Mimix Broadband XS1000_0610 Datasheet HTML 5Page - Mimix Broadband XS1000_0610 Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
0.798
(0.314)
0.998
(0.393)
1.198
(0.472)
1.398
(0.550)
1.267
(0.499)
0.0
0.0
2.973
(1.171)
1.267
(0.499)
2.104
(0.828)
1.598
(0.629)
1.998
(0.787)
1.798
(0.708)
2
3
9
1
4
5
6
7
8
Page 5 of 6
Mechanical Drawing
(Note: Engineering designator is I0005360)
Units: millimeters (inches) Bond pad dimensions are shown to center of bond pad.
Thickness: 0.110 +/- 0.010 (0.0043 +/- 0.0004), Backside is ground, Bond Pad/Backside Metallization: Gold
All Bond Pads are 0.100 x 0.100 (0.004 x 0.004).
Bond pad centers are approximately 0.109 (0.004) from the edge of the chip.
Dicing tolerance: +/- 0.005 (+/- 0.0002). Approximate weight: 3.88 mg.
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
Bond Pad #1 (RF In)
Bond Pad #2 (Input 1)
Bond Pad #3 (Input 2)
Bond Pad #4 (Input 3)
Bond Pad #5 (Vss)
Bond Pad #6 (Input 4)
Bond Pad #7 (Input 5)
Bond Pad #8 (Input 6)
Bond Pad #9 (RF Out)
Bias Arrangement
Bypass Capacitors - See App Note [2]
7.0-13.0 GHz GaAs MMIC
6-Bit Phase Shifter
S1000
October 2006 - Rev 17-Oct-06


Similar Part No. - XS1000_0610

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XS1000-BD MIMIX-XS1000-BD Datasheet
449Kb / 6P
   7.0-13.0 GHz GaAs MMIC 6-Bit Phase Shifter
XS1000-BD-000V MIMIX-XS1000-BD-000V Datasheet
449Kb / 6P
   7.0-13.0 GHz GaAs MMIC 6-Bit Phase Shifter
XS1000-BD-EV1 MIMIX-XS1000-BD-EV1 Datasheet
449Kb / 6P
   7.0-13.0 GHz GaAs MMIC 6-Bit Phase Shifter
XS1000-BD_0708 MIMIX-XS1000-BD_0708 Datasheet
449Kb / 6P
   7.0-13.0 GHz GaAs MMIC 6-Bit Phase Shifter
More results

Similar Description - XS1000_0610

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XS1000 MIMIX-XS1000 Datasheet
502Kb / 6P
   7.0-13.0 GHz GaAs MMIC 6-Bit Phase Shifter
XS1000-BD_0708 MIMIX-XS1000-BD_0708 Datasheet
449Kb / 6P
   7.0-13.0 GHz GaAs MMIC 6-Bit Phase Shifter
logo
Hittite Microwave Corpo...
HMC649LP6 HITTITE-HMC649LP6 Datasheet
349Kb / 8P
   GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 3 - 6 GHz
HMC649LP6 HITTITE-HMC649LP6_08 Datasheet
276Kb / 8P
   GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 3 - 6 GHz
HMC649 HITTITE-HMC649_09 Datasheet
221Kb / 6P
   GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 3 - 6 GHz
logo
Analog Devices
HMC649ALP6E AD-HMC649ALP6E Datasheet
448Kb / 6P
   GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 3 - 6 GHz
logo
Hittite Microwave Corpo...
HMC649 HITTITE-HMC649 Datasheet
307Kb / 8P
   GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 3 - 6 GHz
logo
Tyco Electronics
MAPCGM0005-DIE MACOM-MAPCGM0005-DIE Datasheet
309Kb / 7P
   6-Bit Digital Phase Shifter 7.0-12.0 GHz
logo
Hittite Microwave Corpo...
HMC647 HITTITE-HMC647 Datasheet
248Kb / 8P
   GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 2.5 - 3.1 GHz
HMC648 HITTITE-HMC648 Datasheet
258Kb / 8P
   GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 2.9 - 3.9 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com