Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN7311MX Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FAN7311MX
Description  LCD Backlight Inverter Drive IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7311MX Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN7311MX Datasheet HTML 6Page - Fairchild Semiconductor FAN7311MX Datasheet HTML 7Page - Fairchild Semiconductor FAN7311MX Datasheet HTML 8Page - Fairchild Semiconductor FAN7311MX Datasheet HTML 9Page - Fairchild Semiconductor FAN7311MX Datasheet HTML 10Page - Fairchild Semiconductor FAN7311MX Datasheet HTML 11Page - Fairchild Semiconductor FAN7311MX Datasheet HTML 12Page - Fairchild Semiconductor FAN7311MX Datasheet HTML 13Page - Fairchild Semiconductor FAN7311MX Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7311 Rev. 1.0.6
10
Typical Application Circuits
1. Schematic
Figure 10. Typical Application Circuit
2. Transformer Schematic Diagram
- Supported by Namyang electronics (http://www.namyangelec.co.kr)
Figure 11. Transformer Schematic
3. Core & Bobbin
Core: EFD2124
Material: PL7
Bobbin: EFE2124
Application
Lamps
Input Voltage
19-inch LCD Monitor
4
13V
0
OLP1
R16
1kΩ
D3
BAV70
R17
1kΩ
0
0
C11
15pF
0
C30
10nF
0
0
C2
1μF
TX1
0
0
C21
10nF
R6
82kΩ
J1
0
C8
10μF
C25
1μF
0
0
0
0
C28
10nF
D9
BAV99
D7
BAV99
D6
BAV99
0
0
0
OUTA
R9
9.1kΩ
0
0
HOT
1
COLD
2
CN1
CCFL
HOT
1
COLD
2
CN2
CCFL
HOT
1
COLD
2
CN4
CCFL
HOT
1
COLD
2
CN3
CCFL
C22
220μF
25V
OLR
C26 0.1μF
0
RT
OLP
D11
BAW56
D10
BAW56
SN
GN
SP
GP
DP
DP
DN
DN
M2
FDS8958A
REF
R14
100kΩ
OUTB
D1
BAW56
RT
FB
R1
330kΩ
LTM190EX
C6
1μF
0
OLP2
OLP1
OLP3
OLP4
R12
1kΩ
R11
1kΩ
R26
1kΩ
REF
R13
1kΩ
0
0
0
0
R15
10kΩ
C9
1μF
F1
FUSE
C7
10μF
1
2
3
4
5
6
7
8
9
10
CN5
12505WR-10
R24
10kΩ
R25
10kΩ
C10
15pF
C14
10nF
C12
15pF
C29
10nF
IC1
FAN7311
S_S
GND
REF
OLR
ENA
BDIM
OLP
VIN
OUTA
PGND
OUTB
RT1
CT
OUTC
ADIM
EA_IN
EA_OUT
OUTD
RT
BCT
R22
10kΩ
R23
10kΩ
C19
2.2nF
C20
2.2nF
0
0
0
0
R21
10kΩ
R20
10kΩ
C18
2.2n
C17
2.2n
0
R8
100kΩ
Q1
KST2222
C15
10nF
0
C27
1μF
0
0
R18
1kΩ
R7 0Ω
0
SN
GN
SP
GP
DP
DP
DN
DN
M1
FDS8958A
FB
0
TX2
0
C13
15pF
0
OLP3
OLP4
R19
1kΩ
OLR
R27
10kΩ
ON/OFF
12V
DIM(0~3.3V)
0
C4
4.7nF
C5
220pF
R5
27kΩ
0
R2
56kΩ
R3
18kΩ
R4
22kΩ
0
0
C3 4.7n
D4
BAV70
C1 0.22μF
D8
BAV99
0
OLP2
0
OLR
FB
FAN7311 Rev. 04
FAN7311 Rev. 04


Similar Part No. - FAN7311MX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7311MX FAIRCHILD-FAN7311MX Datasheet
380Kb / 3P
   LCD Backlight Inverter Drive IC
More results

Similar Description - FAN7311MX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7316 FAIRCHILD-FAN7316 Datasheet
1Mb / 21P
   LCD Backlight Inverter Drive IC
FAN7318 FAIRCHILD-FAN7318 Datasheet
590Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7314A FAIRCHILD-FAN7314A Datasheet
496Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7319 FAIRCHILD-FAN7319 Datasheet
1Mb / 23P
   LCD Backlight Inverter Drive IC
FAN7313 FAIRCHILD-FAN7313 Datasheet
312Kb / 11P
   LCD Backlight Inverter Drive IC
FAN7316 FAIRCHILD-FAN7316_08 Datasheet
435Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7318A FAIRCHILD-FAN7318A Datasheet
1Mb / 24P
   LCD Backlight Inverter Drive IC
FAN7314 FAIRCHILD-FAN7314 Datasheet
546Kb / 14P
   LCD Backlight Inverter Drive IC
FAN7311 FAIRCHILD-FAN7311 Datasheet
461Kb / 13P
   LCD Backlight Inverter Drive IC
FAN7314 FAIRCHILD-FAN7314_07 Datasheet
254Kb / 3P
   LCD Backlight Inverter Drive IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com