Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN7361M Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FAN7361M
Description  High-Side Gate Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7361M Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FAN7361M Datasheet HTML 1Page - Fairchild Semiconductor FAN7361M Datasheet HTML 2Page - Fairchild Semiconductor FAN7361M Datasheet HTML 3Page - Fairchild Semiconductor FAN7361M Datasheet HTML 4Page - Fairchild Semiconductor FAN7361M Datasheet HTML 5Page - Fairchild Semiconductor FAN7361M Datasheet HTML 6Page - Fairchild Semiconductor FAN7361M Datasheet HTML 7Page - Fairchild Semiconductor FAN7361M Datasheet HTML 8Page - Fairchild Semiconductor FAN7361M Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7361, FAN7362 Rev. 1.0.7
6
Typical Characteristics
Figure 4. IQCC vs. Supply Voltage
Figure 5. Input Bias Current vs. Input Voltage
Figure 6. VBS UVLO vs. Temp.
Figure 7. Turn On/Off Propagation Time vs. Temp.
Figure 9. Output Sinking/Sourcing Current vs. Temp.
Figure 8. Rising/Falling Time vs. Temp.
0
5
10
15
20
25
0
10
20
30
40
50
60
70
80
V
CC
=15V
IN=COM=0V
V
CC
[V]
-40°C
25°C
125°C
02
46
8
10
12
14
0
50
100
150
200
-40°C
25°C
125°C
V
IN
[V]
-20
0
20
40
60
80
100
120
7.5
8.0
8.5
9.0
9.5
10.0
10.5
AMBIENT TEMPERATURE [°C]
VBSSUVP1
VBSSUVP2
VBSSUVN1
VBSSUVN2
0
20
40
60
80
100
120
0
20
40
60
80
100
120
140
160
180
200
AMBIENT TEMPERATURE [°C]
TON
TOFF
-20
0
20
40
60
80
100
120
10
20
30
40
50
60
70
80
90
AMBIENT TEMPERATURE [°C]
TR
TF
-20
0
20
40
60
80
100
120
200
300
400
500
600
AMBIENT TEMPERATURE [°C]
IOH+
IOH-


Similar Part No. - FAN7361M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7361M FAIRCHILD-FAN7361M Datasheet
629Kb / 9P
   High-Side Gate Driver
FAN7361M FAIRCHILD-FAN7361M Datasheet
1Mb / 9P
   High-Side Gate Driver
FAN7361M FAIRCHILD-FAN7361M Datasheet
1Mb / 9P
   High-Side Gate Driver
logo
ON Semiconductor
FAN7361M ONSEMI-FAN7361M Datasheet
854Kb / 11P
   High-Side Gate Driver
November 2009 Rev. 1.0.8
logo
Fairchild Semiconductor
FAN7361MX FAIRCHILD-FAN7361MX Datasheet
629Kb / 9P
   High-Side Gate Driver
More results

Similar Description - FAN7361M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7081 FAIRCHILD-FAN7081 Datasheet
295Kb / 16P
   High Side Gate Driver
FAN7362 FAIRCHILD-FAN7362_09 Datasheet
1Mb / 9P
   High-Side Gate Driver
logo
ON Semiconductor
FAN7361 ONSEMI-FAN7361 Datasheet
854Kb / 11P
   High-Side Gate Driver
November 2009 Rev. 1.0.8
FAN7083-GF085 ONSEMI-FAN7083-GF085 Datasheet
466Kb / 18P
   High Side Gate Driver
September-2017,Rev. 2
logo
Fairchild Semiconductor
FAN7081 FAIRCHILD-FAN7081_1 Datasheet
306Kb / 16P
   High Side Gate Driver
FAN7361 FAIRCHILD-FAN7361_09 Datasheet
1Mb / 9P
   High-Side Gate Driver
FAN7362 FAIRCHILD-FAN7362 Datasheet
629Kb / 9P
   High-Side Gate Driver
logo
ON Semiconductor
FAN7081-GF085 ONSEMI-FAN7081-GF085 Datasheet
447Kb / 15P
   High Side Gate Driver
September-2017, Rev.2
logo
Allegro MicroSystems
A3942 ALLEGRO-A3942 Datasheet
501Kb / 20P
   Quad High-Side Gate Driver
logo
Diodes Incorporated
DGD2012 DIODES-DGD2012 Datasheet
497Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com