Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL8171ISZ-T13 Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL8171ISZ-T13
Description  Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL8171ISZ-T13 Datasheet(HTML) 5 Page - Intersil Corporation

  EL8171ISZ-T13 Datasheet HTML 1Page - Intersil Corporation EL8171ISZ-T13 Datasheet HTML 2Page - Intersil Corporation EL8171ISZ-T13 Datasheet HTML 3Page - Intersil Corporation EL8171ISZ-T13 Datasheet HTML 4Page - Intersil Corporation EL8171ISZ-T13 Datasheet HTML 5Page - Intersil Corporation EL8171ISZ-T13 Datasheet HTML 6Page - Intersil Corporation EL8171ISZ-T13 Datasheet HTML 7Page - Intersil Corporation EL8171ISZ-T13 Datasheet HTML 8Page - Intersil Corporation EL8171ISZ-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
FN6293.1
March 9, 2006
FIGURE 5. EL8171 FREQUENCY RESPONSE vs CLOAD
FIGURE 6. EL8172 FREQUENCY RESPONSE vs CLOAD
FIGURE 7. EL8171 AND EL8172 AVERAGE INPUT BIAS
CURRENT vs COMMON-MODE INPUT VOLTAGE
@ 25°C
FIGURE 8. EL8171 AND EL8172 AVERAGE INPUT BIAS
CURRENT vs COMMON-MODE INPUT VOLTAGE
@ -45°C
FIGURE 9. EL8171 AND EL8172 AVERAGE INPUT BIAS
CURRENT vs COMMON-MODE INPUT VOLTAGE
@ 85°C
FIGURE 10. EL8171 AND EL8172 INPUT OFFSET CURRENT
vs COMMON-MODE INPUT VOLTAGE
Typical Performance Curves (Continued)
100
10k
1k
100k
30
25
20
15
10
0
FREQUENCY (Hz)
AV=10
VS=5V
RL=10kΩ
RF/RG=9.08Ω
RF=178kΩ
RG=19.6kΩ
1M
5
CL=100pF
CL=27pF
CL=47pF
100
10k
1k
100k
50
45
40
35
30
25
FREQUENCY (Hz)
AV=100
VS=5V
RL=10kΩ
RF/RG=99.02Ω
RF=221kΩ
RG=2.23kΩ
1M
CL=2200pF
CL=1000pF
CL=820pF
CL=390pF
-4
-2
0
2
4
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
COMMON-MODE INPUT VOLTAGE (V)
25C
Vs=2.9V
Vs=3.3V
Vs=5V
25°C
-4
-2
0
2
4
-0.5
00.5
11.5
22.5
33.544.5
55.5
COMMON-MODE INPUT VOLTAGE (V)
-45C
Vs=2.9V
Vs=3.3V
Vs=5V
-45°C
-100
-50
0
50
100
-0.5 0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
COMMON-MODE INPUT VOLTAGE (V)
85C
Vs=5V
Vs=3.3V
Vs=2.9V
85°C
-10
-5
0
5
10
-0.5
00.5
11.5
2
2.5
33.544.555.5
COMMON-MODE INPUT VOLTAGE (V)
Vs=5V
EL8171, EL8172


Similar Part No. - EL8171ISZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8171 INTERSIL-EL8171 Datasheet
642Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
EL8171 INTERSIL-EL8171 Datasheet
631Kb / 13P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
EL8171 INTERSIL-EL8171 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
EL8171 RENESAS-EL8171 Datasheet
931Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
logo
Intersil Corporation
EL8171FSZ INTERSIL-EL8171FSZ Datasheet
642Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
More results

Similar Description - EL8171ISZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8170 INTERSIL-EL8170 Datasheet
613Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
EL8170FSZ-T7 INTERSIL-EL8170FSZ-T7 Datasheet
700Kb / 13P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
October 15, 2013
logo
Renesas Technology Corp
EL8171 RENESAS-EL8171 Datasheet
931Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
logo
Intersil Corporation
EL8171 INTERSIL-EL8171_07 Datasheet
642Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
logo
Renesas Technology Corp
EL8170 RENESAS-EL8170 Datasheet
985Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
logo
Intersil Corporation
EL8171 INTERSIL-EL8171 Datasheet
631Kb / 13P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
EL8170 INTERSIL-EL8170_08 Datasheet
640Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
EL8170FSZ INTERSIL-EL8170FSZ Datasheet
716Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
August 11, 2015
EL8170 INTERSIL-EL8170 Datasheet
706Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
logo
Linear Technology
LT1789-1 LINER-LT1789-1 Datasheet
510Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com