Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE5592 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # NE5592
Description  Video amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE5592 Datasheet(HTML) 2 Page - NXP Semiconductors

  NE5592 Datasheet HTML 1Page - NXP Semiconductors NE5592 Datasheet HTML 2Page - NXP Semiconductors NE5592 Datasheet HTML 3Page - NXP Semiconductors NE5592 Datasheet HTML 4Page - NXP Semiconductors NE5592 Datasheet HTML 5Page - NXP Semiconductors NE5592 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Philips Semiconductors
Product specification
NE5592
Video amplifier
1987 Oct 20
3
ABSOLUTE MAXIMUM RATINGS
TA=25°C, unless otherwise specified.
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage
±8
V
VIN
Differential input voltage
±5
V
VCM
Common mode Input voltage
±6
V
IOUT
Output current
10
mA
TA
Operating temperature range
NE5592
0 to +70
°C
TSTG
Storage temperature range
-65 to +150
°C
PD MAX
Maximum power dissipation,
TA=25°C (still air)1
D package
1.03
W
N package
1.48
W
NOTES:
1. Derate above 25
°C at the following rates:
D package 8.3mW/
°C
N package 11.9mW/
°C
DC ELECTRICAL CHARACTERISTICS
TA=+25°C, VSS=±6V, VCM=0, unless otherwise specified. Recommended operating supply voltage is VS = ±6.0V, and gain select pins are
connected together.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNITS
SYMBOL
PARAMETER
TEST CONDITIONS
Min
Typ
Max
UNITS
AVOL
Differential voltage gain
RL=2kΩ, VOUT=3VP-P
400
480
600
V/V
RIN
Input resistance
3
14
k
CIN
Input capacitance
2.5
pF
IOS
Input offset current
0.3
3
µA
IBIAS
Input bias current
5
20
µA
Input noise voltage
BW 1kHz to 10MHz
4
nV/
√Hz
VIN
Input voltage range
±1.0
V
CMRR
Common-mode rejection ratio
VCM ± 1V, f<100kHz
VCM ± 1V, f=5MHz
60
93
87
dB
dB
PSRR
Supply voltage rejection ratio
∆VS= ± 0.5V
50
85
dB
Channel separation
VOUT=1VP-P; f=100kHz
(output referenced) RL=1kΩ
65
70
dB
VOS
Output offset voltage
gain select pins open
RL=∞
RL=∞
0.5
0.25
1.5
0.75
V
V
VCM
Output common-mode voltage
RL=∞
2.4
3.1
3.4
V
VOUT
Output differential voltage swing
RL=2kΩ
3.0
4.0
V
ROUT
Output resistance
20
ICC
Power supply current
(total for both sides)
RL=∞
35
44
mA


Similar Part No. - NE5592

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NE55 ONSEMI-NE55 Datasheet
170Kb / 10P
   Internally Compensated Dual Low Noise Operational Amplifier
March, 2006 ??Rev. 1
logo
Diodes Incorporated
NE55 DIODES-NE55 Datasheet
729Kb / 14P
   PRECISION TIMERS
logo
Renesas Technology Corp
NE5500134 RENESAS-NE5500134 Datasheet
285Kb / 8P
   SILICON POWER MOS FET
2007
NE5500134-A RENESAS-NE5500134-A Datasheet
137Kb / 2P
   RF & Microwave device
NE5500134-AZ RENESAS-NE5500134-AZ Datasheet
285Kb / 8P
   SILICON POWER MOS FET
2007
More results

Similar Description - NE5592

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM592 NJRC-NJM592 Datasheet
193Kb / 7P
   VIDEO AMPLIFIER
logo
ON Semiconductor
NE592 ONSEMI-NE592_16 Datasheet
102Kb / 10P
   Video Amplifier
March, 2016 ??Rev. 5
logo
NXP Semiconductors
NE592 PHILIPS-NE592 Datasheet
141Kb / 8P
   Video amplifier
April 15, 1992
logo
Agamem Microelectronic ...
AA8500 AGAMEM-AA8500 Datasheet
41Kb / 1P
   VIDEO AMPLIFIER
AA8630 AGAMEM-AA8630 Datasheet
153Kb / 6P
   VIDEO AMPLIFIER
AA8500AP AGAMEM-AA8500AP Datasheet
160Kb / 5P
   VIDEO AMPLIFIER
logo
Mitsumi Electronics, Co...
MM1002 MITSUMI-MM1002 Datasheet
104Kb / 6P
   Video Amplifier
logo
ON Semiconductor
NE592 ONSEMI-NE592 Datasheet
173Kb / 12P
   Video Amplifier
October, 2006 ??Rev. 4
logo
Zetex Semiconductors
ZXFV202 ZETEX-ZXFV202 Datasheet
34Kb / 2P
   Video Amplifier
logo
Mitsumi Electronics, Co...
MM1207 MITSUMI-MM1207 Datasheet
129Kb / 5P
   85MHz RGB Video Amplifier/130MHz RGB Video Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com