Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL28276IAZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL28276IAZ
Description  Dual Precision Micropower Single Supply Rail-to-Rail Input and Output Precision Op-Amps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28276IAZ Datasheet(HTML) 3 Page - Intersil Corporation

  ISL28276IAZ Datasheet HTML 1Page - Intersil Corporation ISL28276IAZ Datasheet HTML 2Page - Intersil Corporation ISL28276IAZ Datasheet HTML 3Page - Intersil Corporation ISL28276IAZ Datasheet HTML 4Page - Intersil Corporation ISL28276IAZ Datasheet HTML 5Page - Intersil Corporation ISL28276IAZ Datasheet HTML 6Page - Intersil Corporation ISL28276IAZ Datasheet HTML 7Page - Intersil Corporation ISL28276IAZ Datasheet HTML 8Page - Intersil Corporation ISL28276IAZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
FN6301.0
June 23, 2006
IS,ON
Supply Current, Enabled
All channels enabled.
120
156
175
µA
IS,OFF
Supply Current, Disabled
All channels disabled.
4
7
9
µA
ISC+
Short Circuit Sourcing Capability
RL = 10Ω
29
23
31
mA
ISC-
Short Circuit Sinking Capability
RL = 10Ω
24
19
26
mA
VS
Minimum Supply Voltage
2.4
V
VINH
Enable Pin High Level
2
V
VINL
Enable Pin Low Level
0.8
V
IENH
Enable Pin Input Current
VEN = 5V
0.7
1.3
1.5
µA
IENL
Enable Pin Input Current
VEN = 0V
-0.1
0
+0.1
µA
Electrical Specifications
V+ = 5V, 0V, VCM = 0.1V, VO = 1.4V, TA = 25°C unless otherwise specified.
Boldface limits apply over the operating temperature range, -40°C to +125°C (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Typical Performance Curves
FIGURE 1. FREQUENCY RESPONSE vs SUPPLY VOLTAGE
FIGURE 2. FREQUENCY RESPONSE vs SUPPLY VOLTAGE
FIGURE 3. INPUT OFFSET VOLTAGE vs OUTPUT VOLTAGE
FIGURE 4. INPUT OFFSET VOLTAGE vs COMMON-MODE
INPUT VOLTAGE
AV = 1
RL = 10kΩ
CL = 2.7pF
RF = 100Ω
RG = OPEN
-8
4
8
-4
0
100
10k
100k
10M
FREQUENCY (Hz)
1k
1M
VS = ±1.0V
VS = ±1.25V
VS = ±2.5V
AV = 100
RL = 10kΩ
CL = 2.7pF
RF/RG = 99.02
RF = 221kΩ
RG = 2.23kΩ
0
15
20
25
40
45
30
35
5
10
100
10k
100k
1M
FREQUENCY (Hz)
1k
VS = ±1.0V
VS = ±1.25V
VS = ±2.5V
-200
-100
0
150
200
50
100
05
OUTPUT VOLTAGE (V)
13
24
VCM = VDD/2
AV = -1
-150
-50
VDD = 2.5V
VDD = 5V
-100
-80
-20
0
-60
-40
05
COMMON-MODE INPUT VOLTAGE (V)
13
24
VOS, µV
ISL28276


Similar Part No. - ISL28276IAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28276IAZ INTERSIL-ISL28276IAZ Datasheet
500Kb / 13P
   Dual and Quad Precision Micropower Single Supply Rail-to-Rail Input and Output Precision Op Amps
ISL28276IAZ INTERSIL-ISL28276IAZ Datasheet
972Kb / 19P
   Single, Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
ISL28276IAZ RENESAS-ISL28276IAZ Datasheet
1Mb / 19P
   Single, Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
June 23, 2009
logo
Intersil Corporation
ISL28276IAZ-T7 INTERSIL-ISL28276IAZ-T7 Datasheet
500Kb / 13P
   Dual and Quad Precision Micropower Single Supply Rail-to-Rail Input and Output Precision Op Amps
More results

Similar Description - ISL28276IAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28276 INTERSIL-ISL28276_07 Datasheet
500Kb / 13P
   Dual and Quad Precision Micropower Single Supply Rail-to-Rail Input and Output Precision Op Amps
logo
Linear Technology
LT1467L LINER-LT1467L_15 Datasheet
248Kb / 12P
   Micropower Dual/Quad Precision Rail-to-Rail Input and Output Op Amps
LT1466L LINER-LT1466L_15 Datasheet
248Kb / 12P
   Micropower Dual/Quad Precision Rail-to-Rail Input and Output Op Amps
LT1466L LINER-LT1466L Datasheet
274Kb / 12P
   Micropower Dual/Quad Precision Rail-to-Rail Input and Output Op Amps
logo
Intersil Corporation
EL8178 INTERSIL-EL8178 Datasheet
641Kb / 8P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
EL8188 INTERSIL-EL8188_07 Datasheet
873Kb / 11P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
logo
Renesas Technology Corp
EL8188 RENESAS-EL8188 Datasheet
990Kb / 14P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
February 24, 2011
logo
Intersil Corporation
EL8176 INTERSIL-EL8176_06 Datasheet
476Kb / 13P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
EL8188 INTERSIL-EL8188 Datasheet
590Kb / 14P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
EL8176 INTERSIL-EL8176 Datasheet
1Mb / 18P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com