Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN7527B Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FAN7527B
Description  Power Factor Correction Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7527B Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN7527B_03 Datasheet HTML 1Page - Fairchild Semiconductor FAN7527B_03 Datasheet HTML 2Page - Fairchild Semiconductor FAN7527B_03 Datasheet HTML 3Page - Fairchild Semiconductor FAN7527B_03 Datasheet HTML 4Page - Fairchild Semiconductor FAN7527B_03 Datasheet HTML 5Page - Fairchild Semiconductor FAN7527B_03 Datasheet HTML 6Page - Fairchild Semiconductor FAN7527B_03 Datasheet HTML 7Page - Fairchild Semiconductor FAN7527B_03 Datasheet HTML 8Page - Fairchild Semiconductor FAN7527B_03 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev 1.0.2
Features
• Internal start-up timer
• Internal R/C filter eliminates the need for an external
R/C filter
• Very precise adjustable output over voltage protection
• Zero current detector
• One quadrant multiplier
• Trimmed 1.5% internal band gap reference
• Under voltage lockout with 3V of hysteresis
• Totem pole output with high state clamp
• Low start-up and operating current
• 8-Pin DIP or 8-Pin SOP
Applications
• Electronic ballast
•SMPS
Description
The FAN7527B provides simple and high performance
active power factor correction. The FAN7527B is optimized
for electronic ballasts and low power and high density power
supplies which require minimum board size, reduced
external components and low power dissipation. Because the
R/C filter is included in the current sense block, the external
R/C filter is not necessary. Special circuitry has also been
added to prevent no load runaway conditions. Regardless of
the supply voltage, the output drive clamping circuit limits
the overshoot of the power MOSFET gate drive. It greatly
enhances the system reliability.
FAN7527B
Power Factor Correction Controller
8-DIP
8-SOP
1
1


Similar Part No. - FAN7527B_03

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7527BM FAIRCHILD-FAN7527BM Datasheet
395Kb / 12P
   Power Factor Correction Controller
FAN7527BM FAIRCHILD-FAN7527BM Datasheet
407Kb / 12P
   FAN7527B Power Factor Correction Controller
FAN7527BMX FAIRCHILD-FAN7527BMX Datasheet
407Kb / 12P
   FAN7527B Power Factor Correction Controller
FAN7527BN FAIRCHILD-FAN7527BN Datasheet
395Kb / 12P
   Power Factor Correction Controller
FAN7527BN FAIRCHILD-FAN7527BN Datasheet
407Kb / 12P
   FAN7527B Power Factor Correction Controller
More results

Similar Description - FAN7527B_03

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP1661 BCDSEMI-AP1661 Datasheet
295Kb / 13P
   POWER FACTOR CORRECTION CONTROLLER
logo
Fairchild Semiconductor
KA7524B FAIRCHILD-KA7524B Datasheet
60Kb / 10P
   Power Factor Correction Controller
KA7525B FAIRCHILD-KA7525B Datasheet
480Kb / 18P
   Power Factor Correction Controller
KA7526 FAIRCHILD-KA7526 Datasheet
250Kb / 22P
   Power Factor Correction Controller
FAN7527B FAIRCHILD-FAN7527B Datasheet
395Kb / 12P
   Power Factor Correction Controller
FAN4810 FAIRCHILD-FAN4810 Datasheet
160Kb / 14P
   Power Factor Correction Controller
logo
Renesas Technology Corp
HA16178P RENESAS-HA16178P Datasheet
282Kb / 25P
   Power Factor Correction Controller IC
logo
Rohm
BD7695FJ ROHM-BD7695FJ Datasheet
1Mb / 27P
   Power Factor Correction Controller IC
15.Jul.2022 Rev.001
logo
Fairchild Semiconductor
FAN7527BMX FAIRCHILD-FAN7527BMX Datasheet
407Kb / 12P
   FAN7527B Power Factor Correction Controller
FAN6982 FAIRCHILD-FAN6982 Datasheet
566Kb / 16P
   CCM Power Factor Correction Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com