Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN7527B Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FAN7527B
Description  Power Factor Correction Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7527B Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN7527B Datasheet HTML 2Page - Fairchild Semiconductor FAN7527B Datasheet HTML 3Page - Fairchild Semiconductor FAN7527B Datasheet HTML 4Page - Fairchild Semiconductor FAN7527B Datasheet HTML 5Page - Fairchild Semiconductor FAN7527B Datasheet HTML 6Page - Fairchild Semiconductor FAN7527B Datasheet HTML 7Page - Fairchild Semiconductor FAN7527B Datasheet HTML 8Page - Fairchild Semiconductor FAN7527B Datasheet HTML 9Page - Fairchild Semiconductor FAN7527B Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
FAN7527B
6
Electrical Characteristics (Continued)
VCC= 14V, -25
°C ≤ Ta ≤ 125°C, unless otherwise stated.
Note 1 ~ 14: These parameters, although guaranteed, are not 100% tested in production.
Characteristics
Symbol
Test Condition
Min.
Typ.
Max.
Unit
< CURRENT SENSE SECTION>
Input offset voltage (Note8)
Vio(cs)
Vm1=0V , Vm2 = 2.2V
-10
3
10
mV
Input bias current
Ib(cs)
0V
≤ Vcs ≤ 1.7V
-1
-0.1
1
uA
Current sense delay to output (Note11)
td(cs)
-
-
200
500
ns
< ZERO CURRENT DETECT SECTION >
Input voltage threshold
Vth(det)
Vdet increasing
1.7
2
2.3
V
Detect hysteresis
HY(det)
-
0.2
0.5
0.8
V
Input low clamp voltage
Vclamp(I)
Idet = -100uA
0.45
0.75
1
V
Input high clamp voltage
Vclamp(h)
Idet = 3mA
6.5
7.2
7.9
V
Input bias current
Ib(det)
1V
≤ Vdet ≤ 5V
-1
-0.1
1
uA
Input high/low clamp diode current (Note12) Iclamp(d)
-
-
-
±3mA
< OUTPUT SECTION >
Output voltage high
Voh
Io = -10mA
10.5
11
-
V
Output voltage low
VoI
Io = 10mA
-
0.8
1
V
Rising time (Note13)
tr
CI = 1nF
-
130
200
ns
Falling time (Note14)
tf
CI = 1nF
-
50
120
ns
Maximum output voltage
Vomax(o)
Vcc = 20V, Io = 100uA
12
14
16
V
Output voltage with UVLO activated
Vomin(o)
Vcc = 5V , Io = 100uA
-
-
1
V
< RESTART TIMER SECTION>
Restart time delay
td(rst)
Vm1 = 1V, Vm2 = 3.5V
-
150
-
us
<OVER VOLTAGE PROTECTION SECTION>
Soft OVP detecting current
Isovp
-25
30
35
uA
Dynamic OVP detecting current
Idovp
-35
40
45
uA
Static OVP threshold voltage
Vovp
Vinv = 2.7V
2.1
2.25
2.4
V
Multiplier Gain: K
Pin4_Threshold
Vm1
Vm2
Vref
()
×
-------------------------------------------------------...... Vm1
Vpin3,Vm2
Vpin2
==
()
=


Similar Part No. - FAN7527B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7527B FAIRCHILD-FAN7527B Datasheet
395Kb / 12P
   Power Factor Correction Controller
FAN7527B FAIRCHILD-FAN7527B Datasheet
1Mb / 37P
   Interleaved Dual BCM PFC Controllers
FAN7527BM FAIRCHILD-FAN7527BM Datasheet
395Kb / 12P
   Power Factor Correction Controller
FAN7527BM FAIRCHILD-FAN7527BM Datasheet
407Kb / 12P
   FAN7527B Power Factor Correction Controller
FAN7527BMX FAIRCHILD-FAN7527BMX Datasheet
407Kb / 12P
   FAN7527B Power Factor Correction Controller
More results

Similar Description - FAN7527B

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP1661 BCDSEMI-AP1661 Datasheet
295Kb / 13P
   POWER FACTOR CORRECTION CONTROLLER
logo
Fairchild Semiconductor
KA7524B FAIRCHILD-KA7524B Datasheet
60Kb / 10P
   Power Factor Correction Controller
KA7525B FAIRCHILD-KA7525B Datasheet
480Kb / 18P
   Power Factor Correction Controller
KA7526 FAIRCHILD-KA7526 Datasheet
250Kb / 22P
   Power Factor Correction Controller
FAN7527B FAIRCHILD-FAN7527B Datasheet
395Kb / 12P
   Power Factor Correction Controller
FAN4810 FAIRCHILD-FAN4810 Datasheet
160Kb / 14P
   Power Factor Correction Controller
logo
Renesas Technology Corp
HA16178P RENESAS-HA16178P Datasheet
282Kb / 25P
   Power Factor Correction Controller IC
logo
Rohm
BD7695FJ ROHM-BD7695FJ Datasheet
1Mb / 27P
   Power Factor Correction Controller IC
15.Jul.2022 Rev.001
logo
Fairchild Semiconductor
FAN7527BMX FAIRCHILD-FAN7527BMX Datasheet
407Kb / 12P
   FAN7527B Power Factor Correction Controller
FAN6982 FAIRCHILD-FAN6982 Datasheet
566Kb / 16P
   CCM Power Factor Correction Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com