Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL21007BFB812Z Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL21007BFB812Z
Description  Precision, Low Noise FGA??Voltage References
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21007BFB812Z Datasheet(HTML) 5 Page - Intersil Corporation

  ISL21007BFB812Z Datasheet HTML 1Page - Intersil Corporation ISL21007BFB812Z Datasheet HTML 2Page - Intersil Corporation ISL21007BFB812Z Datasheet HTML 3Page - Intersil Corporation ISL21007BFB812Z Datasheet HTML 4Page - Intersil Corporation ISL21007BFB812Z Datasheet HTML 5Page - Intersil Corporation ISL21007BFB812Z Datasheet HTML 6Page - Intersil Corporation ISL21007BFB812Z Datasheet HTML 7Page - Intersil Corporation ISL21007BFB812Z Datasheet HTML 8Page - Intersil Corporation ISL21007BFB812Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
FN6326.1
April 12, 2007
Electrical Specifications (ISL21007-25, VOUT = 2.50V) VIN = 3.0V, TA = -40°C to +125°C, unless otherwise specified
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
VOUT
Output Voltage
2.500
V
ΔV
OUT /ΔVIN
Line Regulation
2.7V < VIN < 5.5V
50
200
µV/V
ΔV
OUT/ΔIOUT
Load Regulation
Sourcing: 0mA
≤ I
OUT ≤ 5mA
10
100
µV/mA
Sinking: -5mA
≤ I
OUT ≤ 0mA
20
150
µV/mA
ISC
Short Circuit Current
TA = +25°C, VOUT tied to GND
50
mA
ΔV
OUT/ΔTA
Thermal Hysteresis (Note 3)
ΔT
A = +165°C
50
ppm
NOTES:
2. Over the specified temperature range. Temperature coefficient is measured by the box method whereby the change in VOUT is divided by the
temperature range; in this case, -40°C to +125°C = +165°C.
3. Thermal Hysteresis is the change of VOUT measured @ TA = +25°C after temperature cycling over a specified range, ΔTA. VOUT is read initially
at TA = +25°C for the device under test. The device is temperature cycled and a second VOUT measurement is taken at +25°C. The difference
between the initial VOUT reading and the second VOUT reading is then expressed in ppm. For Δ TA = +165°C, the device under test is cycled
from +25°C to +125°C to -40°C to +25°C.
4. FGA voltage reference long term drift is a logarithmic characteristic. Changes that occur after the first few hundred hours of operation are
significantly smaller with time, asymptotically approaching zero beyond 1,000 hours. Because of this decreasing characteristics, long term drift
is specified in ppm/
√1kHrs.
Typical Performance Curves (ISL21007-12) (R
EXT = 100kΩ)
FIGURE 2. IIN vs VIN (3 UNITS)
FIGURE 3. IIN vs VIN OVER TEMPERATURE
FIGURE 4. LINE REGULATION (3 UNITS)
FIGURE 5. LINE REGULATION OVER TEMPERATURE
0
20
40
60
80
100
120
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VIN (V)
UNIT 3
UNIT 1
UNIT 2
60
65
70
75
80
85
90
95
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
+125°C
+25°C
-40°C
1.24980
1.24985
1.24990
1.24995
1.25000
1.25005
1.25010
1.25015
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
UNIT 3
UNIT 1
UNIT 2
-300
-250
-200
-150
-100
-50
0
50
100
150
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VIN (V)
+125°C
+25°C
-40°C
ISL21007


Similar Part No. - ISL21007BFB812Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21007BFB812Z INTERSIL-ISL21007BFB812Z Datasheet
879Kb / 18P
   Precision, Low Noise FGA?줧oltage References
ISL21007BFB812Z INTERSIL-ISL21007BFB812Z Datasheet
1Mb / 20P
   Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21007BFB812Z RENESAS-ISL21007BFB812Z Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
More results

Similar Description - ISL21007BFB812Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Intersil Corporation
ISL21009 INTERSIL-ISL21009 Datasheet
326Kb / 13P
   Precision, Low Noise FGA??Voltage References
ISL21007 INTERSIL-ISL21007_11 Datasheet
1Mb / 20P
   Precision, Low Noise FGA??Voltage References
ISL21007_0712 INTERSIL-ISL21007_0712 Datasheet
879Kb / 18P
   Precision, Low Noise FGA?줧oltage References
ISL21009_0709 INTERSIL-ISL21009_0709 Datasheet
640Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009MEP INTERSIL-ISL21009MEP Datasheet
557Kb / 14P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009 INTERSIL-ISL21009_09 Datasheet
721Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
   Precision 0.600V Low Voltage FGA??References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com