Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL22349WFV14Z Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL22349WFV14Z
Description  Quad Digitally Controlled Potentiometers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22349WFV14Z Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL22349WFV14Z Datasheet HTML 4Page - Intersil Corporation ISL22349WFV14Z Datasheet HTML 5Page - Intersil Corporation ISL22349WFV14Z Datasheet HTML 6Page - Intersil Corporation ISL22349WFV14Z Datasheet HTML 7Page - Intersil Corporation ISL22349WFV14Z Datasheet HTML 8Page - Intersil Corporation ISL22349WFV14Z Datasheet HTML 9Page - Intersil Corporation ISL22349WFV14Z Datasheet HTML 10Page - Intersil Corporation ISL22349WFV14Z Datasheet HTML 11Page - Intersil Corporation ISL22349WFV14Z Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
FN6331.2
September 15, 2006
Pin Descriptions
Potentiometers Pins
RWi (i = 0, 1, 2 or 3)
RWi is the wiper terminal and is equivalent to the movable
terminal of a mechanical potentiometer. The position of the
wiper within the array is determined by the WRi register.
SHDN
The SHDN pin forces the resistor to end-to-end open circuit
condition and shorts all RWi to GND. When SHDN is
returned to logic high, the previous latch settings put RWi at
the same resistance setting prior to shutdown. This pin is
logically OR’d with SHDN bit in ACR register. I2C interface is
still available in shutdown mode and all registers are
accessible. This pin must remain HIGH for normal operation.
FIGURE 7. END TO END RTOTAL % CHANGE vs
TEMPERATURE
FIGURE 8. TC FOR VOLTAGE DIVIDER MODE IN ppm
FIGURE 9. MIDSCALE GLITCH, CODE 3Fh TO 40h
FIGURE 10. LARGE SIGNAL SETTLING TIME
Typical Performance Curves (Continued)
-1.00
-0.50
0.00
0.50
1.00
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (ºC)
10k
50k
Vcc = 5.5V
Vcc = 2.7V
0
15
30
45
60
75
90
105
16
36
56
76
96
TAP POSITION (DECIM AL)
10k
50k
FIGURE 11. DCP CONNECTION IN SHUTDOWN MODE
RW
ISL22349


Similar Part No. - ISL22349WFV14Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22349WFV14Z INTERSIL-ISL22349WFV14Z Datasheet
389Kb / 13P
   Quad Digitally Controlled Potentiometers
logo
Renesas Technology Corp
ISL22349WFV14Z RENESAS-ISL22349WFV14Z Datasheet
830Kb / 13P
   Quad Digitally Controlled Potentiometers (XDCP™) Low Noise, Low Power, I2C™ Bus, 128 Taps, Wiper Only
May 28, 2009
More results

Similar Description - ISL22349WFV14Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22346 INTERSIL-ISL22346_09 Datasheet
586Kb / 16P
   Quad Digitally Controlled Potentiometers
X9259 INTERSIL-X9259_07 Datasheet
319Kb / 21P
   Quad Digitally-Controlled Potentiometers
X9400WS24ZT1 INTERSIL-X9400WS24ZT1 Datasheet
405Kb / 20P
   Quad Digitally Controlled Potentiometers
September 2, 2015
X9408YS24 INTERSIL-X9408YS24 Datasheet
333Kb / 20P
   Quad Digitally Controlled Potentiometers
January 15, 2009
X9400 INTERSIL-X9400_06 Datasheet
356Kb / 19P
   Quad Digitally Controlled Potentiometers
ISL22346 INTERSIL-ISL22346 Datasheet
485Kb / 13P
   Quad Digitally Controlled Potentiometers
ISL22349 INTERSIL-ISL22349_09 Datasheet
389Kb / 13P
   Quad Digitally Controlled Potentiometers
X9409 INTERSIL-X9409_06 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
logo
Xicor Inc.
X9409 XICOR-X9409 Datasheet
407Kb / 21P
   Quad Digitally Controlled Potentiometers
logo
Intersil Corporation
X9250 INTERSIL-X9250_06 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com