Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA5570D Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SA5570D
Description  Brushless DC motor controller
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5570D Datasheet(HTML) 4 Page - NXP Semiconductors

  SA5570D Datasheet HTML 1Page - NXP Semiconductors SA5570D Datasheet HTML 2Page - NXP Semiconductors SA5570D Datasheet HTML 3Page - NXP Semiconductors SA5570D Datasheet HTML 4Page - NXP Semiconductors SA5570D Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Philips Semiconductors Linear Products
Product specification
NE/SA5570
Brushless DC motor controller
August 31, 1994
1154
SYMBOL
PARAMETER
TEST CONDITIONS
SA/NE5570
SE5570
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
Min
Typ
Max
Min
Typ
Max
UNIT
Operational Amplifier
VOS
Offset voltage
-20
3
+20
-20
3
+20
mV
IBIAS
Input bias current
1
1
µA
VCM
Input common-mode voltage
range
TA=25°C
Over temp.
-0.3
0
5
5
-0.3
0
5
5
V
VOL
Large signal voltage gain
VOUT=1V to 11V
70
90
70
90
dB
PSRR
Power supply rejection ratio
60
90
60
90
dB
VO
Output voltage swing
VIN=+50mV, IL=-150µA
VIN=-50mV, IL=+150µA
11.5
11.7
0.2
0.5
11.5
11.7
0.2
0.5
V
V
CMRR
Common-mode rejection ratio
RS=10kΩ
60
80
60
80
dB
GBW
Gain bandwidth
RF=100kΩ
250
250
kHz
VNN
Input noise voltage
F=1kHz
300
300
nV/
√Hz
Digital-to-Analog Converter
Resolution
8
8
bits
INL
Integral non-linearity error
±1
±2
±1
±2
LSB
DNL
Differential non-linearity error1
±0.5
±1
±0.5
±1
LSB
VFS
Full-scale gain error
Error amp. AV=1
±0.2
±0.8
±0.2
±0.8
%FS
Full-scale temperature drift
VREFTC=0ppm/°C
20
20
ppm/
°C
VZS
Zero-scale offset error
Error amp. AV=1
±1
±2
±1
±2
LSB
ZIN
Input impedance
(DAC ref. in)
30
45
60
30
45
60
k
tS
Settling time to
±0.5 LSB
5
5
µs
tPLH
Propagation delay time (high)
Through DAC
200
200
ns
tPHL
Propagation delay time (low)
Through DAC
200
200
ns
Logic Inputs
VIH
Input voltage: TTL high
2.0
12
2.0
12
V
VIL
Input voltage: TTL low
0
0.8
0
0.8
V
IIH
Input current: TTL high
±1
±1
µA
IIL
Input current: TTL low
±1
±1
µA
Supply Current
IDD
1.8
5.0
1.8
5.0
mA
NOTES:
1. Monotonicity guaranteed over operating temperature range.


Similar Part No. - SA5570D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SA55 ETC-SA55 Datasheet
40Kb / 2P
   PULSE WIDTH MODULATION AMPLIFIER
logo
AUK corp
SA5511 AUK-SA5511 Datasheet
207Kb / 3P
   LED Lamp
SA5511 AUK-SA5511 Datasheet
181Kb / 4P
   LED Lamp
logo
KODENSHI_AUK CORP.
SA5511 KODENSHI-SA5511 Datasheet
253Kb / 3P
   LAMP LED
logo
AUK corp
SA5511B AUK-SA5511B Datasheet
207Kb / 3P
   LED Lamp
More results

Similar Description - SA5570D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33033 ONSEMI-MC33033_07 Datasheet
413Kb / 27P
   Brushless DC Motor Controller
January, 2007 ??Rev. 9
MC33033 ONSEMI-MC33033 Datasheet
530Kb / 24P
   BRUSHLESS DC MOTOR CONTROLLER
1996 REV 3
logo
LSI Computer Systems
LS7560 LSI-LS7560 Datasheet
97Kb / 8P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UCC2626DW TI1-UCC2626DW Datasheet
685Kb / 23P
[Old version datasheet]   BRUSHLESS DC MOTOR CONTROLLER
logo
Sensitron
UC1625L SENSITRON-UC1625L Datasheet
62Kb / 4P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Integral Corp.
IL33035 INTEGRAL-IL33035 Datasheet
124Kb / 3P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UC1625 TI-UC1625 Datasheet
313Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
logo
ON Semiconductor
MC33035 ONSEMI-MC33035_06 Datasheet
527Kb / 28P
   Brushless DC Motor Controller
April, 2006 ??Rev. 8
logo
Texas Instruments
UCC2626 TI-UCC2626 Datasheet
209Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
DRV8307 TI1-DRV8307_16 Datasheet
1,007Kb / 33P
[Old version datasheet]   Brushless DC Motor Controller
logo
FOSLINK SEMICONDUCTOR C...
FSP33035 FOSLINK-FSP33035 Datasheet
1Mb / 28P
   BRUSHLESS DC MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com