Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL65426 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL65426
Description  6A Dual Synchronous Buck Regulator with Integrated MOSFETs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL65426 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL65426 Datasheet HTML 2Page - Intersil Corporation ISL65426 Datasheet HTML 3Page - Intersil Corporation ISL65426 Datasheet HTML 4Page - Intersil Corporation ISL65426 Datasheet HTML 5Page - Intersil Corporation ISL65426 Datasheet HTML 6Page - Intersil Corporation ISL65426 Datasheet HTML 7Page - Intersil Corporation ISL65426 Datasheet HTML 8Page - Intersil Corporation ISL65426 Datasheet HTML 9Page - Intersil Corporation ISL65426 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6
FN6340.2
February 21, 2007
Functional Block Diagram
SOFT
START
COMPENSATION
EA
GM
SLOPE
COMPENSATION
GATE
DRIVE
CURRENT
SENSE
LXx
PVINx
CONTROL
LOGIC
PWM
FB2
OV UV
PGOOD2
POWER-ON
RESET (POR)
PWM
REFERENCE
0.60V
POWER
DEVICE
CONFIG
POWER GOOD
SOFT
START
COMPENSATION
EA
GM
SLOPE
COMPENSATION
GATE
DRIVE
CURRENT
SENSE
LXx
PVINx
CONTROL
LOGIC
PWM
FB1
UV
PGOOD1
POWER GOOD
VCC GND
PVINx
POR
EN1
EN2
V2SET1
V2SET2
V1SET1
V1SET2
OUTPUT
VOLTAGE
CONFIG
OUTPUT
VOLTAGE
CONFIG
THERMAL
MONITOR
EPAD GND
EPAD GND
SOFT
START
EN
ISET1
ISET2
ISL65426


Similar Part No. - ISL65426

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL65426 INTERSIL-ISL65426 Datasheet
792Kb / 22P
   6A Dual Synchronous Buck Regulator with Integrated MOSFETs
logo
Renesas Technology Corp
ISL65426 RENESAS-ISL65426 Datasheet
1Mb / 22P
   6A Dual Synchronous Buck Regulator with Integrated MOSFETs
logo
Intersil Corporation
ISL65426HRZ INTERSIL-ISL65426HRZ Datasheet
792Kb / 22P
   6A Dual Synchronous Buck Regulator with Integrated MOSFETs
logo
Renesas Technology Corp
ISL65426HRZ RENESAS-ISL65426HRZ Datasheet
1Mb / 22P
   6A Dual Synchronous Buck Regulator with Integrated MOSFETs
ISL65426IRZA RENESAS-ISL65426IRZA Datasheet
1Mb / 22P
   6A Dual Synchronous Buck Regulator with Integrated MOSFETs
More results

Similar Description - ISL65426

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL65426 INTERSIL-ISL65426 Datasheet
792Kb / 22P
   6A Dual Synchronous Buck Regulator with Integrated MOSFETs
logo
Renesas Technology Corp
ISL65426 RENESAS-ISL65426 Datasheet
1Mb / 22P
   6A Dual Synchronous Buck Regulator with Integrated MOSFETs
ISL71001M RENESAS-ISL71001M Datasheet
1Mb / 33P
   6A Synchronous Buck Regulator with Integrated MOSFETs
Feb 15, 2023
ISL71001SLHM RENESAS-ISL71001SLHM Datasheet
771Kb / 27P
   Radiation Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs
Aug 10, 2021
logo
Intersil Corporation
ISL8502 INTERSIL-ISL8502 Datasheet
489Kb / 19P
   2A Synchronous Buck Regulator with Integrated MOSFETs
ISL8009AEVAL1Z INTERSIL-ISL8009AEVAL1Z Datasheet
220Kb / 5P
   1.5A Synchronous Buck Regulator with Integrated MOSFETs
logo
Renesas Technology Corp
ISL8502 RENESAS-ISL8502 Datasheet
960Kb / 19P
   2A Synchronous Buck Regulator with Integrated MOSFETs
logo
Intersil Corporation
ISL8502A INTERSIL-ISL8502A Datasheet
731Kb / 20P
   2A Synchronous Buck Regulator with Integrated MOSFETs
logo
Altera Corporation
ER2120QI ALTERA-ER2120QI Datasheet
1Mb / 24P
   2A Synchronous Buck Regulator with Integrated MOSFETs
logo
Renesas Technology Corp
ISL8502A RENESAS-ISL8502A Datasheet
1,023Kb / 20P
   2A Synchronous Buck Regulator with Integrated MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com