Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL65426HRZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL65426HRZ
Description  6A Dual Synchronous Buck Regulator with Integrated MOSFETs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL65426HRZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL65426HRZ Datasheet HTML 6Page - Intersil Corporation ISL65426HRZ Datasheet HTML 7Page - Intersil Corporation ISL65426HRZ Datasheet HTML 8Page - Intersil Corporation ISL65426HRZ Datasheet HTML 9Page - Intersil Corporation ISL65426HRZ Datasheet HTML 10Page - Intersil Corporation ISL65426HRZ Datasheet HTML 11Page - Intersil Corporation ISL65426HRZ Datasheet HTML 12Page - Intersil Corporation ISL65426HRZ Datasheet HTML 13Page - Intersil Corporation ISL65426HRZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
10
FN6340.2
February 21, 2007
FIGURE 10. VOUT1 = 1.2V REGULATION vs LOAD
FIGURE 11. VOUT1 = 1.2V REGULATION vs VIN
FIGURE 12. VOUT1 = 1.5V REGULATION vs LOAD
FIGURE 13. VOUT1 = 1.5V REGULATION vs VIN
FIGURE 14. VOUT1 = 1.8V REGULATION vs LOAD
FIGURE 15. VOUT1 = 1.8V REGULATION vs VIN
Typical Performance Curves
Circuit of Figure 2. VIN = 5V, IOUT1 = 4A, IOUT2 = 2A, TA = -10°C to +100°C unless otherwise
noted. Typical values are at TA = +25°C. (Continued)
1.165
1.175
1.185
1.195
1.205
1.215
1.225
1.235
0.1
1.0
2.0
3.0
OUTPUT LOAD (A)
5.5VIN
3.3VIN
2.5VIN
4.0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
NO LOAD
2A LOAD
4A LOAD
1.165
1.175
1.185
1.195
1.205
1.215
1.225
1.235
1.455
1.465
1.475
1.485
1.495
1.505
1.515
1.525
1.535
1.545
OUTPUT LOAD (A)
5.5VIN
3.3VIN
2.5VIN
0.1
1.0
2.0
3.0
4.0
1.455
1.465
1.475
1.485
1.495
1.505
1.515
1.525
1.535
1.545
INPUT VOLTAGE (V)
NO LOAD
2A LOAD
4A LOAD
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
OUTPUT LOAD (A)
5.5VIN
3.3VIN
2.5VIN
0.1
1.0
2.0
3.0
4.0
1.745
1.765
1.785
1.805
1.825
1.845
1.745
1.765
1.785
1.805
1.825
1.845
INPUT VOLTAGE (V)
NO LOAD
2A LOAD
4A LOAD
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
ISL65426


Similar Part No. - ISL65426HRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL65426HRZ INTERSIL-ISL65426HRZ Datasheet
792Kb / 22P
   6A Dual Synchronous Buck Regulator with Integrated MOSFETs
logo
Renesas Technology Corp
ISL65426HRZ RENESAS-ISL65426HRZ Datasheet
1Mb / 22P
   6A Dual Synchronous Buck Regulator with Integrated MOSFETs
More results

Similar Description - ISL65426HRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL65426 INTERSIL-ISL65426 Datasheet
792Kb / 22P
   6A Dual Synchronous Buck Regulator with Integrated MOSFETs
logo
Renesas Technology Corp
ISL65426 RENESAS-ISL65426 Datasheet
1Mb / 22P
   6A Dual Synchronous Buck Regulator with Integrated MOSFETs
ISL71001M RENESAS-ISL71001M Datasheet
1Mb / 33P
   6A Synchronous Buck Regulator with Integrated MOSFETs
Feb 15, 2023
ISL71001SLHM RENESAS-ISL71001SLHM Datasheet
771Kb / 27P
   Radiation Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs
Aug 10, 2021
logo
Intersil Corporation
ISL8502 INTERSIL-ISL8502 Datasheet
489Kb / 19P
   2A Synchronous Buck Regulator with Integrated MOSFETs
ISL8009AEVAL1Z INTERSIL-ISL8009AEVAL1Z Datasheet
220Kb / 5P
   1.5A Synchronous Buck Regulator with Integrated MOSFETs
logo
Renesas Technology Corp
ISL8502 RENESAS-ISL8502 Datasheet
960Kb / 19P
   2A Synchronous Buck Regulator with Integrated MOSFETs
logo
Intersil Corporation
ISL8502A INTERSIL-ISL8502A Datasheet
731Kb / 20P
   2A Synchronous Buck Regulator with Integrated MOSFETs
logo
Altera Corporation
ER2120QI ALTERA-ER2120QI Datasheet
1Mb / 24P
   2A Synchronous Buck Regulator with Integrated MOSFETs
logo
Renesas Technology Corp
ISL8502A RENESAS-ISL8502A Datasheet
1,023Kb / 20P
   2A Synchronous Buck Regulator with Integrated MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com