Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL54205AIRZ-T Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL54205AIRZ-T
Description  MP3/USB 2.0 High Speed Switch with Negative Signal Handling
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54205AIRZ-T Datasheet(HTML) 1 Page - Intersil Corporation

  ISL54205AIRZ-T Datasheet HTML 1Page - Intersil Corporation ISL54205AIRZ-T Datasheet HTML 2Page - Intersil Corporation ISL54205AIRZ-T Datasheet HTML 3Page - Intersil Corporation ISL54205AIRZ-T Datasheet HTML 4Page - Intersil Corporation ISL54205AIRZ-T Datasheet HTML 5Page - Intersil Corporation ISL54205AIRZ-T Datasheet HTML 6Page - Intersil Corporation ISL54205AIRZ-T Datasheet HTML 7Page - Intersil Corporation ISL54205AIRZ-T Datasheet HTML 8Page - Intersil Corporation ISL54205AIRZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
®
FN6342.1
ISL54205A
MP3/USB 2.0 High Speed Switch with
Negative Signal Handling
The Intersil ISL54205A dual SPDT (Single Pole/Double
Throw) switches combine low distortion audio and accurate
USB 2.0 high speed data (480Mbps) signal switching in the
same low voltage device. When operated with a 2.7V to 3.6V
single supply these analog switches allow audio signal swings
below-ground, allowing the use of a common USB and audio
headphone connector in Personal Media Players and other
portable battery powered devices.
The ISL54205A incorporates circuitry for detection of the USB
VBUS voltage, which is used to switch between the audio and
USB signal sources in the portable device. The part has a
control pin to open all the switches and put the part in a low
power down state.
The ISL54205A is available in a small 10 Ld 2.1mm x 1.6mm
ultra-thin μTQFN package and a 10Ld 3mm x 3mm TDFN
package. It operates over a temperature range of -40 to
+85°C.
Related Literature
• Application Note AN1280 “ISL54205EVAL1Z Evaluation
Board User’s Manual.
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
• Application Note AN557 “Recommended Test Procedures
for Analog Switches”
Features
• High Speed (480Mbps) Signaling Capability per USB 2.0
• Low Distortion Negative Signal Capability
• Detection of VBUS Voltage on USB Cable
• Control Pin to Open all Switches and Enter Low Power
State
• Low Distortion Headphone Audio Signals
- THD+N at 20mW into 32
Ω Load . . . . . . . . . . . . . <0.1%
• Cross-talk (20Hz to 20kHz) . . . . . . . . . . . . . . . . . . -110dB
• Single Supply Operation (VDD) . . . . . . . . . . . . 2.7V to 3.6V
• -3dB Bandwidth USB Switch . . . . . . . . . . . . . . . . . 630MHz
• Available in μTQFN and TDFN Packages
• Pb-Free Plus Anneal (RoHS Compliant)
• Compliant with USB 2.0 Short Circuit Requirements
Without Additional External Components
Applications
• MP3 and Other Personal Media Players
• Cellular/Mobile Phones
•PDA’s
• Audio/USB Switching
Application Block Diagram
ISL54205A
USB
TRANSCEIVER
HIGH-SPEED
CODEC
COM -
COM +
VBUS
GND
D-
D+
L
R
VDD
CTRL
Logic Circuitry
μCONTROLLER
22k
Ω
4M
Ω
4M
Ω
50k
Ω
50k
Ω
Data Sheet
December 7, 2006
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL54205AIRZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54205AIRZ-T RENESAS-ISL54205AIRZ-T Datasheet
767Kb / 14P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results

Similar Description - ISL54205AIRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54206 INTERSIL-ISL54206 Datasheet
342Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54205B RENESAS-ISL54205B Datasheet
1Mb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205B INTERSIL-ISL54205B Datasheet
706Kb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54212 INTERSIL-ISL54212 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54206 RENESAS-ISL54206 Datasheet
751Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A RENESAS-ISL54206A Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54212 RENESAS-ISL54212 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A_1010 INTERSIL-ISL54206A_1010 Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com