Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL54205EVAL1Z Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL54205EVAL1Z
Description  MP3/USB 2.0 High Speed Switch with Negative Signal Handling
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54205EVAL1Z Datasheet(HTML) 4 Page - Intersil Corporation

  ISL54205EVAL1Z Datasheet HTML 1Page - Intersil Corporation ISL54205EVAL1Z Datasheet HTML 2Page - Intersil Corporation ISL54205EVAL1Z Datasheet HTML 3Page - Intersil Corporation ISL54205EVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL54205EVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL54205EVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL54205EVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL54205EVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL54205EVAL1Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
FN6342.1
December 7, 2006
rON Flatness, RFLAT(ON)
VDD = 3.6V, VBUS = 4.4V, CTRL = 0V or 3.6V,
ICOMx = 40mA, VD+ or VD- = 0V to 400mV, (Note 7)
+25
-
0.4
0.6
Ω
Full
-
-
1.0
Ω
OFF Leakage Current, ID+(OFF) or
ID-(OFF)
VDD = 3.6V, VBUS = 0V, CTRL = 3.6V, VCOM- or
VCOM+ = 0.5V, 0V, VD+ or VD- = 0V, 0.5V, VL and
VR = float
+25
-10
-
10
nA
Full
-70
-
70
nA
ON Leakage Current, IDx
VDD = 3.3V, VBUS = 5.25V, CTRL = 0V or 3.6V, VD+ or
VD- = 2.0V, VCOM-,VCOM+, VL and VR = float
+25
-10
2
10
nA
Full
-75
-
75
nA
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
VDD = 2.7V, RL = 50Ω, CL = 10pF, (See Figure 1)
+25
-
67
-
ns
Turn-OFF Time, tOFF
VDD = 2.7V, RL = 50Ω, CL = 10pF, (See Figure 1)
+25
-
48
-
ns
Break-Before-Make Time Delay,
tD VDD = 2.7V, RL = 50Ω, CL = 10pF, (See Figure 2)
+25
-
18
-
ns
Skew, tSKEW
VDD = 3.0V, VBUS = 5.0V, CTRL = 0V or 3V, RL = 45Ω,
CL = 10pF, tR = tF = 720ps at 480Mbps,
(Duty Cycle = 50%) (See Figure 7)
+25
-
50
-
ps
Total Jitter, tJ
VDD = 3.0V, VBUS = 5.0V, CTRL = 0V or 3V, RL = 50Ω,
CL = 10pF, tR = tF = 750ps at 480Mbps
+25
-
210
-
ps
Propagation Delay, tPD
VDD = 3.0V, VBUS = 5.0V, CTRL = 0V or 3V, RL = 45Ω,
CL = 10pF, (See Figure 7)
+25
-
250
-
ps
Crosstalk (Channel-to-Channel),
R to COM-, L to COM+
VDD = 3.0V, VBUS = float, CTRL = 3.0V, RL = 32Ω,
f = 20Hz to 20kHz, VR or VL = 0.707VRMS (2VP-P),
(See Figure 6)
+25
-
-110
-
dB
Total Harmonic Distortion
f = 20Hz to 20kHz, VDD = 3.0V, VBUS = float,
CTRL = 3.0V, VL or VR = 0.707VRMS (2VP-P), RL = 32Ω
+25
-
0.06
-
%
USB Switch -3dB Bandwidth
Signal = 0dBm, 0.2VDC offset, RL = 50Ω, CL = 5pF
+25
-
630
-
MHz
D+/D- OFF Capacitance, CD+(OFF),
CD-(OFF)
f = 1MHz, VDD = 3.0V, VBUS = float, CTRL = 3.0V,
VD- or VD+ = VCOMx = 0V, (See Figure 5)
+25
-
6
-
pF
L/R OFF Capacitance, CLOFF,
CROFF
f = 1MHz, VDD = 3.0V, VBUS = 5.0V, CTRL = 0V or 3V,
VL or VR = VCOMx = 0V, (See Figure 5)
+25
-
9
-
pF
COM ON Capacitance, CCOM-(ON),
CCOM+(ON)
f = 1MHz, VDD = 3.0V, VBUS = 5.0V, CTRL = 0V or 3V,
VD- or VD+ = VCOMx = 0V, (See Figure 5)
+25
-
10
-
pF
POWER SUPPLY CHARACTERISTICS
Power Supply Range, VDD
Full
2.7
3.6
V
Positive Supply Current, IDD
VDD = 3.6V, VBUS = float or 5.25V, CTRL = 1.4V
+25
-
6
8
μA
Full
-
-
10
μA
Positive Supply Current, IDD
(Low Power State)
VDD = 3.6V, VBUS = 0V or float, CTRL = 0V or float
+25
-
1
7
nA
Full
-
-
140
nA
DIGITAL INPUT CHARACTERISTICS
VBUS Voltage Low, VBUSL
VDD = 2.7V to 3.6V
Full
-
-
VDD + 0.2
V
VBUS Voltage High, VBUSH
VDD = 2.7V to 3.6V
Full
VDD + 0.8
-
-
V
CTRL Voltage Low, VCTRLL
VDD = 2.7V to 3.6V
Full
-
-
0.5
V
CTRL Voltage High, VCTRLH
VDD = 2.7V to 3.6V
Full
1.4
-
-
V
Input Current, IBUSL, ICTRLL
VDD = 3.6V, VBUS = 0V or float, CTRL = 0V or float
Full
-50
20
50
nA
Electrical Specifications - 2.7V to 3.6V Supply Test Conditions: VDD = +3.0V, GND = 0V, VBUSH = 3.8V, VBUSL = 3.2V,
VCTRLH = 1.4V, VCTRLL = 0.5V, (Notes 4, 6), unless otherwise specified.
(Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 5)
TYP
MAX
(Note 5)
UNITS
ISL54205A


Similar Part No. - ISL54205EVAL1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54205EVAL1Z INTERSIL-ISL54205EVAL1Z Datasheet
706Kb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54205EVAL1Z RENESAS-ISL54205EVAL1Z Datasheet
767Kb / 14P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205EVAL1Z RENESAS-ISL54205EVAL1Z Datasheet
1Mb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results

Similar Description - ISL54205EVAL1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54206 INTERSIL-ISL54206 Datasheet
342Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54205B RENESAS-ISL54205B Datasheet
1Mb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205B INTERSIL-ISL54205B Datasheet
706Kb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54212 INTERSIL-ISL54212 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54206 RENESAS-ISL54206 Datasheet
751Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A RENESAS-ISL54206A Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54212 RENESAS-ISL54212 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A_1010 INTERSIL-ISL54206A_1010 Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com