Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE587D Datasheet(PDF) 3 Page - NXP Semiconductors

Part # NE587D
Description  LED decoder/driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE587D Datasheet(HTML) 3 Page - NXP Semiconductors

  NE587D Datasheet HTML 1Page - NXP Semiconductors NE587D Datasheet HTML 2Page - NXP Semiconductors NE587D Datasheet HTML 3Page - NXP Semiconductors NE587D Datasheet HTML 4Page - NXP Semiconductors NE587D Datasheet HTML 5Page - NXP Semiconductors NE587D Datasheet HTML 6Page - NXP Semiconductors NE587D Datasheet HTML 7Page - NXP Semiconductors NE587D Datasheet HTML 8Page - NXP Semiconductors NE587D Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Philips Semiconductors Linear Products
Product specification
NE587
LED decoder/driver
August 31, 1994
532
DC ELECTRICAL CHARACTERISTICS
VCC=4.75 to 5.25V, 0°C < TA < 70°C. Typical values are at VCC=5V, TA=25°C, RP=1kΩ (±1%), unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
Min
Typ
Max
UNIT
VCC
Operating supply voltage
4.75
5.00
5.25
V
VIH
Input high voltage
All inputs except BI
2.0
15
V
BI
2.0
5.5
VIL
Input low voltage
0.8
V
VIC
Input clamp voltage
IIN=-12mA, TA=25°C
-1.5
V
Inputs D0-D3, LE, RBI
µA
VIN=2.4V
1.0
10
IIH
Input high current
VIN=15V
15
15
Input BI (Pin 4)
10
100
µA
RBI=H
VIN=VCC=5.25V
VIN=0.4V, Inputs D0-D3
-5
IIL
Input low current
LE, RBI
-200
µA
Input BI
VCC=5.25V
-0.7
mA
RBI=H, VIN=0.4V
VOL
Output low voltage
Output RBO
0.2
0.5
V
IOUT=3.0mA
Output RBO
VOH
Output high voltage
IOUT=-50µA
3.5
4.5
V
RBI=H
IOUT
Output segment
Outputs “a” through “g”
20
25
30
mA
“ON” current
VOUT=2.0V
∆IOUT
Output current ratio
With reference to “b” segment
0.90
1.00
1.10
(all outputs ON)
VOUT=2.0V
Output segment
Outputs “a” through “g”
IOFF
“OFF” current
VOUT=5.0V
20
250
µA
VCC=5.25V
ICCO
Supply current
All outputs “ON”
33
55
mA
VOUT>1V
VCC=5.25V
ICCI
Supply current
All outputs blanked
50
70
mA
NOTES:
NE587 Programming:
The NE587 output current can be programmed, provided a program resistor, RP, be connected between IP (Pin 8) and Ground (Pin 9). The
voltage at IP (Pin 8) is constant (≈1.3V). Thus, a current through RP is IP ≈ 1.3V/RP, as shown in Figure 5. IO/IP is 20 in the 15 to 50mA output
current range.


Similar Part No. - NE587D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE5814M14 RENESAS-NE5814M14 Datasheet
291Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2006
NE5814M14-A RENESAS-NE5814M14-A Datasheet
291Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2006
NE5814M14-T3 RENESAS-NE5814M14-T3 Datasheet
291Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2006
NE5814M14-T3-A RENESAS-NE5814M14-T3-A Datasheet
291Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2006
NE5820M53 RENESAS-NE5820M53 Datasheet
182Kb / 8P
   P-channel MOS Field Effect Transistor for Impedance Converter of Microphone
More results

Similar Description - NE587D

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
TSC383 MICROSEMI-TSC383 Datasheet
725Kb / 4P
   Decoder/Driver
logo
Renesas Technology Corp
ICM7243 RENESAS-ICM7243 Datasheet
781Kb / 17P
   8-Character, Microprocessor-Compatible, LED Display Decoder Driver
ICM7244 RENESAS-ICM7244 Datasheet
657Kb / 14P
   8-Character, Microprocessor Compatible, LED Display Decoder Driver
logo
Intersil Corporation
ICM7243BIPLZ INTERSIL-ICM7243BIPLZ Datasheet
604Kb / 16P
   8-Character, Microprocessor-Compatible, LED Display Decoder Driver
ICM7243 INTERSIL-ICM7243_05 Datasheet
540Kb / 14P
   8-Character, Microprocessor-Compatible, LED Display Decoder Driver
ICM7243 INTERSIL-ICM7243 Datasheet
109Kb / 12P
   8-Character, Microprocessor- Compatible, LED Display Decoder Driver
ICM7228 INTERSIL-ICM7228_05 Datasheet
302Kb / 18P
   8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
ICM7228 INTERSIL-ICM7228 Datasheet
99Kb / 17P
   8-Digit, Microprocessor- Compatible, LED Display Decoder Driver
logo
Renesas Technology Corp
ICM7228 RENESAS-ICM7228 Datasheet
809Kb / 19P
   8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
logo
Intersil Corporation
ICM7244AIM44Z INTERSIL-ICM7244AIM44Z Datasheet
425Kb / 13P
   8-Character, Microprocessor Compatible,LED Display Decoder Driver
January 22, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com