Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6268CAZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL6268CAZ
Description  High-Performance Notebook PWM Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6268CAZ Datasheet(HTML) 4 Page - Intersil Corporation

  ISL6268CAZ Datasheet HTML 1Page - Intersil Corporation ISL6268CAZ Datasheet HTML 2Page - Intersil Corporation ISL6268CAZ Datasheet HTML 3Page - Intersil Corporation ISL6268CAZ Datasheet HTML 4Page - Intersil Corporation ISL6268CAZ Datasheet HTML 5Page - Intersil Corporation ISL6268CAZ Datasheet HTML 6Page - Intersil Corporation ISL6268CAZ Datasheet HTML 7Page - Intersil Corporation ISL6268CAZ Datasheet HTML 8Page - Intersil Corporation ISL6268CAZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
FN6348.0
August 22, 2006
Absolute Voltage Ratings
ISEN, VIN to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +28V
VCC, PGOOD to GND . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +7.0V
PVCC to PGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +7.0V
GND to PGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +0.3V
EN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to GND, VCC +3.3V
VO, FB, COMP, FSET . . . . . . . . . . . . . . . -0.3V to GND, VCC +0.3V
PHASE to GND (DC) . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +28V
(<100ns Pulse Width, 10
µJ) . . . . . . . . . . . . . . . . . . . . . . . . . -5.0V
BOOT to GND, or PGND . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +33V
BOOT to PHASE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +7V
UG (DC) . . . . . . . . . . . . . . . . . . . . . . .-0.3V to PHASE, BOOT +0.3V
(<200ns Pulse Width, 20
µJ) . . . . . . . . . . . . . . . . . . . . . . . . -4.0V
LG (DC) . . . . . . . . . . . . . . . . . . . . . . . .-0.3V to PGND, PVCC +0.3V
(<100ns Pulse Width, 4
µJ) . . . . . . . . . . . . . . . . . . . . . . . . . . -2.0V
Thermal Information
Thermal Resistance (Typical, Note 1)
θJA (°C/W)
QSOP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . .
105
Junction Temperature Range. . . . . . . . . . . . . . . . . . -55
°C to +150°C
Operating Temperature Range . . . . . . . . . . . . . . . . -10
°C to +100°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65
°C to +150°C
Lead Temperature (Soldering, 10s) . . . . . . . . . . . . . . . . . . . . +300
°C
Recommended Operating Conditions
Ambient Temperature Range. . . . . . . . . . . . . . . . . . -10°C to +100°C
Supply Voltage (VIN to GND) . . . . . . . . . . . . . . . . . . . . . . 7V to 25V
VCC to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5V ±5%
PVCC to PGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5V ±5%
CAUTION: Stress above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational section of this specification is not implied.
NOTES:
1.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications
These specifications apply for TA = -10°C to +100°C, unless otherwise stated.
All typical specifications TA = +25°C, VCC = 5V, PVCC = 5V
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
VIN Input Bias Current
IVIN
EN = 5V, VIN = 7V
-
6.5
10
µA
EN = 5V, VIN = 25V
-
26
35
µA
VIN Shutdown Current
IVIN_SHDN EN = GND, VIN = 25V
-
0.1
1.0
µA
VCC and PVCC
VCC Input Bias Current
IVCC
EN = 5V, FB = 0.65V, VIN = 7V to 25V
-
1.7
2.5
mA
VCC Shutdown Current
IVCC_SHDN EN = GND, VCC = 5V
-
0.1
1.0
µA
PVCC Shutdown Current
IPVCC_SHDN EN = GND, PVCC = 5V
-
0.1
1.0
µA
VCC POR THRESHOLD
Rising VCC POR Threshold Voltage
VVCC_THR
4.35
4.45
4.55
V
Falling VCC POR Threshold Voltage
V
VCC_THF
4.10
4.20
4.30
V
REGULATION
Reference Voltage
VREF
-
0.6
-
V
Regulation Accuracy
FB connected to COMP
-1
-
+1
%
PWM
Frequency Range
FSW
200
-
600
kHz
Frequency-Set Accuracy
FSW = 300kHz
-12
-
+12
%
VO Range
VVO
0.60
-
3.30
V
VO Input Leakage
IVO
VO = 0.60V
-
1.3
-
µA
VO = 3.30V
-
7.0
-
µA
ERROR AMPLIFIER
FB Input Bias Current
IFB
FB = 0.60V
-0.5
-
+0.5
µA
COMP Source Current
ICOMP_SRC FB = 0.40V, COMP = 3.20V
-
2.5
-
mA
COMP Sink Current
ICOMP_SNK FB = 0.80V, COMP = 0.30V
-
0.3
-
mA
COMP High Clamp Voltage
VCOMP_HC FB = 0.40V, Sink 50µA
3.10
3.40
3.65
V
COMP Low Clamp Voltage
VCOMP_LC FB = 0.80V, Source 50µA
0.09
0.15
0.21
V
ISL6268


Similar Part No. - ISL6268CAZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6268CAZ RENESAS-ISL6268CAZ Datasheet
731Kb / 14P
   High-Performance Notebook PWM Controller
ISL6268CAZ-T RENESAS-ISL6268CAZ-T Datasheet
731Kb / 14P
   High-Performance Notebook PWM Controller
More results

Similar Description - ISL6268CAZ

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW8814 ANPEC-APW8814 Datasheet
475Kb / 24P
   High-Performance Notebook PWM Controller
APW8815 ANPEC-APW8815 Datasheet
539Kb / 28P
   High-Performance Notebook PWM Controller
logo
Intersil Corporation
ISL6269ACRZ INTERSIL-ISL6269ACRZ Datasheet
420Kb / 15P
   High-Performance Notebook PWM Controller
November 18, 2014
logo
Renesas Technology Corp
ISL6269A RENESAS-ISL6269A Datasheet
727Kb / 15P
   High-Performance Notebook PWM Controller
logo
Intersil Corporation
ISL6269A INTERSIL-ISL6269A Datasheet
389Kb / 13P
   High-Performance Notebook PWM Controller
logo
Anpec Electronics Corop...
APW7138 ANPEC-APW7138 Datasheet
553Kb / 26P
   High-Performance Notebook PWM Controller
APW8828 ANPEC-APW8828 Datasheet
409Kb / 22P
   High-Performance Notebook PWM Controller
logo
Intersil Corporation
ISL6269AIRZ-T INTERSIL-ISL6269AIRZ-T Datasheet
319Kb / 14P
   High-Performance Notebook PWM Controller
logo
Renesas Technology Corp
ISL6268 RENESAS-ISL6268 Datasheet
731Kb / 14P
   High-Performance Notebook PWM Controller
logo
Intersil Corporation
ISL6269B INTERSIL-ISL6269B Datasheet
321Kb / 14P
   High-Performance Notebook PWM Controller with Audio-Frequency Clamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com