Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGB7016-SP-0G0T Datasheet(PDF) 3 Page - Mimix Broadband

Part # CGB7016-SP-0G0T
Description  DC-6.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CGB7016-SP-0G0T Datasheet(HTML) 3 Page - Mimix Broadband

  CGB7016-SP-0G0T Datasheet HTML 1Page - Mimix Broadband CGB7016-SP-0G0T Datasheet HTML 2Page - Mimix Broadband CGB7016-SP-0G0T Datasheet HTML 3Page - Mimix Broadband CGB7016-SP-0G0T Datasheet HTML 4Page - Mimix Broadband CGB7016-SP-0G0T Datasheet HTML 5Page - Mimix Broadband CGB7016-SP-0G0T Datasheet HTML 6Page - Mimix Broadband CGB7016-SP-0G0T Datasheet HTML 7Page - Mimix Broadband CGB7016-SP-0G0T Datasheet HTML 8Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ACP @ 850 MHz Vs Pout
9 Channels Forward, 750 kHz Offset
30 kHz BW
-60
-55
-50
-45
-40
-35
-30
2
6
10
14
18
Pout (dBm)
25 C
-40 C
85 C
Linearity Performance - Base Station ACP – IS-95
Alt1 Ch. Pwr @ 850 MHz Vs Pout
9 Channels Forward, 1.98 MHz Offset
30 kHz BW
-90
-80
-70
-60
-50
2
6
10
14
18
Pout (dBm)
25 C
-40 C
85 C
P1dB Vs Frequency
8
10
12
14
16
18
20
01
234
5
6
Frequency (GHz)
25 C
-40 C
85 C
OIP3 Vs Frequency
24
26
28
30
32
34
36
0
0.5
1
1.5
2
2.5
3
3.5
4
Frequency (GHz)
25 C
-40 C
85 C
1 MHz separation, 3 dBm/tone
ACP @ 1950 MHz Vs. Pout
9 Forward Channels, 885 kHz Offset
30 kHz BW
-70
-60
-50
-40
-30
2
6
10
14
18
Pout (dBm)
25 C
-40 C
85 C
Alt1 Ch. Pwr @ 1950 MHz Vs Pout
9 Channels Forward, 1.25 MHz Offset
12.5 kHz BW
-80
-70
-60
-50
-40
2
6
10
14
18
Pout (dBm)
25 C
-40 C
85 C
Page 3 of 8
Typical Power and Linearity Performance
CGB7016-SC (-BD)
DC-6.0 GHz InGaP HBT, MMIC or Packaged
Matched Gain Block Amplifier
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
March 2007 - Rev 02-Mar-07


Similar Part No. - CGB7016-SP-0G0T

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CGB7016-SP-0G0T MIMIX-CGB7016-SP-0G0T Datasheet
218Kb / 7P
   DC-8.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
More results

Similar Description - CGB7016-SP-0G0T

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CGB7010-SC MIMIX-CGB7010-SC Datasheet
531Kb / 7P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
CGB7007-SC_0608 MIMIX-CGB7007-SC_0608 Datasheet
607Kb / 8P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
CGB7009-SC_0608 MIMIX-CGB7009-SC_0608 Datasheet
555Kb / 8P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
CGB7001-SC_0609 MIMIX-CGB7001-SC_0609 Datasheet
750Kb / 8P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
CGB7003-SC MIMIX-CGB7003-SC Datasheet
473Kb / 7P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
CGB7005-SC MIMIX-CGB7005-SC Datasheet
474Kb / 7P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
CGB7012-SC MIMIX-CGB7012-SC Datasheet
541Kb / 7P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
CGB7010-SC_0609 MIMIX-CGB7010-SC_0609 Datasheet
571Kb / 8P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
CGB7006-SC_0608 MIMIX-CGB7006-SC_0608 Datasheet
600Kb / 8P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
CGB7004-SC_0608 MIMIX-CGB7004-SC_0608 Datasheet
513Kb / 8P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com