Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL1532A Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL1532A
Description  Dual Channel Fixed Gain Differential DSL Line Driver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1532A Datasheet(HTML) 1 Page - Intersil Corporation

  ISL1532A Datasheet HTML 1Page - Intersil Corporation ISL1532A Datasheet HTML 2Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
®
FN6369.2
ISL1532A
Dual Channel Fixed Gain Differential DSL
Line Driver
The ISL1532A is a dual channel differential amplifier
designed for driving full rate ADSL2+ signals at very low
power dissipation. The high drive capability of 450mA makes
this driver ideal for DMT designs. It contains two pairs of
wideband, high-voltage, current mode feedback amplifiers
designed on Intersil’s HS30 Bipolar SOI process for low
power consumption in DSL systems. The amplifiers have an
internal fixed gain, which helps eliminate both feedback and
gain resisitors reducing board size and cost.
These drivers achieve an MTPR distortion measurement of
better than 70dB, while consuming typically 5mA per DSL
channel of total supply current. This supply current can be
set using a resistor on the IADJ pin. Two other pins (C0 and
C1) can also be used to adjust supply current to one of four
pre-set modes (full-IS, 3/4-IS, 1/2-IS, and full power-down).
The device is supplied in a thermally-enhanced 20 Ld
HTSSOP and the small footprint (4x5mm) 24 Ld QFN
packages. The ISL1532A is specified for operation over the
full -40°C to +85°C temperature range.
The ISL1532A provides larger output swing at heavy loads,
higher slew rate, and higher bandwidth while maintaining
pin-to-pin drop-in compatibility with the EL1528. The
ISL1532A integrates 50k pull-up resistors on CO and C1
pins.
Features
• 450mA output drive capability
•44.4VP-P differential output drive into 100Ω
• ±5V to ±15V supply operation
• Internal fixed gain
• MTPR of -70dB
• Operates down to 2mA per amplifier supply current
• Current control pins
• Channel separation
- 80dB @ 500kHz
-75dB @ 1MHz
• Direct pin-to-pin replacement for EL1528
• Pb-free plus anneal available (RoHS compliant)
Applications
• Dual port ADSL line drivers
• HDSL line drivers
• VDSL line driver
Pinouts
ISL1532A
(24 LD QFN)
TOP VIEW
ISL1532A
(20 LD HTSSOP)
TOP VIEW
19
18
17
16
15
14
13
1
2
3
4
5
6
7
VINA+
VINB+
GND
IADJ
NC
VINC+
VIND+
VINA-
VINB-
VOUTB
VOUTC
VINC-
VIND-
VOUTD
THERMAL
PAD
C0AB
C1AB
VINA+
VINB+
GND
IADJ
VINC+
VIND+
C1CD
C0CD
VS-
VINA-
VOUTB
VINC-
VOUTD
VOUTA
VINB-
VOUTC
VIND-
VS+
1
2
3
4
16
15
14
13
5
6
7
12
11
9
8
10
20
19
18
17
THERMAL
PAD
Data Sheet
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
October 27, 2006
Get Full Datasheet


Similar Part No. - ISL1532A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL1532 INTERSIL-ISL1532 Datasheet
58Kb / 2P
   Dual Channel Differential DSL Line Driver
logo
Renesas Technology Corp
ISL1532 RENESAS-ISL1532 Datasheet
1Mb / 21P
   Dual Channel Differential DSL Line Driver
May 1, 2015
logo
Intersil Corporation
ISL1532IRZ INTERSIL-ISL1532IRZ Datasheet
1,008Kb / 19P
   Dual Channel Differential DSL Line Driver
logo
Renesas Technology Corp
ISL1532IRZ RENESAS-ISL1532IRZ Datasheet
1Mb / 21P
   Dual Channel Differential DSL Line Driver
May 1, 2015
logo
Intersil Corporation
ISL1532IRZ-T13 INTERSIL-ISL1532IRZ-T13 Datasheet
1,008Kb / 19P
   Dual Channel Differential DSL Line Driver
More results

Similar Description - ISL1532A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL1534IRZ INTERSIL-ISL1534IRZ Datasheet
94Kb / 1P
   Dual Channel Fixed Gain Differential DSL Line Driver
October 12, 2015
ISL1534 INTERSIL-ISL1534 Datasheet
48Kb / 2P
   Dual Channel Fixed Gain Differential DSL Line Driver
ISL1532IRZ INTERSIL-ISL1532IRZ Datasheet
1,008Kb / 19P
   Dual Channel Differential DSL Line Driver
ISL1532 INTERSIL-ISL1532 Datasheet
58Kb / 2P
   Dual Channel Differential DSL Line Driver
ISL1533AIRZ INTERSIL-ISL1533AIRZ Datasheet
928Kb / 14P
   Dual Channel Differential DSL Line Driver
May 9, 2014
ISL1533 INTERSIL-ISL1533 Datasheet
43Kb / 2P
   Dual Channel Differential DSL Line Driver
logo
Renesas Technology Corp
ISL1533A RENESAS-ISL1533A Datasheet
1Mb / 16P
   Dual Channel Differential DSL Line Driver
Jan 31, 2019
ISL1532 RENESAS-ISL1532 Datasheet
1Mb / 21P
   Dual Channel Differential DSL Line Driver
May 1, 2015
logo
Intersil Corporation
EL1528 INTERSIL-EL1528 Datasheet
130Kb / 2P
   Dual Channel Differential DSL Line Driver
ISL1533 INTERSIL-ISL1533 Datasheet
106Kb / 2P
   Dual Channel Differential DSL Line Driver
October 12, 2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com