Part Name
         Description
ISL59483

 Dual, 500MHz Triple, Multiplexing Amplifiers ( 17 Page)


INTERSIL
100% 
Zoom Out Zoom In
 6 page
background image
6
FN6394.1
December 22, 2006
FIGURE 7. MUX2: LARGE SIGNAL GAIN vs FREQUENCY vs
CL INTO 500Ω LOAD
FIGURE 8. MUX2: LARGE SIGNAL GAIN vs FREQUENCY vs
CL INTO 150Ω LOAD
FIGURE 9. MUX2: GAIN vs FREQUENCY vs RL
FIGURE 10. MUX2: 0.1dB GAIN FLATNESS
FIGURE 11. MUX2: ZOUT vs FREQUENCY - ENABLED
FIGURE 12. MUX2: ZOUT vs FREQUENCY - HIZ
Typical Performance Curves VS = ±5V, RL = 500Ω to GND, TA = +25°C, unless otherwise specified. (Continued)
-10
-8
-6
-4
-2
0
2
4
6
8
10
1M
10M
100M
1G
FREQUENCY (Hz)
CL INCLUDES 0.6pF
BOARD CAPACITANCE
VOUT = 2VP-P
CL = 8.8pF
CL = 5.3pF
CL = 2.1pF
CL = 0.6pF
-10
-8
-6
-4
-2
0
2
4
6
8
10
1M
10M
100M
1G
FREQUENCY (Hz)
CL INCLUDES 0.6pF
BOARD CAPACITANCE
VOUT = 2VP-P
CL = 12.6pF
CL = 5.3pF
CL = 2.1pF
CL = 0.6pF
-5
-4
-3
-2
-1
0
1
2
1M
10M
100M
1G
FREQUENCY (Hz)
-6
-7
-8
VOUT = 0.2VP-P
CL = 1.1pF
RL = 150Ω
RL = 250Ω
RL = 500Ω
RL = 1kΩ
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.3
1M
10M
100M
1G
FREQUENCY (Hz)
-0.6
-0.7
0.2
VOUT = 0.2VP-P
RL = 500Ω
CL = 1.1pF
RL = 150Ω
CL = 2.1pF
100
10
1
0.1
0.1M
1M
10M
100M
1G
FREQUENCY (Hz)
VSOURCE = 2VP-P
10k
1k
100
10
0.1M
1M
10M
100M
1G
FREQUENCY (Hz)
VSOURCE = 2VP-P
ISL59483
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ISL59481Dual 500MHz Triple Multiplexing Amplifiers 1 2 3 4 5 MoreIntersil Corporation
ISL59482Dual 500MHz Triple Multiplexing Amplifiers 1 2 3 4 5 MoreIntersil Corporation
ISL59448500MHz Triple 2:1 Gain-of-2 Multiplexing Amplifier 1 2 3 4 5 MoreIntersil Corporation
AZ4558C_06DUAL BIPOLAR OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
CA158_01Dual 1MHz Operational Amplifiers for Commercial Industrial and Military Applications 1 2 3 4 5 MoreIntersil Corporation
AP358LOW POWER DUAL OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreDiodes Incorporated
AD600_06Dual Low Noise Wideband Variable Gain Amplifiers 1 2 3 4 5 MoreAnalog Devices
AZ4559DUAL BIPOLAR OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
ICL7621_01Dual Low Power CMOS Operational Amplifiers 1 2 3 4 5 MoreIntersil Corporation

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl