Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6610A Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6610A
Description  Dual Synchronous Rectified MOSFET Drivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6610A Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL6610A Datasheet HTML 2Page - Intersil Corporation ISL6610A Datasheet HTML 3Page - Intersil Corporation ISL6610A Datasheet HTML 4Page - Intersil Corporation ISL6610A Datasheet HTML 5Page - Intersil Corporation ISL6610A Datasheet HTML 6Page - Intersil Corporation ISL6610A Datasheet HTML 7Page - Intersil Corporation ISL6610A Datasheet HTML 8Page - Intersil Corporation ISL6610A Datasheet HTML 9Page - Intersil Corporation ISL6610A Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
FN6395.0
November 22, 2006
Timing Diagram
Operation and Adaptive Shoot-Through Protection
Designed for high speed switching, the ISL6610, ISL6610A
MOSFET driver controls both high-side and low-side N-
Channel FETs from one externally provided PWM signal.
A rising transition on PWM initiates the turn-off of the lower
MOSFET (see Figure 1). After a short propagation delay
[tPDLL], the lower gate begins to fall. Typical fall times [tFL]
are provided in the Electrical Specifications. Adaptive shoot-
through circuitry monitors the LGATE voltage and turns on
the upper gate following a short delay time [tPDHU] after the
LGATE voltage drops below ~1V. The upper gate drive then
begins to rise [tRU] and the upper MOSFET turns on.
A falling transition on PWM indicates the turn-off of the upper
MOSFET and the turn-on of the lower MOSFET. A short
propagation delay [tPDLU] is encountered before the upper
gate begins to fall [tFU]. The adaptive shoot-through circuitry
monitors the UGATE-PHASE voltage and turns on the lower
MOSFET a short delay time, tPDHL, after the upper
MOSFET’s gate voltage drops below 1V. The lower gate then
rises [tRL], turning on the lower MOSFET. These methods
prevent both the lower and upper MOSFETs from conducting
simultaneously (shoot-through), while adapting the dead
time to the gate charge characteristics of the MOSFETs
being used.
This driver is optimized for voltage regulators with large step
down ratio. The lower MOSFET is usually sized larger
compared to the upper MOSFET because the lower
MOSFET conducts for a longer time during a switching
period. The lower gate driver is therefore sized much larger
to meet this application requirement. The 0.4
Ω on-resistance
and 4A sink current capability enable the lower gate driver to
absorb the current injected into the lower gate through the
drain-to-gate capacitor (CGD) of the lower MOSFET and
help prevent shoot through caused by the self turn-on of the
lower MOSFET due to high dV/dt of the switching node.
Tri-State PWM Input
A unique feature of the ISL6610, ISL6610A is the adaptable
tri-state PWM input. Once the PWM signal enters the
shutdown window, either MOSFET previously conducting is
turned off. If the PWM signal remains within the shutdown
window for longer than 80ns of the previously conducting
MOSFET, the output drivers are disabled and both MOSFET
gates are pulled and held low. The shutdown state is
removed when the PWM signal moves outside the shutdown
window. The PWM rising and falling thresholds outlined in
the Electrical Specifications determine when the lower and
upper gates are enabled. During normal operation in a
typical application, the PWM rise and fall times through the
shutdown window should not exceed either output’s turn-off
propagation delay plus the MOSFET gate discharge time to
~1V. Abnormally long PWM signal transition times through
the shutdown window will simply introduce additional dead
time between turn off and turn on of the synchronous
bridge’s MOSFETs. For optimal performance, no more than
100pF parasitic capacitive load should be present on the
PWM line of ISL6610, ISL6610A (assuming an Intersil PWM
controller is used).
Bootstrap Considerations
This driver features an internal bootstrap diode. Simply
adding an external capacitor across the BOOT and PHASE
pins completes the bootstrap circuit. The ISL6610A’s internal
bootstrap resistor is designed to reduce the overcharging of
PWM
UGATE
LGATE
tPDLL
tPDHU
tRU
tPDLU
tPDHL
tRL
1V
2.5V
tRU
tFU
tFL
1V
tPTS
tTSSHD
tTSSHD
tPTS
FIGURE 1. TIMING DIAGRAM
ISL6610, ISL6610A


Similar Part No. - ISL6610A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6610A INTERSIL-ISL6610A Datasheet
559Kb / 30P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring
ISL6610A INTERSIL-ISL6610A Datasheet
1Mb / 44P
   Dual 6-Phase 1-Phase PWM Controller for VR12/IMVP7 Applications
ISL6610A INTERSIL-ISL6610A Datasheet
1Mb / 44P
   Dual 4-Phase 1-Phase PWM Controller for VR12/IMVP7 Applications
ISL6610A INTERSIL-ISL6610A Datasheet
278Kb / 11P
   Dual Synchronous Rectified MOSFET Drivers
November 22, 2006
ISL6610ACBZ INTERSIL-ISL6610ACBZ Datasheet
278Kb / 11P
   Dual Synchronous Rectified MOSFET Drivers
November 22, 2006
More results

Similar Description - ISL6610A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6597 RENESAS-ISL6597 Datasheet
564Kb / 10P
   Dual Synchronous Rectified MOSFET Drivers
logo
Intersil Corporation
ISL6610CBZ INTERSIL-ISL6610CBZ Datasheet
278Kb / 11P
   Dual Synchronous Rectified MOSFET Drivers
November 22, 2006
logo
Renesas Technology Corp
ISL6210 RENESAS-ISL6210 Datasheet
498Kb / 10P
   Dual Synchronous Rectified MOSFET Drivers
logo
Intersil Corporation
ISL6210 INTERSIL-ISL6210 Datasheet
249Kb / 10P
   Dual Synchronous Rectified MOSFET Drivers
logo
Renesas Technology Corp
ISL6610 RENESAS-ISL6610 Datasheet
281Kb / 11P
   Dual Synchronous Rectified MOSFET Drivers
November 22, 2006
logo
Intersil Corporation
ISL6597 INTERSIL-ISL6597_06 Datasheet
259Kb / 10P
   Dual Synchronous Rectified MOSFET Drivers
HIP6601 INTERSIL-HIP6601 Datasheet
84Kb / 8P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Richtek Technology Corp...
RT9618 RICHTEK-RT9618_11 Datasheet
469Kb / 12P
   Synchronous-Rectified Buck MOSFET Drivers
RT9619 RICHTEK-RT9619_11 Datasheet
427Kb / 11P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Intersil Corporation
ISL6625ACRZ-T INTERSIL-ISL6625ACRZ-T Datasheet
412Kb / 10P
   Synchronous Rectified Buck MOSFET Drivers
September 19, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com