Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6610ACBZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL6610ACBZ
Description  Dual Synchronous Rectified MOSFET Drivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6610ACBZ Datasheet(HTML) 4 Page - Intersil Corporation

  ISL6610ACBZ Datasheet HTML 1Page - Intersil Corporation ISL6610ACBZ Datasheet HTML 2Page - Intersil Corporation ISL6610ACBZ Datasheet HTML 3Page - Intersil Corporation ISL6610ACBZ Datasheet HTML 4Page - Intersil Corporation ISL6610ACBZ Datasheet HTML 5Page - Intersil Corporation ISL6610ACBZ Datasheet HTML 6Page - Intersil Corporation ISL6610ACBZ Datasheet HTML 7Page - Intersil Corporation ISL6610ACBZ Datasheet HTML 8Page - Intersil Corporation ISL6610ACBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
FN6395.0
November 22, 2006
Absolute Maximum Ratings
Thermal Information
Supply Voltage (PVCC, VCC) . . . . . . . . . . . . . . . . . . . . -0.3V to 7V
Input Voltage (VEN, VPWM) . . . . . . . . . . . . . . . -0.3V to VCC + 0.3V
BOOT Voltage (VBOOT-GND). . . -0.3V to 25V (DC) or 36V (<200ns)
BOOT To PHASE Voltage (VBOOT-PHASE) . . . . . . -0.3V to 7V (DC)
-0.3V to 9V (<10ns)
PHASE Voltage . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to 15V (DC)
GND -8V (<20ns Pulse Width, 10
μJ) to 30V (<100ns)
UGATE Voltage . . . . . . . . . . . . . . . . VPHASE - 0.3V (DC) to VBOOT
VPHASE - 5V (<20ns Pulse Width, 10μJ) to VBOOT
LGATE Voltage . . . . . . . . . . . . . . . GND - 0.3V (DC) to VCC + 0.3V
GND - 2.5V (<20ns Pulse Width, 5
μJ) to VCC + 0.3V
Ambient Temperature Range . . . . . . . . . . . . . . . . . .-40°C to +125°C
HBM ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2kV
Thermal Resistance (Typical)
θJA(°C/W) θJC(°C/W)
SOIC Package (Note 1) . . . . . . . . . . . .
90
N/A
QFN Package (Notes 2 and 3). . . . . . .
46
8.5
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . . -65°C to +150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . +300°C
(SOIC - Lead Tips Only)
Recommended Operating Conditions
Ambient Temperature Range. . . . . . . . . . . . . . . . . . . -40°C to +85°C
Maximum Operating Junction Temperature. . . . . . . . . . . . . +125°C
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V
±10%
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
+150°C max junction temperature is intended for short periods of time to prevent shortening the lifetime. Constantly operated at 150°C may shorten the life of the part.
NOTES:
1.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
2.
θ
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features.
3.
θJC, “case temperature” location is at the center of the package underside exposed pad. See Tech Brief TB379 for details.
Electrical Specifications
These specifications apply for TA = -40°C to +85°C, unless otherwise noted
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
SUPPLY CURRENT
Bias Supply Current
IVCC+PVCC PWM pin floating, VVCC = VPVCC = 5V
-
240
-
μA
FPWM = 300kHz, VVCC = VPVCC = 5V
-
1.6
-
mA
BOOTSTRAP DIODE
Forward Voltage
VF
Forward bias current = 2mA
TA = 0°C to +70°C
0.30
0.60
0.70
V
Forward bias current = 2mA
TA = -40°C to +85°C
0.30
0.60
0.75
V
POWER-ON RESET
POR Rising
-3.4
4.2
V
POR Falling
2.6
3.0
-
V
Hysteresis
-
400
-
mV
PWM INPUT
Sinking Impedance
RPWM_SNK
-4.6
-
k
Ω
Source Impedance
RPWM_SRC
-4.9
-
k
Ω
Tri-State Rising Threshold
VVCC = VPVCC = 5V (250mV Hysteresis)
1.00
1.20
1.40
V
Tri-State Falling Threshold
VVCC = VPVCC = 5V(300mV Hysteresis)
3.10
3.41
3.70
V
Tri-State Shutdown Holdoff Time
tTSSHD
-80-
ns
SWITCHING TIME (Note 4, See Figure 1)
UGATE Rise Time
tRU
3nF Load
-
8.0
-
ns
LGATE Rise Time
tRL
3nF Load
-
8.0
-
ns
UGATE Fall Time
tFU
3nF Load
-
8.0
-
ns
LGATE Fall Time
tFL
3nF Load
-
4.0
-
ns
UGATE Turn-Off Propagation Delay
tPDLU
Outputs Unloaded
-
18
-
ns
LGATE Turn-Off Propagation Delay
tPDLL
Outputs Unloaded
-
25
-
ns
ISL6610, ISL6610A


Similar Part No. - ISL6610ACBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6610ACBZ INTERSIL-ISL6610ACBZ Datasheet
278Kb / 11P
   Dual Synchronous Rectified MOSFET Drivers
November 22, 2006
logo
Renesas Technology Corp
ISL6610ACBZ RENESAS-ISL6610ACBZ Datasheet
281Kb / 11P
   Dual Synchronous Rectified MOSFET Drivers
November 22, 2006
More results

Similar Description - ISL6610ACBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6597 RENESAS-ISL6597 Datasheet
564Kb / 10P
   Dual Synchronous Rectified MOSFET Drivers
logo
Intersil Corporation
ISL6610CBZ INTERSIL-ISL6610CBZ Datasheet
278Kb / 11P
   Dual Synchronous Rectified MOSFET Drivers
November 22, 2006
logo
Renesas Technology Corp
ISL6210 RENESAS-ISL6210 Datasheet
498Kb / 10P
   Dual Synchronous Rectified MOSFET Drivers
logo
Intersil Corporation
ISL6210 INTERSIL-ISL6210 Datasheet
249Kb / 10P
   Dual Synchronous Rectified MOSFET Drivers
logo
Renesas Technology Corp
ISL6610 RENESAS-ISL6610 Datasheet
281Kb / 11P
   Dual Synchronous Rectified MOSFET Drivers
November 22, 2006
logo
Intersil Corporation
ISL6597 INTERSIL-ISL6597_06 Datasheet
259Kb / 10P
   Dual Synchronous Rectified MOSFET Drivers
HIP6601 INTERSIL-HIP6601 Datasheet
84Kb / 8P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Richtek Technology Corp...
RT9618 RICHTEK-RT9618_11 Datasheet
469Kb / 12P
   Synchronous-Rectified Buck MOSFET Drivers
RT9619 RICHTEK-RT9619_11 Datasheet
427Kb / 11P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Intersil Corporation
ISL6625ACRZ-T INTERSIL-ISL6625ACRZ-T Datasheet
412Kb / 10P
   Synchronous Rectified Buck MOSFET Drivers
September 19, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com