|
| ISL9212B |
|
||
|
INTERSIL |
|
6 page
6 FN6399.0 March 21, 2007 FIGURE 14. OVERCURRENT PROTECTION THRESHOLDS vs TEMPERATURE AT VARIOUS INPUT VOLTAGES FIGURE 15. OVERCURRENT PROTECTION BLANKING TIME vs TEMPERATURE FIGURE 16. OVERCURRENT PROTECTION THRESHOLDS vs TEMPERATURE AT VARIOUS INPUT VOLTAGES FIGURE 17. BATTERY VOLTAGE OVP THRESHOLDS vs TEMPERATURE AT VARIOUS INPUT VOLTAGES FIGURE 18. BATTERY OVP BLANKING TIME FIGURE 19. VB PIN LEAKAGE CURRENT vs TEMPERATURE Typical Operating Performance The test conditions for the Typical Operating Performance are: VIN = 5V, TA = +25°C, RILIM = 25.5kΩ, RVB = 200kΩ, Unless Otherwise Noted. (Continued) 960 970 980 990 1000 1010 1020 1030 1040 1050 -50 -20 10 40 70 100 130 TEMPERATURE (°C) 6.5V 5V 4.3V 3V CURRENT LIMIT = 1A 150 155 160 165 170 175 180 185 190 195 200 -50 -20 10 40 70 100 130 TEMPERATURE (°C) 470 475 480 485 490 495 500 505 510 515 -50 -20 10 40 70 100 130 4.3V 6.5V 5V 3V TEMPERATURE (°C) 4.280 4.290 4.300 4.310 4.320 4.330 4.340 4.350 4.360 4.370 4.380 -60 -40 -20 0 20 40 60 80 100 120 140 TEMPERATURE (°C) RISING MAX FALLING MIN 150 155 160 165 170 175 180 185 190 195 200 -50 -20 10 40 70 100 130 TEMPERATURE (°C) 0 0.5 1.0 1.5 2.0 2.5 3.0 -50 -20 10 40 70 100 130 TESTED AT 5V TEMPERATURE (°C) ISL9212B |
|
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| ISL9209 | Charging System Safety Circuit | 1 2 3 4 5 More | Intersil Corporation |
| ISL9212A | Charging System Safety Circuit | 1 2 3 4 5 More | Intersil Corporation |
| HC5503T_04 | Balanced PBX / Key System SLIC Subscriber Line Interface Circuit | 1 2 3 4 5 More | Intersil Corporation |
| STV9306B | Bus-Controlled Vertical Deflection System with East/West Correction Output Circuit | 1 2 3 4 5 More | STMicroelectronics |
| TCA660B | CONTRAST SATURATION AND BRIGHTNESS CONTROL CIRCUIT FOR COLOUR DIFFERENCE AND LUMINANCE SIGNALS | 1 2 3 4 5 More | NXP Semiconductors |
| PSB2115 | ISDN PC Adapter Circuit IPAC | 1 2 3 4 5 More | Siemens Semiconductor Group |
| AM79M574 | Metering Subscriber Line Interface Circuit | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| RE46C100 | Piezoelectric Horn Driver Circuit | 1 2 3 | R & E International, Inc. |
| CS2841B | Automotive Current Mode PWM Control Circuit | 1 2 3 4 5 More | ON Semiconductor |
| AN6652 | MOTOR CONTROL CIRCUIT | 1 2 3 | Unisonic Technologies |
Link URL |
Sponsor of Alldatasheet |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |