Part Name
         Description
ISL9212B

 Charging System Safety Circuit ( 11 Page)


INTERSIL
100% 
Zoom Out Zoom In
 
 2 page
background image
2
FN6399.0
March 21, 2007
Absolute Maximum Ratings (Reference to GND)
Thermal Information
Supply Voltage (VIN) . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to 30V
Output and VB Pin (OUT, VB) (Note 1) . . . . . . . . . . . . . . . -0.3 to 7V
Other Pins (ILIM, WRN, EN) . . . . . . . . . . . . . . . . . . . . . -0.3 to 5.5V
Recommended Operating Conditions
Ambient Temperature Range . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Supply Voltage, VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.3V to 6.5V
Operating Current Range. . . . . . . . . . . . . . . . . . . . . . . . . . 0A to 2A
Thermal Resistance (Notes 2, 3)
θJA (°C/W) θJC (°C/W)
4x3 TDFN Package . . . . . . . . . . . . . . .
41
3.5
Maximum Junction Temperature (Plastic Package) . . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . . -65°C to +150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . +300°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
+150°C max junction temperature is intended for short periods of time to prevent shortening the lifetime. Operation close to +150°C junction may trigger the shutdown of
the device even before +150°C, since this number is specified as typical.
ΝΟΤΕΣ:
1. The maximum voltage rating for the VB pin under continuous operating conditions is 5.5V. All other pins are allowed to operate continuously at
the absolute maximum ratings.
2.
θ
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
3.
θJC, “case temperature” location is at the center of the exposed metal pad on the package underside. See Tech Brief TB379.
Electrical Specifications
Typical values are tested at VIN = 5V and +25°C Ambient Temperature, maximum and minimum values are
guaranteed over the recommended operating conditions, unless otherwise noted.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
POWER-ON RESET
Rising VIN Threshold
VPOR
2.40
2.58
2.70
V
POR Hysteresis
-
100
-
mV
VIN Bias Current
IVIN
When enabled
0.75
0.90
1.10
mA
VIN Bias Current
When disabled
30
60
100
μA
PROTECTIONS
Input Overvoltage Protection (OVP)
VOVP
6.65
6.80
7.00
V
Input OVP Hysteresis
-
60
100
mV
Input OVP Falling Threshold
6.55
-
-
V
Input OVP Propagation Delay
--
1
μs
Overcurrent Protection
IOCP
VVB = 3V, RILIM = 25kΩ
0.93
1.00
1.07
A
Overcurrent Protection Blanking Time
BTOCP
-
170
-
μs
Battery Overvoltage Protection Threshold
VBOVP
4.28
4.34
4.40
V
Battery OVP Threshold Hysteresis
-30-
mV
Battery OVP Falling Threshold
4.25
-
-
V
Battery OVP Blanking Time
BTBOVP
-
180
-
μs
VB Pin Leakage Current
VVB = 4.34V
-
-
20
nA
Over-Temperature Protection Rising Threshold
-
140
-
°C
Over-Temperature Protection Falling Threshold
-
90
-
°C
LOGIC
EN Input Logic HIGH
1.5
-
-
V
EN Input Logic LOW
--
0.4
V
EN Internal Pull Down Resistor
100
200
400
k
Ω
WRN Output Logic Low
Sink 5mA current
-
0.35
0.80
V
WRN Output Logic High Leakage Current
-
-
1
μA
POWER MOSFET
ON-Resistance
rDS(ON)
4.6V < VIN < 6.5V
-
170
280
m
Ω
ISL9212B
1  2  3  4  5  6  7  8  9  10  11 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ISL9209Charging System Safety Circuit 1 2 3 4 5 MoreIntersil Corporation
ISL9212ACharging System Safety Circuit 1 2 3 4 5 MoreIntersil Corporation
HC5503T_04Balanced PBX / Key System SLIC Subscriber Line Interface Circuit 1 2 3 4 5 MoreIntersil Corporation
STV9306BBus-Controlled Vertical Deflection System with East/West Correction Output Circuit 1 2 3 4 5 MoreSTMicroelectronics
TCA660BCONTRAST SATURATION AND BRIGHTNESS CONTROL CIRCUIT FOR COLOUR DIFFERENCE AND LUMINANCE SIGNALS 1 2 3 4 5 MoreNXP Semiconductors
PSB2115ISDN PC Adapter Circuit IPAC 1 2 3 4 5 MoreSiemens Semiconductor Group
AM79M574Metering Subscriber Line Interface Circuit 1 2 3 4 5 MoreList of Unclassifed Manufacturers
RE46C100Piezoelectric Horn Driver Circuit 1 2 3 R & E International, Inc.
CS2841BAutomotive Current Mode PWM Control Circuit 1 2 3 4 5 MoreON Semiconductor
AN6652MOTOR CONTROL CIRCUIT 1 2 3 Unisonic Technologies

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl