Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL54207 Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL54207
Description  Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54207 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL54207 Datasheet HTML 1Page - Intersil Corporation ISL54207 Datasheet HTML 2Page - Intersil Corporation ISL54207 Datasheet HTML 3Page - Intersil Corporation ISL54207 Datasheet HTML 4Page - Intersil Corporation ISL54207 Datasheet HTML 5Page - Intersil Corporation ISL54207 Datasheet HTML 6Page - Intersil Corporation ISL54207 Datasheet HTML 7Page - Intersil Corporation ISL54207 Datasheet HTML 8Page - Intersil Corporation ISL54207 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
FN6403.0
December 5, 2006
OFF Leakage Current, ID+(OFF) or
ID-(OFF)
VDD = 3.6V, VBUS = 0V, CTRL = 3.6V, VCOMx = 0.5V, 0V,
VNOx = 0V, 0.5V, VNCx = float
25
-10
-
10
nA
Full
-70
-
70
nA
ON Leakage Current, IDx
VDD = 3.3V, VBUS = 5.25V, CTRL = 0V or 3.6V,
VNOx = 2.0V, VCOMx, VNCx = float
25
-10
2
10
nA
Full
-75
-
75
nA
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
VDD = 2.7V, RL = 50Ω, CL = 10pF, (See Figure 1)
25
-
67
-
ns
Turn-OFF Time, tOFF
VDD = 2.7V, RL = 50Ω, CL = 10pF, (See Figure 1)
25
-
48
-
ns
Break-Before-Make Time Delay, tD VDD = 2.7V, RL = 50Ω, CL = 10pF, (See Figure 2)
25
-
18
-
ns
Skew, tSKEW
VDD = 3.0V, VBUS = 5.0V, CTRL = 0V or 3V, RL = 45Ω,
CL = 10pF, tR = tF = 720ps at 480Mbps,
(Duty Cycle = 50%) (See Figure 7)
25
-
50
-
ps
Total Jitter, tJ
VDD = 3.0V, VBUS = 5.0V, CTRL = 0V or 3V, RL = 45Ω,
CL = 10pF, tR = tF = 750ps at 480Mbps
25
-
210
-
ps
Propagation Delay, tPD
VDD = 3.0V, VBUS = 5.0V, CTRL = 0V or 3V, RL = 45Ω,
CL = 10pF, (See Figure 7)
25
-
250
-
ps
Crosstalk (Channel-to-Channel),
NC2 to COM1, NC1 to COM2
VDD = 3.0V, VBUS = float, CTRL = 3.0V, RL = 75Ω,
f = 4MHz, VNCx = 300mVP-P ,
(See Figure 6)
25
-
-78
-
dB
Differential Gain
VIN = 300mVP-P, VOFFSET = 0V to 0.7V, f = 3.58MHz,
RL = 75
25
-
0.28
-
%
Differential Phase
VIN = 300mVp-p, VOFFSET = 0V to 0.7V, f = 3.58MHz,
RL = 75
25
-
0.04
-
°
Total Harmonic Distortion
f = 20Hz to 20kHz, VDD = 3.0V, VBUS = float,
CTRL = 3.0V, VNCx = 0.707VRMS (2VP-P), RL = 32Ω
25
-
0.06
-
%
NCx (Audio/Video) Switch -3dB
Bandwidth
Signal = 8dBm, RL = 75Ω, CL = 5pF
25
-
338
-
MHz
NOx (USB) Switch -3dB Bandwidth Signal = 0dBm, 0.2VDC offset, RL = 50Ω, CL = 5pF
25
-
630
-
MHz
NOx OFF Capacitance, CNOx(OFF) f = 1MHz, VDD = 3.0V, VBUS = float, CTRL = 3.0V,
VD- or VD+ = VCOMx = 0V, (See Figure 5)
25
-
6
-
pF
NCx OFF Capacitance, CNCx(OFF) f = 1MHz, VDD = 3.0V, VBUS = 5.0V, CTRL = 0V or 3V,
VL or VR = VCOMx = 0V, (See Figure 5)
25
-
9
-
pF
COMx ON Capacitance, CCOMx(ON) f = 1MHz, VDD = 3.0V, VBUS = 5.0V, CTRL = 0V or 3V,
VD- or VD+ = VCOMx = 0V, (See Figure 5)
25
-
10
-
pF
POWER SUPPLY CHARACTERISTICS
Power Supply Range, VDD
Full
2.7
3.6
V
Positive Supply Current, IDD
VDD = 3.6V, VBUS = float or 5.25V, CTRL = 1.4V
25
-
6
8
μA
Full
-
-
10
μA
Positive Supply Current, IDD
(Low Power State)
VDD = 3.6V, VBUS = 0V or float, CTRL = 0V or float
25
-
1
7
nA
Full
-
-
140
nA
DIGITAL INPUT CHARACTERISTICS
VBUS Voltage Low, VBUSL
VDD = 2.7V to 3.6V
Full
-
-
VDD + 0.2
V
VBUS Voltage High, VBUSH
VDD = 2.7V to 3.6V
Full
VDD + 0.8
-
-
V
CTRL Voltage Low, VCTRLL
VDD = 2.7V to 3.6V
Full
-
-
0.5
V
Electrical Specifications - 2.7V to 3.6V Supply Test Conditions: VDD = +3.0V, GND = 0V, VBUSH = 3.8V, VBUSL = 3.2V,
VCTRLH = 1.4V, VCTRLL = 0.5V, (Notes 4, 6), unless otherwise specified.
(Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
(NOTE 5)
MIN
TYP
(NOTE 5)
MAX
UNITS
ISL54207


Similar Part No. - ISL54207

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54207 INTERSIL-ISL54207 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL54207 RENESAS-ISL54207 Datasheet
833Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
ISL54207IRUZ-T RENESAS-ISL54207IRUZ-T Datasheet
833Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
ISL54207IRZ RENESAS-ISL54207IRZ Datasheet
833Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
ISL54207IRZ-T RENESAS-ISL54207IRZ-T Datasheet
833Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
More results

Similar Description - ISL54207

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54207 RENESAS-ISL54207 Datasheet
833Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
ISL54208 RENESAS-ISL54208 Datasheet
890Kb / 15P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
ISL54415 RENESAS-ISL54415 Datasheet
871Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/Audio Switches with Negative Signal Capability
logo
Intersil Corporation
ISL54208 INTERSIL-ISL54208 Datasheet
447Kb / 15P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
ISL54416 INTERSIL-ISL54416 Datasheet
490Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches with Negative Signal Capability
logo
Renesas Technology Corp
ISL54400 RENESAS-ISL54400 Datasheet
839Kb / 15P
   Low Voltage, Dual SPDT, USB/Audio Switches with Negative Signal Capability
logo
Intersil Corporation
ISL54400 INTERSIL-ISL54400 Datasheet
466Kb / 15P
   Low Voltage, Dual SPDT, USB/Audio Switches with Negative Signal Capability
logo
Maxim Integrated Produc...
MAX4762 MAXIM-MAX4762_V01 Datasheet
481Kb / 15P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
2006
logo
ams AG
AS1747 AMSCO-AS1747_04 Datasheet
875Kb / 17P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
logo
Maxim Integrated Produc...
MAX4762 MAXIM-MAX4762 Datasheet
512Kb / 15P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
19-3152; Rev 0; 1/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com