Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCH47N60 Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FCH47N60
Description  new generation of high voltage MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCH47N60 Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FCH47N60 Datasheet HTML 2Page - Fairchild Semiconductor FCH47N60 Datasheet HTML 3Page - Fairchild Semiconductor FCH47N60 Datasheet HTML 4Page - Fairchild Semiconductor FCH47N60 Datasheet HTML 5Page - Fairchild Semiconductor FCH47N60 Datasheet HTML 6Page - Fairchild Semiconductor FCH47N60 Datasheet HTML 7Page - Fairchild Semiconductor FCH47N60 Datasheet HTML 8Page - Fairchild Semiconductor FCH47N60 Datasheet HTML 9Page - Fairchild Semiconductor FCH47N60 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
www.fairchildsemi.com
FCH47N60 / FCA47N60 Rev. B
Mechanical Dimensions (Continued)
TO-3PN
Dimensions in Millimeters


Similar Part No. - FCH47N60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FCH47N60 FAIRCHILD-FCH47N60 Datasheet
664Kb / 9P
   600V N-Channel MOSFET
FCH47N60 FAIRCHILD-FCH47N60 Datasheet
969Kb / 10P
   600V N-Channel MOSFET
FCH47N60 FAIRCHILD-FCH47N60 Datasheet
353Kb / 8P
   N-Channel SuperFET MOSFET
logo
Inchange Semiconductor ...
FCH47N60 ISC-FCH47N60 Datasheet
371Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ON Semiconductor
FCH47N60-F085 ONSEMI-FCH47N60-F085 Datasheet
668Kb / 8P
   MOSFET ??N-Channel 600 V, 47 A, 79 m
December, 2020 ??Rev. 4
More results

Similar Description - FCH47N60

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SZ8-Y15-XX-XX SEOUL-SZ8-Y15-XX-XX Datasheet
1Mb / 30P
   New Generation of WICOP
SZ8-Y19-XX-XX SEOUL-SZ8-Y19-XX-XX Datasheet
1Mb / 30P
   New Generation of WICOP
logo
Advanced Power Technolo...
APT20GT60AR ADPOW-APT20GT60AR Datasheet
27Kb / 2P
   The Thunderbolt IGBT??is a new generation of high voltage power IGBTs.
APT20GT60CR ADPOW-APT20GT60CR Datasheet
28Kb / 2P
   The Thunderbolt IGBT??is a new generation of high voltage power IGBTs.
APT60GT60JR ADPOW-APT60GT60JR Datasheet
32Kb / 2P
   The Thunderbolt IGBT??is a new generation of high voltage power IGBTs.
APT8GT60KR ADPOW-APT8GT60KR Datasheet
87Kb / 4P
   The Thunderbolt IGBT??is a new generation of high voltage power IGBTs.
APT40GF120JRD ADPOW-APT40GF120JRD Datasheet
51Kb / 4P
   The Fast IGBT??is a new generation of high voltage power IGBTs
APT50GF60B2RD ADPOW-APT50GF60B2RD Datasheet
112Kb / 7P
   The Fast IGBT??is a new generation of high voltage power IGBTs.
APT30GT60AR ADPOW-APT30GT60AR Datasheet
27Kb / 2P
   The Thunderbolt IGBT??is a new generation of high voltage power IGBTs.
APT33GF120HR ADPOW-APT33GF120HR Datasheet
26Kb / 2P
   The Fast IGBT is a new generation of high voltage power IGBTs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com