Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCP7N60_0507 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FCP7N60_0507
Description  600V N-Channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCP7N60_0507 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FCP7N60_0507 Datasheet HTML 2Page - Fairchild Semiconductor FCP7N60_0507 Datasheet HTML 3Page - Fairchild Semiconductor FCP7N60_0507 Datasheet HTML 4Page - Fairchild Semiconductor FCP7N60_0507 Datasheet HTML 5Page - Fairchild Semiconductor FCP7N60_0507 Datasheet HTML 6Page - Fairchild Semiconductor FCP7N60_0507 Datasheet HTML 7Page - Fairchild Semiconductor FCP7N60_0507 Datasheet HTML 8Page - Fairchild Semiconductor FCP7N60_0507 Datasheet HTML 9Page - Fairchild Semiconductor FCP7N60_0507 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
www.fairchildsemi.com
FCP7N60 / FCPF7N60 Rev. A1
Charge
VGS
10V
Qg
Qgs
Qgd
3mA
VGS
DUT
VDS
300nF
50KΩ
200nF
12V
Same Type
as DUT
Charge
VGS
10V
Qg
Qgs
Qgd
3mA
VGS
DUT
VDS
300nF
50KΩ
200nF
12V
Same Type
as DUT
VGS
VDS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
VDD
10V
VDS
RL
DUT
RG
VGS
VGS
VDS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
VDD
10V
VDS
RL
DUT
RG
VGS
EAS =L IAS2
----
2
1
--------------------
BVDSS -VDD
BVDSS
VDD
VDS
BVDSS
t
p
VDD
IAS
VDS (t)
ID (t)
Time
10V
DUT
RG
L
I D
t
p
EAS =L IAS2
----
2
1
EAS =L IAS2
----
2
1
----
2
1
--------------------
BVDSS -VDD
BVDSS
VDD
VDS
BVDSS
t
p
VDD
IAS
VDS (t)
ID (t)
Time
10V
DUT
RG
LL
I D
I D
t
p
Gate Charge Test Circuit & Waveform
Resistive Switching Test Circuit & Waveforms
Unclamped Inductive Switching Test Circuit & Waveforms


Similar Part No. - FCP7N60_0507

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FCP7N60 FAIRCHILD-FCP7N60_08 Datasheet
413Kb / 11P
   600V N-Channel MOSFET
More results

Similar Description - FCP7N60_0507

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB3N60 FAIRCHILD-FQB3N60 Datasheet
581Kb / 9P
   600V N-Channel MOSFET
FCB11N60F FAIRCHILD-FCB11N60F Datasheet
1,004Kb / 8P
   600V N-Channel MOSFET
FCH47N60F_0605 FAIRCHILD-FCH47N60F_0605 Datasheet
978Kb / 8P
   600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60_06 Datasheet
962Kb / 9P
   600V N-Channel MOSFET
FQAF7N60 FAIRCHILD-FQAF7N60 Datasheet
578Kb / 8P
   600V N-Channel MOSFET
FCI7N60 FAIRCHILD-FCI7N60 Datasheet
951Kb / 8P
   600V N-Channel MOSFET
FCP16N60 FAIRCHILD-FCP16N60 Datasheet
1Mb / 10P
   600V N-Channel MOSFET
FCD5N60 FAIRCHILD-FCD5N60 Datasheet
947Kb / 9P
   600V N-Channel MOSFET
FQB3N60C FAIRCHILD-FQB3N60C Datasheet
753Kb / 8P
   600V N-Channel MOSFET
FQP3N60C FAIRCHILD-FQP3N60C Datasheet
738Kb / 8P
   600V N-Channel MOSFET
FCP260N60E FAIRCHILD-FCP260N60E Datasheet
283Kb / 10P
   600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com