Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCP16N60 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FCP16N60
Description  600V N-Channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCP16N60 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FCP16N60 Datasheet HTML 1Page - Fairchild Semiconductor FCP16N60 Datasheet HTML 2Page - Fairchild Semiconductor FCP16N60 Datasheet HTML 3Page - Fairchild Semiconductor FCP16N60 Datasheet HTML 4Page - Fairchild Semiconductor FCP16N60 Datasheet HTML 5Page - Fairchild Semiconductor FCP16N60 Datasheet HTML 6Page - Fairchild Semiconductor FCP16N60 Datasheet HTML 7Page - Fairchild Semiconductor FCP16N60 Datasheet HTML 8Page - Fairchild Semiconductor FCP16N60 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
www.fairchildsemi.com
FCP16N60 / FCPF16N60 Rev. B
Typical Performance Characteristics (Continued)
Figure 7. Breakdown Voltage Variation
Figure 8. On-Resistance Variation
vs. Temperature
vs. Temperature
Figure 9-1. Maximum Safe Operating Area
Figure 9-2. Maximum Safe Operating Area
for FCP16N60
for FCPF16N60
Figure 10. Maximum Drain Current vs. Case Temperature
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
*Notes :
1. V
GS = 0 V
2. I
D = 250 μA
T
J, Junction Temperature [
oC]
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
*Notes :
1. V
GS = 10 V
2. I
D = 8 A
T
J, Junction Temperature [
oC]
10
0
10
1
10
2
10
3
10
-2
10
-1
10
0
10
1
10
2
10 us
Operation in This Area
is Limited by R
DS(on)
DC
1 ms
100 us
*Notes :
1. T
C = 25
oC
2. T
J = 150
oC
3. Single Pulse
V
DS, Drain-Source Voltage [V]
10
0
10
1
10
2
10
3
10
-2
10
-1
10
0
10
1
10
2
100 ms
10 ms
10 us
Operation in This Area
is Limited by R
DS(on)
DC
1 ms
100 us
*Notes :
1. T
C = 25
oC
2. T
J = 150
oC
3. Single Pulse
V
DS, Drain-Source Voltage [V]
25
50
75
100
125
150
0
5
10
15
20
T
C, Case Temperature [°C]


Similar Part No. - FCP16N60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FCP16N60 FAIRCHILD-FCP16N60 Datasheet
1Mb / 10P
   600V N-Channel MOSFET
FCP16N60 FAIRCHILD-FCP16N60 Datasheet
682Kb / 15P
   Power Factor Correction Converter Design
FCP16N60 FAIRCHILD-FCP16N60 Datasheet
620Kb / 17P
   PFCPWM Combination Controller
FCP16N60 FAIRCHILD-FCP16N60 Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
FCP16N60-G FAIRCHILD-FCP16N60-G Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
More results

Similar Description - FCP16N60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB3N60 FAIRCHILD-FQB3N60 Datasheet
581Kb / 9P
   600V N-Channel MOSFET
FCB11N60F FAIRCHILD-FCB11N60F Datasheet
1,004Kb / 8P
   600V N-Channel MOSFET
FCH47N60F_0605 FAIRCHILD-FCH47N60F_0605 Datasheet
978Kb / 8P
   600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60_06 Datasheet
962Kb / 9P
   600V N-Channel MOSFET
FQAF7N60 FAIRCHILD-FQAF7N60 Datasheet
578Kb / 8P
   600V N-Channel MOSFET
FCI7N60 FAIRCHILD-FCI7N60 Datasheet
951Kb / 8P
   600V N-Channel MOSFET
FCP16N60 FAIRCHILD-FCP16N60 Datasheet
1Mb / 10P
   600V N-Channel MOSFET
FCD5N60 FAIRCHILD-FCD5N60 Datasheet
947Kb / 9P
   600V N-Channel MOSFET
FQB3N60C FAIRCHILD-FQB3N60C Datasheet
753Kb / 8P
   600V N-Channel MOSFET
FQP3N60C FAIRCHILD-FQP3N60C Datasheet
738Kb / 8P
   600V N-Channel MOSFET
FCP260N60E FAIRCHILD-FCP260N60E Datasheet
283Kb / 10P
   600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com