Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC125V189 Datasheet(PDF) 1 Page - NTE Electronics

Part # MSC125V189
Description  MOTOR START AC ELECTROLYTIC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

MSC125V189 Datasheet(HTML) 1 Page - NTE Electronics

  MSC125V189 Datasheet HTML 1Page - NTE Electronics MSC125V189 Datasheet HTML 2Page - NTE Electronics MSC125V189 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MOTOR START AC ELECTROLYTIC
MSC SERIES
25
NTE Electronics, Inc.
D Voice (800) 631–1250 (973) 748–5089 D FAX (973) 748–6224 D http://www.nteinc.com
The MSC Series is a range of AC electrolytic capacitors.
These capacitors are most often used to provide the
torque necessary to start AC motors and in other inter-
mittent AC applications.
FEATURES:
• Two .25” Quick Connect terminals
• Round moisture and oil resistant plastic case
• 110VAC to 330VAC
• Quick disconnect terminals
• Recessed terminals
• Long life and high reliability
RATINGS
Capacitance Range:
110/125 Volts – 21
µF to 1200µF
220/250 Volts – 21
µF to 324µF
330 Volts – 21
µF to 259µF
PERFORMANCE SPECIFICATIONS
Operating Temperature Range: –40
°C to +65°C
Power Factor: 10% Max.; 12%
≤30µF
Operating Frequency: 47 – 60HZ
MOUNTING
Vertical mounting of the capacitor with the terminals
up is recommended. However, horizontal mounting is
acceptable providing the vent is located in the up posi-
tion. Vertical mounting with the terminals down is not
recommended because the capacitor life may be re-
duced and the operation of the pressure relief vent im-
paired.
CLEANING
Solvent residues on the capacitors after cleaning may
penetrate the seal and cause internal corrosion result-
ing in shortened life. Alcohol or water detergent clean-
ing is not usually harmful but halogenated cleaning
solvents are not recommended and should be
avoided.
D
H
C
SAFETY
Because the watt–second value of these capacitors is
high, precautions should be taken during the testing
of these devices.
Discharge resistors should be specified when there is
a possibility of a residual charge left on the capacitor
or to protect contacts. Mis–application, such as ex-
ceeding design limits or applying continuous AC volt-
age, may result in destruction or explosion of capaci-
tors.
ORDERING INFORMATION
MSC
125V
21
Series
Voltage
Capacitance


Similar Part No. - MSC125V189

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
MSC125V189 NTE-MSC125V189 Datasheet
2Mb / 3P
   MOTOR START AC ELECTROLYTIC
More results

Similar Description - MSC125V189

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
MSC125V21 NTE-MSC125V21_12 Datasheet
2Mb / 3P
   MOTOR START AC ELECTROLYTIC
logo
Cornell Dubilier Electr...
PSU2115 CDE-PSU2115 Datasheet
142Kb / 3P
   AC Motor Start Capacitors Non-polarized, Aluminum Electrolytic AC Motor Start Capacitors
logo
NTE Electronics
MRRC370V4 NTE-MRRC370V4 Datasheet
587Kb / 2P
   ROUND MOTOR RUN AC ELECTROLYTIC
MSCH-01 NTE-MSCH-01 Datasheet
561Kb / 1P
   MOTOR START HARDWARE
logo
Vishay Siliconix
305C21 VISHAY-305C21 Datasheet
177Kb / 6P
   PTCR Motor Start Packages PSC Single Phase Motor Start Assist
Revision 14-May-02
PTC305C VISHAY-PTC305C Datasheet
169Kb / 8P
   Thermistors Motor Start Packages
Revision: 11-Sep-15
logo
American Zettler, Inc.
ZCPR AZETTLER-ZCPR Datasheet
463Kb / 4P
   MOTOR START POTENTIAL RELAY
logo
Vishay Siliconix
307C1674 VISHAY-307C1674 Datasheet
271Kb / 1P
   PTCR Motor Start Pellets
Revision 14-May-02
logo
Hongfa Technology
HF8565 HONGFA-HF8565 Datasheet
135Kb / 4P
   MOTOR START POTENTIAL RELAY
HF8565 HONGFA-HF8565_15 Datasheet
113Kb / 4P
   MOTOR START POTENTIAL RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com