Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9011AIRNFZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL9011AIRNFZ
Description  Dual LDO with Low Noise, Low IQ, and High PSRR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9011AIRNFZ Datasheet(HTML) 2 Page - Intersil Corporation

  ISL9011AIRNFZ Datasheet HTML 1Page - Intersil Corporation ISL9011AIRNFZ Datasheet HTML 2Page - Intersil Corporation ISL9011AIRNFZ Datasheet HTML 3Page - Intersil Corporation ISL9011AIRNFZ Datasheet HTML 4Page - Intersil Corporation ISL9011AIRNFZ Datasheet HTML 5Page - Intersil Corporation ISL9011AIRNFZ Datasheet HTML 6Page - Intersil Corporation ISL9011AIRNFZ Datasheet HTML 7Page - Intersil Corporation ISL9011AIRNFZ Datasheet HTML 8Page - Intersil Corporation ISL9011AIRNFZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
FN6437.0
January 30, 2007
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART MARKING
VO1 VOLTAGE
(V)
VO2 VOLTAGE
(V)
TEMP RANGE (°C)
PACKAGE
(Pb-free)
PKG. DWG. #
ISL9011AIRNNZ
DGPA
3.3
3.3
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9011AIRNJZ
DGNA
3.3
2.8
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9011AIRNFZ
DGMA
3.3
2.5
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9011AIRNCZ
DGLA
3.3
1.8
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9011AIRMNZ
DGKA
3.0
3.3
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9011AIRMMZ
DGJA
3.0
3.0
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9011AIRMGZ
DGHA
3.0
2.7
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9011AIRLLZ
DGGA
2.9
2.9
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9011AIRKNZ
DGEA
2.85
3.3
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9011AIRKKZ
DGDA
2.85
2.85
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9011AIRKJZ
DGCA
2.85
2.8
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9011AIRKFZ
DGBA
2.85
2.5
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9011AIRKPZ
DGFA
2.85
1.85
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9011AIRKCZ
DFYA
2.85
1.8
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9011AIRJNZ
DFVA
2.8
3.3
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9011AIRJMZ
DFTA
2.8
3.0
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9011AIRJRZ
DWFA
2.8
2.6
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9011AIRJCZ
DFSA
2.8
1.8
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9011AIRJBZ
DFRA
2.8
1.5
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9011AIRGPZ
DFPA
2.7
1.85
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9011AIRGCZ
DFNA
2.7
1.8
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9011AIRFJZ
DFMA
2.5
2.8
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9011AIRFDZ
DFLA
2.5
2.0
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9011AIRFCZ
DFKA
2.5
1.8
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9011AIRPLZ
DGRA
1.85
2.9
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9011AIRPPZ
DGSA
1.85
1.85
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9011AIRCJZ
DFJA
1.8
2.8
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9011AIRCCZ
DFHA
1.8
1.8
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9011AIRBLZ
DFGA
1.5
2.9
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9011AIRBJZ
DFFA
1.5
2.8
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9011AIRBCZ
DFEA
1.5
1.8
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9011AIRBBZ
DFDA
1.5
1.5
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
NOTES:
1. Add -T to part number for tape and reel.
2. For availability and lead time of devices with voltage combinations not listed in the table, contact Intersil Marketing.
3. Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are
MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
ISL9011A


Similar Part No. - ISL9011AIRNFZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9011AIRNFZ INTERSIL-ISL9011AIRNFZ Datasheet
320Kb / 12P
   Dual LDO with Low Noise, Low IQ and High PSRR
September 1, 2015
logo
Renesas Technology Corp
ISL9011AIRNFZ RENESAS-ISL9011AIRNFZ Datasheet
584Kb / 12P
   Dual LDO with Low Noise, Low IQ and High PSRR
More results

Similar Description - ISL9011AIRNFZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9014A INTERSIL-ISL9014A Datasheet
214Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Renesas Technology Corp
ISL9014A RENESAS-ISL9014A Datasheet
606Kb / 13P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Intersil Corporation
ISL9011AIRNNZ INTERSIL-ISL9011AIRNNZ Datasheet
320Kb / 12P
   Dual LDO with Low Noise, Low IQ and High PSRR
September 1, 2015
ISL9014AIRNNZ INTERSIL-ISL9014AIRNNZ Datasheet
211Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
March 11, 2008
ISL9012 INTERSIL-ISL9012 Datasheet
233Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Renesas Technology Corp
ISL9011A RENESAS-ISL9011A Datasheet
584Kb / 12P
   Dual LDO with Low Noise, Low IQ and High PSRR
ISL9012 RENESAS-ISL9012 Datasheet
595Kb / 12P
   Dual LDO with Low Noise, Low IQ, and High PSRR
ISL9014 RENESAS-ISL9014 Datasheet
550Kb / 11P
   Dual LDO with Low Noise, Low IQ and High PSRR
logo
Intersil Corporation
ISL9014 INTERSIL-ISL9014_06 Datasheet
220Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
ISL9012 INTERSIL-ISL9012_06 Datasheet
235Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com