Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE3141 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE3141
Description  Light Emitting Diode 3mm
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE3141 Datasheet(HTML) 2 Page - NTE Electronics

  NTE3141 Datasheet HTML 1Page - NTE Electronics NTE3141 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics (Cont’d): (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min Typ Max
Unit
Peak Emission Wavelength
NTE3140, NTE3143
λP
IF = 20mA
625
nm
NTE3141
570
nm
NTE3142
589
nm
Dominate Wave Length
NTE3140, NTE3143
λd(HUE)
IF = 20mA, Note 2
618
nm
NTE3141
567
nm
NTE3142
585
nm
Specturm Width of Half Valve
NTE3140, NTE3143
∆λ
IF = 20mA
45
nm
NTE3141
30
nm
NTE3142
35
nm
Terminal Capacitance
NTE3140, NTE3143
Ct
V = 0V, F = 1MHz
6
pF
NTE3141
7
pF
NTE3142
5
pF
Response Frequency
Fc
4
MHz
Note 2. The dominate wavelength, λd, is derived from the CIE Chromaticity Diagram and represents the
color of the device.
1.00 (2.54) Min
1.000
(25.4)
Min
.118 (3.0) Dia
.152 (3.85)
Dia
.20 9
(5.3)
Cathode


Similar Part No. - NTE3141

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE314 NTE-NTE314 Datasheet
24Kb / 2P
   Silicon Controlled Rectifier (SCR) Power Regulator Switch
NTE3144 NTE-NTE3144 Datasheet
61Kb / 2P
   Light Emitting Diode − 5mm
NTE3145 NTE-NTE3145 Datasheet
61Kb / 2P
   Light Emitting Diode − 5mm
NTE3146 NTE-NTE3146 Datasheet
61Kb / 2P
   Light Emitting Diode − 5mm
NTE3147 NTE-NTE3147 Datasheet
61Kb / 2P
   Light Emitting Diode − 5mm
More results

Similar Description - NTE3141

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE3133 NTE-NTE3133 Datasheet
63Kb / 2P
   Light Emitting Diode − 1.8mm
NTE3144 NTE-NTE3144 Datasheet
61Kb / 2P
   Light Emitting Diode − 5mm
logo
Marktech Corporate
MT7065A-UR MARKTECH-MT7065A-UR_03 Datasheet
96Kb / 1P
   3mm Visible Light Emitting Diode
MT7065A-UR MARKTECH-MT7065A-UR Datasheet
96Kb / 1P
   3mm Visible Light Emitting Diode
logo
NTE Electronics
NTE30047 NTE-NTE30047 Datasheet
56Kb / 1P
   Infrared Emitting Diode − 5mm
logo
SHENZHEN YONGERJIA INDU...
WEJS51BC-EJ6 WINNERJOIN-WEJS51BC-EJ6 Datasheet
222Kb / 4P
   Light Emitting Diode
WEJS31GC-CJ3 WINNERJOIN-WEJS31GC-CJ3 Datasheet
223Kb / 4P
   Light Emitting Diode
WEJS31GC-DL4 WINNERJOIN-WEJS31GC-DL4 Datasheet
223Kb / 4P
   Light Emitting Diode
WEJS31WC-C83 WINNERJOIN-WEJS31WC-C83 Datasheet
223Kb / 4P
   Light Emitting Diode
WEJS31BC-C66 WINNERJOIN-WEJS31BC-C66 Datasheet
223Kb / 4P
   Light Emitting Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com