Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE30014 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE30014
Description  Light Emitting Diode (LED)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE30014 Datasheet(HTML) 1 Page - NTE Electronics

  NTE30014 Datasheet HTML 1Page - NTE Electronics NTE30014 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE30014, NTE30015, NTE30016
Light Emitting Diode (LED)
Description:
The NTE30014 thru NTE30016 are Right Angle LED Indicators in a T - 1 (3mm) type package. The
High Efficiency Red source color device (NTE30014) is made with Gallium Arsenide Phosphide on
Gallium Phosphide Orange Light Emitting Diode. The Green source color device (NTE30015) is made
with Gallium Phosphide Green Light Emitting Diode. The Yellow source color device (NTE30016) is
made with Gallium Arsenide Phosphide on Gallium Phosphide Yellow Light Emitting Diode.
Features:
D Pre-Trimmed Leads for PC Board Mounting
D I.C. Compatible
D Black Case Enhances Contrast Ratio
D Wide Viewing Angle
D High Reliability
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
DC Forward Current, IF
NTE30014, NTE30016
30mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NTE30015
25mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak Forward Current (Note 1), IF(peak)
NTE30014
160mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NTE30015, NTE30016
140mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reverse Voltage, VR
5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Viewing Angle (2
θ1/2)
60
°
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation, PD
105mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, Topr
-40
° to +85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
-40
° to +85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead Temperature (During Soldering, 2mm Below Package Base, 5sec), TL
+260
°C
. . . . . . . . . . . .
Note 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Note 2.
θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical center-
line value.
Electrical/Optical Characteristics: (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Luminous Intensity
NTE30014, NTE30015
IV
IF = 10mA
8
20
-
mcd
NTE30016
5
15
-
mcd


Similar Part No. - NTE30014

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE3001 NTE-NTE3001 Datasheet
19Kb / 2P
   Light Emitting Diode Miniature, Diffused Red
NTE30010 NTE-NTE30010 Datasheet
27Kb / 2P
   Light Emitting Diode (LED) Subminiature
NTE30011 NTE-NTE30011 Datasheet
68Kb / 2P
   Light Emitting Diode (LED) PLCC Surface Mount
NTE30012 NTE-NTE30012 Datasheet
68Kb / 2P
   Light Emitting Diode (LED) PLCC Surface Mount
NTE30013 NTE-NTE30013 Datasheet
68Kb / 2P
   Light Emitting Diode (LED) PLCC Surface Mount
More results

Similar Description - NTE30014

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE3020 NTE-NTE3020 Datasheet
20Kb / 3P
   Light Emitting Diode (LED)
NTE3004 NTE-NTE3004 Datasheet
59Kb / 2P
   Light Emitting Diode (LED)
NTE3025 NTE-NTE3025 Datasheet
19Kb / 2P
   Light Emitting Diode (LED)
NTE3026 NTE-NTE3026 Datasheet
19Kb / 2P
   Light Emitting Diode (LED)
NTE30008 NTE-NTE30008 Datasheet
27Kb / 2P
   Light Emitting Diode (LED) Subminiature
logo
SHENZHEN YONGERJIA INDU...
WEJS51BC-EJ6 WINNERJOIN-WEJS51BC-EJ6 Datasheet
222Kb / 4P
   Light Emitting Diode
WEJS31GC-CJ3 WINNERJOIN-WEJS31GC-CJ3 Datasheet
223Kb / 4P
   Light Emitting Diode
WEJS31GC-DL4 WINNERJOIN-WEJS31GC-DL4 Datasheet
223Kb / 4P
   Light Emitting Diode
WEJS31WC-C83 WINNERJOIN-WEJS31WC-C83 Datasheet
223Kb / 4P
   Light Emitting Diode
WEJS31BC-C66 WINNERJOIN-WEJS31BC-C66 Datasheet
223Kb / 4P
   Light Emitting Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com