Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE30018 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE30018
Description  Light Emitting Diode (LED) 0603 Surface Mount
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE30018 Datasheet(HTML) 2 Page - NTE Electronics

  NTE30018 Datasheet HTML 1Page - NTE Electronics NTE30018 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical/Optical Characteristics (Cont’d): (TA = +25°C unless otherwise specified)
Parameter
Symbol Test Conditions
Min
Typ Max
Unit
Forward Voltage
NTE30018
VF
IF = 20mA
2.0
2.4
V
NTE30019
3.5
4.0
V
Reverse Current
NTE30018
IR
VR = 5V
10
µA
NTE30019
VR = 4V
60
µA
Peak Emission Wave Length
NTE30018
λP
IF = 20mA
620
nm
NTE30019
468
nm
Dominate Wavelength
NTE30018
λd (HUE)
IF = 20mA, Note 3
615
nm
NTE30019
465
470
480
nm
Spectral Line Half Width
NTE30018
∆λ
IF = 20mA
20
nm
NTE30019
45
nm
Note 3. The dominate wavelength,
λd, is derived from the CIE Chromatic Diagram and represents
the color of the device.
.029
(0.75)
.043 (1.1)
.010 (0.25)
.012 (0.30)
Anode
Cathode
.012 (0.30)
Polarity Mark
.010 (0.25)
.031
(0.8)
.063 (1.6)
.047 (1.2)


Similar Part No. - NTE30018

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE3001 NTE-NTE3001 Datasheet
19Kb / 2P
   Light Emitting Diode Miniature, Diffused Red
NTE30010 NTE-NTE30010 Datasheet
27Kb / 2P
   Light Emitting Diode (LED) Subminiature
NTE30011 NTE-NTE30011 Datasheet
68Kb / 2P
   Light Emitting Diode (LED) PLCC Surface Mount
NTE30012 NTE-NTE30012 Datasheet
68Kb / 2P
   Light Emitting Diode (LED) PLCC Surface Mount
NTE30013 NTE-NTE30013 Datasheet
68Kb / 2P
   Light Emitting Diode (LED) PLCC Surface Mount
More results

Similar Description - NTE30018

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE30005 NTE-NTE30005 Datasheet
73Kb / 2P
   Light Emitting Diode (LED) 0603 Surface Mount
NTE30002 NTE-NTE30002 Datasheet
73Kb / 2P
   Light Emitting Diode (LED) 0805 Surface Mount
NTE30074 NTE-NTE30074 Datasheet
92Kb / 3P
   Light Emitting Diode (LED) 1206 Surface Mount
NTE30022 NTE-NTE30022 Datasheet
86Kb / 2P
   Light Emitting Diode (LED) 0805 Surface Mount
NTE30026 NTE-NTE30026 Datasheet
83Kb / 2P
   Light Emitting Diode (LED) PLCC Surface Mount
NTE30011 NTE-NTE30011 Datasheet
68Kb / 2P
   Light Emitting Diode (LED) PLCC Surface Mount
NTE30088 NTE-NTE30088 Datasheet
88Kb / 2P
   Light Emitting Diode (LED) SOT−23 Surface Mount
NTE30081 NTE-NTE30081 Datasheet
87Kb / 3P
   Light Emitting Diode (LED) Right Angle Surface Mount
logo
Fairchild Semiconductor
QEB441TR FAIRCHILD-QEB441TR Datasheet
127Kb / 4P
   SURFACE MOUNT INFRARED LIGHT EMITTING DIODE
QEB441 FAIRCHILD-QEB441 Datasheet
121Kb / 4P
   SURFACE MOUNT INFRARED LIGHT EMITTING DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com