Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9011AIRCCZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL9011AIRCCZ
Description  Dual LDO with Low Noise, Low IQ, and High PSRR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9011AIRCCZ Datasheet(HTML) 3 Page - Intersil Corporation

  ISL9011AIRCCZ Datasheet HTML 1Page - Intersil Corporation ISL9011AIRCCZ Datasheet HTML 2Page - Intersil Corporation ISL9011AIRCCZ Datasheet HTML 3Page - Intersil Corporation ISL9011AIRCCZ Datasheet HTML 4Page - Intersil Corporation ISL9011AIRCCZ Datasheet HTML 5Page - Intersil Corporation ISL9011AIRCCZ Datasheet HTML 6Page - Intersil Corporation ISL9011AIRCCZ Datasheet HTML 7Page - Intersil Corporation ISL9011AIRCCZ Datasheet HTML 8Page - Intersil Corporation ISL9011AIRCCZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
FN6437.0
January 30, 2007
Absolute Maximum Ratings
Thermal Information
Supply Voltage (VIN) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +7.1V
All Other Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to (VIN+0.3)V
Recommended Operating Conditions
Ambient Temperature Range (TA) . . . . . . . . . . . . . . .-40°C to +85°C
Supply Voltage (VIN) . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.3V to 6.5V
Thermal Resistance (Notes 4, 5)
θJA (°C/W) θJC (°C/W)
3x3 DFN Package . . . . . . . . . . . . . . . .
50
10
Junction Temperature Range . . . . . . . . . . . . . . . . . -40°C to +125°C
Operating Temperature Range . . . . . . . . . . . . . . . . . -40°C to +85°C
Storage Temperature Range . . . . . . . . . . . . . . . . . . -65°C to +150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . +300°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
4.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
5.
θ
JC, “case temperature” location is at the center of the exposed metal pad on the package underside. See Tech Brief TB379.
Electrical Specifications
Unless otherwise noted, all parameters are guaranteed over the operational supply voltage and temperature
range of the device as follows: TA = -40°C to +85°C; VIN = (VO+1.0V) to 6.5V with a minimum VIN of 2.3V;
CIN = 1μF; CO = 1μF; CBYP = 0.01μF
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
DC CHARACTERISTICS
Supply Voltage
VIN
2.3
6.5
V
Ground Current
Quiescent condition: IO1 = 0µA; IO2 = 0µA
IDD1
One LDO active
25
40
µA
IDD2
Both LDO active
45
60
µA
Shutdown Current
IDDS
@ +25°C
0.1
1.0
µA
UVLO Threshold
VUV+
1.9
2.1
2.3
V
VUV-
1.6
1.8
2.0
V
Regulation Voltage Accuracy
Variation from nominal voltage output, VIN = VO +0.5 to 5.5V,
TJ = -40°C to +125°C
-1.8
+1.8
%
Line Regulation
VIN = (VOUT +1.0V relative to highest output voltage) to 5.5V
-0.2
0
0.2
%/V
Load Regulation
IOUT = 100µA to 150mA (VO1 and VO2)
0.1
0.7
%
IOUT = 100µA to 300mA (VO2)
1.0
%
Maximum Output Current
IMAX
VO1: Continuous
150
mA
VO2: Continuous
300
mA
Internal Current Limit
ILIM
350
475
600
mA
Dropout Voltage (Note 6)
VDO1
IO = 150mA; VO > 2.1V (VO1)
125
200
mV
VDO2
IO = 300mA; VO < 2.5V (VO2)
300
500
mV
VDO3
IO = 300mA; 2.5V ≤ VO ≤ 2.8V (VO2)
250
400
mV
VDO4
IO = 300mA; VO > 2.8V (VO2)
200
325
mV
Thermal Shutdown Temperature
TSD+
145
°C
TSD-
110
°C
AC CHARACTERISTICS
Ripple Rejection
IO = 10mA, VIN = 2.8V(min), VO = 1.8V, CBYP = 0.1μF
@ 1kHz
70
dB
@ 10kHz
55
dB
@ 100kHz
40
dB
Output Noise Voltage
IO = 100μA, VO = 1.5V, TA = +25°C, CBYP = 0.1μF
BW = 10Hz to 100kHz
30
µVRMS
ISL9011A


Similar Part No. - ISL9011AIRCCZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9011AIRCCZ INTERSIL-ISL9011AIRCCZ Datasheet
320Kb / 12P
   Dual LDO with Low Noise, Low IQ and High PSRR
September 1, 2015
logo
Renesas Technology Corp
ISL9011AIRCCZ RENESAS-ISL9011AIRCCZ Datasheet
584Kb / 12P
   Dual LDO with Low Noise, Low IQ and High PSRR
More results

Similar Description - ISL9011AIRCCZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9014A INTERSIL-ISL9014A Datasheet
214Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Renesas Technology Corp
ISL9014A RENESAS-ISL9014A Datasheet
606Kb / 13P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Intersil Corporation
ISL9011AIRNNZ INTERSIL-ISL9011AIRNNZ Datasheet
320Kb / 12P
   Dual LDO with Low Noise, Low IQ and High PSRR
September 1, 2015
ISL9014AIRNNZ INTERSIL-ISL9014AIRNNZ Datasheet
211Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
March 11, 2008
ISL9012 INTERSIL-ISL9012 Datasheet
233Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Renesas Technology Corp
ISL9011A RENESAS-ISL9011A Datasheet
584Kb / 12P
   Dual LDO with Low Noise, Low IQ and High PSRR
ISL9012 RENESAS-ISL9012 Datasheet
595Kb / 12P
   Dual LDO with Low Noise, Low IQ, and High PSRR
ISL9014 RENESAS-ISL9014 Datasheet
550Kb / 11P
   Dual LDO with Low Noise, Low IQ and High PSRR
logo
Intersil Corporation
ISL9014 INTERSIL-ISL9014_06 Datasheet
220Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
ISL9012 INTERSIL-ISL9012_06 Datasheet
235Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com