Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE30055 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE30055
Description  Super Bright LED Indicators, 8mm
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE30055 Datasheet(HTML) 2 Page - NTE Electronics

  NTE30055 Datasheet HTML 1Page - NTE Electronics NTE30055 Datasheet HTML 2Page - NTE Electronics NTE30055 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electro−Optical Characteristics (Cont’d): (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ Max Unit
Reverse Current
All Devices
IR
VR = 5V
10
µA
NTE30054, NTE30058, NTE30059
VR = 4V
60
µA
Luminous Intensity
NTE30053
IV
IF = 20mA, Note 1
600 1600
mcd
NTE30054
2000 4500
mcd
NTE30055, NTE30056
2400 3600
mcd
NTE30057
1200 2200
mcd
NTE30058
700 1500
mcd
NTE30059
1700 4000
mcd
Peak Emission Wave Length
NTE30053
λP
IF = 20mA
575
nm
NTE30054
F
523
nm
NTE30055
592
nm
NTE30056
620
nm
NTE30057
660
nm
NTE30058
468
nm
NTE30059
CIE Coordinates, Typ
X: 0.30; Y: 0.29
Dominate Wave Length
NTE30053
λd (HUE) IF = 20mA, Note 2
568
572
576
nm
NTE30054
520
525
540
nm
NTE30055
585
590
594
nm
NTE30056
600
610
615
nm
NTE30057
645
nm
NTE30058
463
470
479
nm
Spectral Line Half Width
NTE30053
∆λ
IF = 20mA
15
nm
NTE30054
45
nm
NTE30055
25
nm
NTE30056, NTE30057
20
nm
NTE30058
35
nm
Viewing Angle
NTE30053, NTE30055, NTE30056
2
q1/2
IF = 20mA
25
deg.
NTE30054, NTE30057, NTE30059
30
deg.
NTE30058
35
deg.
Terminal Capacitance
NTE30053
Ct
V = 0V, f = 1MHz
35
pF
NTE30055
14
pF
NTE30056
16
pF
NTE30057
22
pF
Response Frequency
NTE30053, NTE30055, NTE30056, NTE30057
Fc
4
MHz
Optic Rise Time (NTE30054 Only)
τ
IF = 20mA
30
ns
Note 1. Luminous intensity is measured with an Exeltron 2001.
Note 2. The dominate wavelength,
λd, is derived from the CIE Chromaticity Diagram and represents
the color of the device.


Similar Part No. - NTE30055

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE300 NTE-NTE300 Datasheet
19Kb / 2P
   Silicon Complementary Transistors Audio Power Amplifier
NTE3000 NTE-NTE3000 Datasheet
18Kb / 2P
   Light Emitting Diode Miniature, Clear Red
NTE3000 NTE-NTE3000 Datasheet
26Kb / 2P
   Light Emitting Diode Water Clear, High Efficiency Red
NTE30001 NTE-NTE30001 Datasheet
19Kb / 2P
   Infrared Emitting Diode Bi.Directional
NTE30002 NTE-NTE30002 Datasheet
73Kb / 2P
   Light Emitting Diode (LED) 0805 Surface Mount
More results

Similar Description - NTE30055

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE30065 NTE-NTE30065 Datasheet
95Kb / 3P
   Super Bright LED Indicators, 10mm
NTE30030 NTE-NTE30030 Datasheet
84Kb / 3P
   Super Bright LED Indicators, 3mm
NTE30037 NTE-NTE30037 Datasheet
96Kb / 3P
   Super Bright LED Indicators, 5mm
logo
P-tec Corporation
PL22-CDY28 P-TEC-PL22-CDY28 Datasheet
72Kb / 1P
   8mm Super Bright Yellow LED
logo
NTE Electronics
NTE30123 NTE-NTE30123 Datasheet
58Kb / 2P
   Super Bright LED Indicator Super Purple, 8mm
logo
Kingbright Corporation
L793SRC KINGBRIGHT-L793SRC Datasheet
91Kb / 3P
   8mm SUPER BRIGHT BIG LED LAMPS
logo
NTE Electronics
NTE30135 NTE-NTE30135 Datasheet
72Kb / 2P
   Super Bright LED Indicators 5mm, Bullet Head Type
logo
TAITRON Components Inco...
TLH-X1W8-ZIKK TAITRON-TLH-X1W8-ZIKK Datasheet
262Kb / 6P
   Super Bright LED
logo
List of Unclassifed Man...
3803X ETC1-3803X Datasheet
88Kb / 7P
   SUPER BRIGHT LED
logo
TAITRON Components Inco...
TLH-Q1W8-ZIKK TAITRON-TLH-Q1W8-ZIKK Datasheet
261Kb / 6P
   Super Bright LED
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com