Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE30068 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE30068
Description  Super Bright LED Indicators, 10mm
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE30068 Datasheet(HTML) 1 Page - NTE Electronics

  NTE30068 Datasheet HTML 1Page - NTE Electronics NTE30068 Datasheet HTML 2Page - NTE Electronics NTE30068 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NTE30065 thru NTE30071
Super Bright LED Indicators, 10mm
Features:
D RoHS Compliant
D All Plastic Mold Type w/Water Clear Lens:
NTE30065 (Yellow Green, AIInGaP/GaAs)
NTE30066 (Light Green, InGaN/GaN)
NTE30067 (Orange, AllnGaP/GaAs)
NTE30068 (Light Red, AllnGaP/GaAs)
NTE30069 (Deep Red, GaAlAs/GaAlAs)
NTE30070 (Blue, INGaN/GaN)
NTE30071 (White)
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Reverse Voltage, VR
NTE30066, NTE30070, NTE30071
4V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NTE30065, NTE30067, NTE30068, NTE30069
5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous Forward Current, IF
All Devices
25mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NTE30066 Only
30mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak Forward Current (1.10 Duty Cycle, 0.1ms Pulse Width), IFM
NTE30065, NTE30067, NTE30068, NTE30069
50mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NTE30066, NTE30070, NTE30071
100mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation, PD
NTE30065, NTE30067, NTE30068
100mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NTE30069
110mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NTE30066, NTE30070, NTE30071
120mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
LED Junction Temperature, Tj
+100
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, Topr
−25
°C to +85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
All Devices
−40
°C to +100°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NTE30067 Only
−25
°C to +100°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead Temperature (During Soldering, .063 (1.6mm) from body, 5sec max), TL
+260
°C
. . . . . . . . . . .
Electro−Optical Characteristics: (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ Max Unit
Forward Voltage
NTE30065
VF
IF = 20mA
2.2
2.5
V
NTE30066, NTE30070
3.5
4.0
V
NTE30067, NTE30068
2.0
2.5
V
NTE30069
1.86
2.5
V
NTE30071
3.5
4.2
V


Similar Part No. - NTE30068

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE300 NTE-NTE300 Datasheet
19Kb / 2P
   Silicon Complementary Transistors Audio Power Amplifier
NTE3000 NTE-NTE3000 Datasheet
18Kb / 2P
   Light Emitting Diode Miniature, Clear Red
NTE3000 NTE-NTE3000 Datasheet
26Kb / 2P
   Light Emitting Diode Water Clear, High Efficiency Red
NTE30001 NTE-NTE30001 Datasheet
19Kb / 2P
   Infrared Emitting Diode Bi.Directional
NTE30002 NTE-NTE30002 Datasheet
73Kb / 2P
   Light Emitting Diode (LED) 0805 Surface Mount
More results

Similar Description - NTE30068

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE30053 NTE-NTE30053 Datasheet
95Kb / 3P
   Super Bright LED Indicators, 8mm
NTE30030 NTE-NTE30030 Datasheet
84Kb / 3P
   Super Bright LED Indicators, 3mm
NTE30037 NTE-NTE30037 Datasheet
96Kb / 3P
   Super Bright LED Indicators, 5mm
NTE30124 NTE-NTE30124 Datasheet
58Kb / 2P
   Super Bright LED Indicator Super Purple, 10mm
logo
Kingbright Corporation
L-813SGC KINGBRIGHT-L-813SGC Datasheet
91Kb / 3P
   10mm SUPER BRIGHT BIG LED LAMP
logo
LUMEX INC.
SSL-LX100133XGC LUMEX-SSL-LX100133XGC Datasheet
361Kb / 1P
   T-10mm LEd, SUPER BRIGHT GREEN
logo
NTE Electronics
NTE30135 NTE-NTE30135 Datasheet
72Kb / 2P
   Super Bright LED Indicators 5mm, Bullet Head Type
logo
Kingbright Corporation
L-813SRC KINGBRIGHT-L-813SRC Datasheet
501Kb / 3P
   10mm SUPER BRIGHT BIG LAMPS
logo
LUMEX INC.
SSL-LX100133XRC LUMEX-SSL-LX100133XRC Datasheet
114Kb / 1P
   T-10mm LED, SUPER BRIGHT RED, WATER CLEAR LENS
SSL-LX100133XRC-3 LUMEX-SSL-LX100133XRC-3 Datasheet
395Kb / 1P
   T-10mm LED, SUPER BRIGHT RED, WATER CLEAR LENS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com