Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-0721301QHC Datasheet(PDF) 3 Page - Intersil Corporation

Part # 5962-0721301QHC
Description  500MHz Rail-to-Rail Amplifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5962-0721301QHC Datasheet(HTML) 3 Page - Intersil Corporation

  5962-0721301QHC Datasheet HTML 1Page - Intersil Corporation 5962-0721301QHC Datasheet HTML 2Page - Intersil Corporation 5962-0721301QHC Datasheet HTML 3Page - Intersil Corporation 5962-0721301QHC Datasheet HTML 4Page - Intersil Corporation 5962-0721301QHC Datasheet HTML 5Page - Intersil Corporation 5962-0721301QHC Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
FN6478.0
March 30, 2007
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are
at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Absolute Maximum Ratings (TA = 25°C)
Supply Voltage from VS+ to VS- . . . . . . . . . . . . . . . . . . . . . . . . 5.5V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . VS+ +0.3V to VS- -0.3V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2V
Continuous Output Current . . . . . . . . . . . . . . . . . . . 20mA / Op Amp
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . 74.3mW / Op Amp
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Ambient Operating Temperature . . . . . . . . . . . . . . . -55°C to +125°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +150°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Electrical Specifications
VS+ = 5V, VS- = GND, TA = 25°C, VCM = 2.5V, RL to 2.5V, AV = 1, Unless Otherwise Specified
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
INPUT CHARACTERISTICS
RIN
Input Resistance
Common Mode
3.5
M
Ω
CIN
Input Capacitance
0.5
pF
OUTPUT CHARACTERISTICS
ROUT
Output Resistance
AV = +1
30
m
Ω
IOUT
Linear Output Current
65
mA
ENABLE (5962-0721301QHC ONLY)
tEN
Enable Time
200
ns
tDS
Disable Time
25
ns
VIH-ENB
ENABLE Pin Voltage for Power-up
0.8
V
VIL-ENB
ENABLE Pin Voltage for Shut-down
2
V
AC PERFORMANCE
BW
-3dB Bandwidth
AV = +1, RF = 0Ω, CL = 2.5pF
500
MHz
AV = -1, RF = 1kΩ, CL = 2.5pF
140
MHz
AV = +2, RF = 1kΩ, CL = 2.5pF
165
MHz
AV = +10, RF = 1kΩ, CL = 2.5pF
18
MHz
BW
±0.1dB Bandwidth
AV = +1, RF = 0Ω, CL = 2.5pF
35
MHz
Peak
Peaking
AV = +1, RL = 1kΩ, CL = 2.5pF
2
dB
GBWP
Gain Bandwidth Product
200
MHz
PM
Phase Margin
RL = 1kΩ, CL = 2.5pF
55
°
SR
Slew Rate
AV = 2, RL = 100Ω, VOUT = 0.5V to 4.5V
600
V/µs
tR
Rise Time
2.5VSTEP, 20% - 80%
4
ns
tF
Fall Time
2.5VSTEP, 20% - 80%
2
ns
OS
Overshoot
200mV step
10
%
tPD
Propagation Delay
200mV step
1
ns
tS
0.1% Settling Time
200mV step
15
ns
dG
Differential Gain
AV = +2, RF = 1kΩ, RL = 150Ω
0.01
%
dP
Differential Phase
AV = +2, RF = 1kΩ, RL = 150Ω
0.01
°
eN
Input Noise Voltage
f = 10kHz
12
nV/
√Hz
iN+
Positive Input Noise Current
f = 10kHz
1.7
pA/
√Hz
iN-
Negative Input Noise Current
f = 10kHz
1.3
pA/
√Hz
eS
Channel Separation
f = 100kHz
95
dB
5962-0721301QHC, 5962-0721302QHC, 5962-0721302QDC


Similar Part No. - 5962-0721301QHC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962-0721301QXC INTERSIL-5962-0721301QXC Datasheet
131Kb / 5P
   500MHz Rail-to-Rail Amplifiers
More results

Similar Description - 5962-0721301QHC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962-0623501QPC INTERSIL-5962-0623501QPC Datasheet
115Kb / 4P
   500MHz Rail-to-Rail Amplifiers
EL8102 INTERSIL-EL8102_05 Datasheet
377Kb / 12P
   500MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8202 RENESAS-EL8202 Datasheet
945Kb / 16P
   500MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
EL8102 INTERSIL-EL8102 Datasheet
221Kb / 12P
   500MHz Rail-to-Rail Amplifiers
EL8403 INTERSIL-EL8403 Datasheet
739Kb / 16P
   500MHz Rail-to-Rail Amplifiers
5962-0721301QXC INTERSIL-5962-0721301QXC Datasheet
131Kb / 5P
   500MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8102 RENESAS-EL8102 Datasheet
752Kb / 14P
   500MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
EL8403 INTERSIL-EL8403 Datasheet
740Kb / 16P
   500MHz Rail-to-Rail Amplifiers
EL8102 INTERSIL-EL8102_07 Datasheet
363Kb / 14P
   500MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
5962-0623501 RENESAS-5962-0623501 Datasheet
237Kb / 4P
   500MHz Rail-to-Rail Amplifiers
November 3, 2011
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com