Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-0721302QHC Datasheet(PDF) 4 Page - Intersil Corporation

Part # 5962-0721302QHC
Description  500MHz Rail-to-Rail Amplifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5962-0721302QHC Datasheet(HTML) 4 Page - Intersil Corporation

  5962-0721302QHC Datasheet HTML 1Page - Intersil Corporation 5962-0721302QHC Datasheet HTML 2Page - Intersil Corporation 5962-0721302QHC Datasheet HTML 3Page - Intersil Corporation 5962-0721302QHC Datasheet HTML 4Page - Intersil Corporation 5962-0721302QHC Datasheet HTML 5Page - Intersil Corporation 5962-0721302QHC Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN6478.0
March 30, 2007
Simplified Schematic Diagram
Pin Descriptions
5962-0721301QHC
(10 FLATPACK)
5962-0721302QHC
(10 FLATPACK)
5962-0721303QDC
(14 FLATPACK)
NAME
FUNCTION
1, 5
1, 5
3, 5, 10, 12
IN+
Non-inverting input for each channel
2, 4
CE
Enable and disable input for each channel
3
3
11
VS-
Negative power supply
6, 10
6, 10
2, 6, 9, 13
IN-
Inverting input for each channel
7, 9
7, 9
1, 7, 8, 14
OUT
Amplifier output for each channel
8
8
4
VS+
Positive power supply
2, 4
NC
Not Connected
IN+
IN-
I1
I2
R6
R3
R1
R2
Q1
Q2
R7
VBIAS1
Q5
Q6
R8
Q7
Q8
R9
Q3
Q4
R4
R5
VS-
OUT
VBIAS2
VS+
DIFFERENTIAL TO
DRIVE
GENERATOR
SINGLE ENDED
5962-0721301QHC, 5962-0721302QHC, 5962-0721302QDC


Similar Part No. - 5962-0721302QHC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962-0721302QXC INTERSIL-5962-0721302QXC Datasheet
131Kb / 5P
   500MHz Rail-to-Rail Amplifiers
More results

Similar Description - 5962-0721302QHC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962-0623501QPC INTERSIL-5962-0623501QPC Datasheet
115Kb / 4P
   500MHz Rail-to-Rail Amplifiers
EL8102 INTERSIL-EL8102_05 Datasheet
377Kb / 12P
   500MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8202 RENESAS-EL8202 Datasheet
945Kb / 16P
   500MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
EL8102 INTERSIL-EL8102 Datasheet
221Kb / 12P
   500MHz Rail-to-Rail Amplifiers
EL8403 INTERSIL-EL8403 Datasheet
739Kb / 16P
   500MHz Rail-to-Rail Amplifiers
5962-0721301QXC INTERSIL-5962-0721301QXC Datasheet
131Kb / 5P
   500MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8102 RENESAS-EL8102 Datasheet
752Kb / 14P
   500MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
EL8403 INTERSIL-EL8403 Datasheet
740Kb / 16P
   500MHz Rail-to-Rail Amplifiers
EL8102 INTERSIL-EL8102_07 Datasheet
363Kb / 14P
   500MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
5962-0623501 RENESAS-5962-0623501 Datasheet
237Kb / 4P
   500MHz Rail-to-Rail Amplifiers
November 3, 2011
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com