Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7535 Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL7535
Description  Monolithic 350mA Step-Down Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7535 Datasheet(HTML) 7 Page - Intersil Corporation

  EL7535 Datasheet HTML 1Page - Intersil Corporation EL7535 Datasheet HTML 2Page - Intersil Corporation EL7535 Datasheet HTML 3Page - Intersil Corporation EL7535 Datasheet HTML 4Page - Intersil Corporation EL7535 Datasheet HTML 5Page - Intersil Corporation EL7535 Datasheet HTML 6Page - Intersil Corporation EL7535 Datasheet HTML 7Page - Intersil Corporation EL7535 Datasheet HTML 8Page - Intersil Corporation EL7535 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
FN7003.5
July 13, 2006
Applications Information
Product Description
The EL7535 is a synchronous, integrated FET 350mA step-
down regulator which operates from an input of 2.5V to 6V.
The output voltage is user-adjustable with a pair of external
resistors.
The internally-compensated controller makes it possible to
use only two ceramic capacitors and one inductor to form a
complete, very small footprint 350mA DC/DC converter.
PWM Operation
In the PWM mode, the P channel MOSFET and N channel
MOSFET always operate complementary. When the
PMOSFET is on and the NMOSFET off, the inductor current
increases linearly. The input energy is transferred to the
output and also stored in the inductor. When the P channel
MOSFET is off and the N channel MOSFET on, the inductor
current decreases linearly, and energy is transferred from
the inductor to the output. Hence, the average current
through the inductor is the output current. Since the inductor
and the output capacitor act as a low pass filter, the duty
cycle ratio is approximately equal to VO divided by VIN.
The output LC filter has a second order effect. To maintain
the stability of the converter, the overall controller must be
compensated. This is done with the fixed internally
compensated error amplifier and the PWM compensator.
Because the compensations are fixed, the values of input
and output capacitors are 10µF to 22µF ceramic. The
inductor is nominally 1.8µH, though 1.5µA to 2.2µH can be
used.
Start-Up and Shut-Down
When the EN pin is tied to VIN, and VIN reaches
approximately 2.4V, the regulator begins to switch. The
output voltage is gradually increased to ensure proper soft-
start operation.
When the EN pin is connected to a logic low, the EL7535 is
in the shut-down mode. All the control circuitry and both
MOSFETs are off, and VOUT falls to zero. In this mode, the
total input current is less than 1µA.
When the EN reaches logic HI, the regulator repeats the
start-up procedure, including the soft-start function.
RSI/POR Function
When powering up, the open-collector Power-On-Reset
output holds low for about 100ms after VO reaches the
preset voltage. When the active-HI reset signal RSI is
issued, POR goes to low immediately and holds for the
same period of time after RSI comes back to LOW. The
output voltage is unaffected. (Please refer to the timing
diagram). When the function is not used, connect RSI to
ground and leave open the pull-up resister R4 at POR pin.
The POR output also serves as a 100ms delayed Power
Good signal when the pull-up resister R4 is installed. The
RSI pin needs to be directly (or indirectly through a resister
R6) connected to Ground for this to function properly.
Output Voltage Selection
Users can set the output voltage of the converter with a
resister divider, which can be chosen based on the following
formula:
Component Selection
Because of the fixed internal compensation, the component
choice is relatively narrow. For a regulator with fixed output
voltage, only two capacitors and one inductor are required.
We recommend 10µF to 22µF multi-layer ceramic capacitors
with X5R or X7R rating for both the input and output
capacitors, and 1.5µH to 2.2µH inductance for the inductor.
The RMS current present at the input capacitor is decided by
the following formula:
This is about half of the output current IO for all the VO. This
input capacitor must be able to handle this current.
The inductor peak-to-peak ripple current is given as:
• L is the inductance
•fS the switching frequency (nominally 1.4MHz)
The inductor must be able to handle IO for the RMS load
current, and to assure that the inductor is reliable, it must
handle the 1.5A surge current that can occur during a
current limit condition.
In addition to decoupling capacitors and inductor value, it is
important to properly size the phase-lead capacitor C4
(Refer to the Typical Application Diagram). The phase-lead
capacitor creates additional phase margin in the control loop
by generating a zero and a pole in the transfer function. As a
general rule of thumb, C4 should be sized to start the phase-
lead at a frequency of ~2.5kHz. The zero will always appear
at lower frequency than the pole and follow the equation
below:
Over a normal range of R2 (~10-100k), C4 will range from
~470-4700pF. The pole frequency cannot be set once the
zero frequency is chosen as it is dictated by the ratio of R1
and R2, which is solely determined by the desired output set
V
O
0.8
1
R
2
R
1
-------
+
⎝⎠
⎜⎟
⎛⎞
×
=
I
INRMS
V
IN
V
IN - VO
()
×
V
IN
-------------------------------------------------
I
O
×
=
∆I
IL
V
IN
(
- V
O )
V
O
×
LV
IN
f
S
×
×
--------------------------------------------
=
f
Z
1
2
πR
2C4
----------------------
=
EL7535


Similar Part No. - EL7535

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7535 INTERSIL-EL7535 Datasheet
317Kb / 8P
   Monolithic 350mA Step-Down Regulator
logo
Renesas Technology Corp
EL7535 RENESAS-EL7535 Datasheet
505Kb / 10P
   Monolithic 350mA Step-Down Regulator
logo
Intersil Corporation
EL7535IY INTERSIL-EL7535IY Datasheet
317Kb / 8P
   Monolithic 350mA Step-Down Regulator
EL7535IY-T13 INTERSIL-EL7535IY-T13 Datasheet
317Kb / 8P
   Monolithic 350mA Step-Down Regulator
EL7535IY-T7 INTERSIL-EL7535IY-T7 Datasheet
317Kb / 8P
   Monolithic 350mA Step-Down Regulator
More results

Similar Description - EL7535

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7535 RENESAS-EL7535 Datasheet
505Kb / 10P
   Monolithic 350mA Step-Down Regulator
logo
Intersil Corporation
EL7535 INTERSIL-EL7535 Datasheet
317Kb / 8P
   Monolithic 350mA Step-Down Regulator
EL7536 INTERSIL-EL7536 Datasheet
430Kb / 8P
   Monolithic 1A Step-Down Regulator
EL7536 INTERSIL-EL7536_06 Datasheet
186Kb / 9P
   Monolithic 1A Step-Down Regulator
logo
Renesas Technology Corp
EL7532 RENESAS-EL7532 Datasheet
506Kb / 9P
   Monolithic 2A Step-Down Regulator
logo
Intersil Corporation
EL7534 INTERSIL-EL7534 Datasheet
351Kb / 8P
   Monolithic 600mA Step-Down Regulator
EL7532 INTERSIL-EL7532 Datasheet
226Kb / 8P
   Monolithic 2A Step-Down Regulator
logo
Renesas Technology Corp
EL7536 RENESAS-EL7536 Datasheet
488Kb / 9P
   Monolithic 1A Step-Down Regulator
logo
Intersil Corporation
EL7534 INTERSIL-EL7534_06 Datasheet
193Kb / 9P
   Monolithic 600mA Step-Down Regulator
EL7532 INTERSIL-EL7532_06 Datasheet
212Kb / 8P
   Monolithic 2A Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com