Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7535IY-T7 Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL7535IY-T7
Description  Monolithic 350mA Step-Down Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7535IY-T7 Datasheet(HTML) 3 Page - Intersil Corporation

  EL7535IY-T7 Datasheet HTML 1Page - Intersil Corporation EL7535IY-T7 Datasheet HTML 2Page - Intersil Corporation EL7535IY-T7 Datasheet HTML 3Page - Intersil Corporation EL7535IY-T7 Datasheet HTML 4Page - Intersil Corporation EL7535IY-T7 Datasheet HTML 5Page - Intersil Corporation EL7535IY-T7 Datasheet HTML 6Page - Intersil Corporation EL7535IY-T7 Datasheet HTML 7Page - Intersil Corporation EL7535IY-T7 Datasheet HTML 8Page - Intersil Corporation EL7535IY-T7 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
FN7003.5
July 13, 2006
Timing Diagram
Pin Descriptions
PIN NUMBER
PIN NAME
PIN FUNCTION
1
SGND
Negative supply for the controller stage
2
PGND
Negative supply for the power stage
3
LX
Inductor drive pin; high current digital output with average voltage equal to the regulator output voltage
4
VIN
Positive supply for the power stage
5
VDD
Power supply for the controller stage
6
RSI
Resets POR timer
7
EN
Enable
8
POR
Power on reset open drain output
9
VO
Output voltage sense
10
FB
Voltage feedback input; connected to an external resistor divider between VO and SGND for variable
output
100ms
MIN
25ns
100ms
POR
RSI
VO
EL7535


Similar Part No. - EL7535IY-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7535IY-T7 INTERSIL-EL7535IY-T7 Datasheet
317Kb / 8P
   Monolithic 350mA Step-Down Regulator
More results

Similar Description - EL7535IY-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7535 RENESAS-EL7535 Datasheet
505Kb / 10P
   Monolithic 350mA Step-Down Regulator
logo
Intersil Corporation
EL7535 INTERSIL-EL7535 Datasheet
317Kb / 8P
   Monolithic 350mA Step-Down Regulator
EL7536 INTERSIL-EL7536 Datasheet
430Kb / 8P
   Monolithic 1A Step-Down Regulator
EL7536 INTERSIL-EL7536_06 Datasheet
186Kb / 9P
   Monolithic 1A Step-Down Regulator
logo
Renesas Technology Corp
EL7532 RENESAS-EL7532 Datasheet
506Kb / 9P
   Monolithic 2A Step-Down Regulator
logo
Intersil Corporation
EL7534 INTERSIL-EL7534 Datasheet
351Kb / 8P
   Monolithic 600mA Step-Down Regulator
EL7532 INTERSIL-EL7532 Datasheet
226Kb / 8P
   Monolithic 2A Step-Down Regulator
logo
Renesas Technology Corp
EL7536 RENESAS-EL7536 Datasheet
488Kb / 9P
   Monolithic 1A Step-Down Regulator
logo
Intersil Corporation
EL7534 INTERSIL-EL7534_06 Datasheet
193Kb / 9P
   Monolithic 600mA Step-Down Regulator
EL7532 INTERSIL-EL7532_06 Datasheet
212Kb / 8P
   Monolithic 2A Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com