Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7535IY-T7 Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL7535IY-T7
Description  Monolithic 350mA Step-Down Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7535IY-T7 Datasheet(HTML) 5 Page - Intersil Corporation

  EL7535IY-T7 Datasheet HTML 1Page - Intersil Corporation EL7535IY-T7 Datasheet HTML 2Page - Intersil Corporation EL7535IY-T7 Datasheet HTML 3Page - Intersil Corporation EL7535IY-T7 Datasheet HTML 4Page - Intersil Corporation EL7535IY-T7 Datasheet HTML 5Page - Intersil Corporation EL7535IY-T7 Datasheet HTML 6Page - Intersil Corporation EL7535IY-T7 Datasheet HTML 7Page - Intersil Corporation EL7535IY-T7 Datasheet HTML 8Page - Intersil Corporation EL7535IY-T7 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
FN7003.5
July 13, 2006
Typical Performance Curves
FIGURE 1. EFFICIENCY
FIGURE 2. EFFICIENCY
FIGURE 3. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 4. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
100
95
90
85
80
75
70
65
60
0
200
400
IO (mA)
VO=3.3V
VO=1.2V
300
100
VO=2.5V
VO=1.8V
VIN=5V
100
95
90
85
80
75
70
65
60
0
IO (mA)
VO=2.5V
VO=1V
200
400
300
100
VO=1.2V
VO=1.8V
VIN=3.3V
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0.6
0.4
0.3
0.2
0.1
0
0
255075
100
150
AMBIENT TEMPERATURE (°C)
85
θ
JA
=2
06
°C
/W
M
S
O
P
10
0.5
125
1.00
0.90
0.30
0
0
255075
100
150
AMBIENT TEMPERATURE (°C)
85
0.70
0.20
0.50
125
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0.10
0.40
0.60
0.80
Waveforms
All waveforms are taken at VIN = 3.3V, VO = 1.8V, IO = 350mA with component values shown on page 1, unless otherwise noted
FIGURE 5. START-UP 1
FIGURE 6. START-UP 2
VIN
(1V/DIV)
IIN
(0.2A/DIV)
VO
(1V/DIV)
0.5ms/DIV
VIN
(2V/DIV)
POR
(2V/DIV)
VO
(2V/DIV)
50ms/DIV
EL7535


Similar Part No. - EL7535IY-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7535IY-T7 INTERSIL-EL7535IY-T7 Datasheet
317Kb / 8P
   Monolithic 350mA Step-Down Regulator
More results

Similar Description - EL7535IY-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7535 RENESAS-EL7535 Datasheet
505Kb / 10P
   Monolithic 350mA Step-Down Regulator
logo
Intersil Corporation
EL7535 INTERSIL-EL7535 Datasheet
317Kb / 8P
   Monolithic 350mA Step-Down Regulator
EL7536 INTERSIL-EL7536 Datasheet
430Kb / 8P
   Monolithic 1A Step-Down Regulator
EL7536 INTERSIL-EL7536_06 Datasheet
186Kb / 9P
   Monolithic 1A Step-Down Regulator
logo
Renesas Technology Corp
EL7532 RENESAS-EL7532 Datasheet
506Kb / 9P
   Monolithic 2A Step-Down Regulator
logo
Intersil Corporation
EL7534 INTERSIL-EL7534 Datasheet
351Kb / 8P
   Monolithic 600mA Step-Down Regulator
EL7532 INTERSIL-EL7532 Datasheet
226Kb / 8P
   Monolithic 2A Step-Down Regulator
logo
Renesas Technology Corp
EL7536 RENESAS-EL7536 Datasheet
488Kb / 9P
   Monolithic 1A Step-Down Regulator
logo
Intersil Corporation
EL7534 INTERSIL-EL7534_06 Datasheet
193Kb / 9P
   Monolithic 600mA Step-Down Regulator
EL7532 INTERSIL-EL7532_06 Datasheet
212Kb / 8P
   Monolithic 2A Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com