Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL1519 Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL1519
Description  Medium Power Differential Line Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL1519 Datasheet(HTML) 7 Page - Intersil Corporation

  EL1519_07 Datasheet HTML 1Page - Intersil Corporation EL1519_07 Datasheet HTML 2Page - Intersil Corporation EL1519_07 Datasheet HTML 3Page - Intersil Corporation EL1519_07 Datasheet HTML 4Page - Intersil Corporation EL1519_07 Datasheet HTML 5Page - Intersil Corporation EL1519_07 Datasheet HTML 6Page - Intersil Corporation EL1519_07 Datasheet HTML 7Page - Intersil Corporation EL1519_07 Datasheet HTML 8Page - Intersil Corporation EL1519_07 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
FN7017.2
April 10, 2007
Applications Information
Product Description
The EL1519 is a dual operational amplifier designed for
customer premise line driving in DMT ADSL solutions. It is a
dual current mode feedback amplifier with low distortion
while drawing moderately low supply current. It is built using
Elantec's proprietary complimentary bipolar process and is
offered in industry standard pin-outs. Due to the current
feedback architecture, the EL1519 closed-loop 3dB
bandwidth is dependent on the value of the feedback
resistor. First the desired bandwidth is selected by choosing
the feedback resistor, RF, and then the gain is set by picking
the gain resistor, RG. The curves at the beginning of the
Typical Performance Curves section show the effect of
varying both RF and RG. The 3dB bandwidth is somewhat
dependent on the power supply voltage.
Power Supply Bypassing and Printed Circuit
Board Layout
As with any high frequency device, good printed circuit
board layout is necessary for optimum performance. Ground
plane construction is highly recommended. Lead lengths
should be as short as possible, below 1/4”. The power
supply pins must be well bypassed to reduce the risk of
oscillation. A 1.0µF tantalum capacitor in parallel with a
0.01µF ceramic capacitor is adequate for each supply pin.
For good AC performance, parasitic capacitances should be
kept to a minimum, especially at the inverting input. This
implies keeping the ground plane away from this pin. Carbon
resistors are acceptable, while use of wire-wound resistors
should not be used because of their parasitic inductance.
Similarly, capacitors should be low inductance for best
performance.
FIGURE 25. DIFFERENTIAL FREQUENCY RESPONSE vs RF
FIGURE 26. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 27. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
Typical Performance Curves
100K
1M
10M
100M
(Hz)
AV=5
VS=±6V
RL=100Ω
RF=1kΩ
RF=750Ω
RF=500Ω
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
1.4
0
0.8
0.4
0.2
0.6
1.2
AMBIENT TEMPERATURE (°C)
0
1
25
50
75
100
150
125
85
781mW
θ
JA =1
60°C
/W
SO
8
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY (4-LAYER) TEST BOARD
3.5
3
0
AMBIENT TEMPERATURE (°C)
0150
50
100
2
2.5
1
1.5
0.5
125
25
75 85
1.136W
110°C/
W
SO8
EL1519


Similar Part No. - EL1519_07

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL1519CS INTERSIL-EL1519CS Datasheet
98Kb / 2P
   Medium Power Differential Line Driver
logo
Renesas Technology Corp
EL1519CS RENESAS-EL1519CS Datasheet
474Kb / 9P
   Medium Power Differential Line Driver
April 10, 2007
logo
Intersil Corporation
EL1519CS-T13 INTERSIL-EL1519CS-T13 Datasheet
98Kb / 2P
   Medium Power Differential Line Driver
logo
Renesas Technology Corp
EL1519CS-T13 RENESAS-EL1519CS-T13 Datasheet
474Kb / 9P
   Medium Power Differential Line Driver
April 10, 2007
logo
Intersil Corporation
EL1519CS-T7 INTERSIL-EL1519CS-T7 Datasheet
98Kb / 2P
   Medium Power Differential Line Driver
More results

Similar Description - EL1519_07

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL1507 INTERSIL-EL1507_07 Datasheet
410Kb / 16P
   Medium Power Differential Line Driver
EL1506 INTERSIL-EL1506_05 Datasheet
47Kb / 2P
   Medium Power Differential Line Driver
EL1511 INTERSIL-EL1511_07 Datasheet
442Kb / 18P
   Medium Power Differential Line Driver
EL1509 INTERSIL-EL1509 Datasheet
59Kb / 2P
   Medium Power Differential Line Driver
EL1511 INTERSIL-EL1511 Datasheet
73Kb / 2P
   Medium Power Differential Line Driver
EL1510 INTERSIL-EL1510 Datasheet
227Kb / 10P
   Medium Power Differential Line Driver
logo
Elantec Semiconductor
EL1507C ELANTEC-EL1507C Datasheet
151Kb / 2P
   Medium Power Differential Line Driver
EL1509C ELANTEC-EL1509C Datasheet
149Kb / 2P
   Medium Power Differential Line Driver
logo
Intersil Corporation
EL1519 INTERSIL-EL1519 Datasheet
98Kb / 2P
   Medium Power Differential Line Driver
logo
Renesas Technology Corp
EL1509 RENESAS-EL1509 Datasheet
525Kb / 10P
   Medium Power Differential Line Driver
March 26, 2007
logo
Elantec Semiconductor
EL1511C ELANTEC-EL1511C Datasheet
139Kb / 2P
   Medium Power Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com