Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL1511CL Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL1511CL
Description  Medium Power Differential Line Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL1511CL Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EL1511CL Datasheet HTML 2Page - Intersil Corporation EL1511CL Datasheet HTML 3Page - Intersil Corporation EL1511CL Datasheet HTML 4Page - Intersil Corporation EL1511CL Datasheet HTML 5Page - Intersil Corporation EL1511CL Datasheet HTML 6Page - Intersil Corporation EL1511CL Datasheet HTML 7Page - Intersil Corporation EL1511CL Datasheet HTML 8Page - Intersil Corporation EL1511CL Datasheet HTML 9Page - Intersil Corporation EL1511CL Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
FN7016.2
April 10, 2007
FIGURE 7. DIFFERENTIAL FREQUENCY RESPONSE
(FULL POWER MODE)
FIGURE 8. DIFFERENTIAL FREQUENCY RESPONSE
(FULL POWER MODE)
FIGURE 9. DIFFERENTIAL FREQUENCY RESPONSE
(3/4 POWER MODE)
FIGURE 10. DIFFERENTIAL FREQUENCY RESPONSE
(3/4 POWER MODE)
FIGURE 11. DIFFERENTIAL FREQUENCY RESPONSE
(1/2 POWER MODE)
FIGURE 12. DIFFERENTIAL FREQUENCY RESPONSE
(1/2 POWER MODE)
Typical Performance Curves (Continued)
28
24
20
16
12
8
100K
1M
10M
100M
FREQUENCY (Hz)
RF=1kΩ
RF=2kΩ
RF=1.5kΩ
VS=±7.5V
AV=10
RL=100Ω
22
18
14
10
6
2
100K
1M
10M
100M
FREQUENCY (Hz)
RF=1kΩ
RF=2kΩ
VS=±7.5V
AV=5
RL=100Ω
RF=1.5kΩ
28
24
20
16
12
8
100K
1M
10M
100M
FREQUENCY (Hz)
RF=1kΩ
RF=2kΩ
RF=1.5kΩ
VS=±7.5V
AV=10
RL=100Ω
22
18
14
10
6
2
100K
1M
10M
100M
FREQUENCY (Hz)
RF=1kΩ
RF=2kΩ
VS=±7.5V
AV=5
RL=100Ω
RF=1.5kΩ
28
24
20
16
12
8
100K
1M
10M
100M
FREQUENCY (Hz)
RF=1kΩ
RF=2kΩ
RF=1.5kΩ
VS=±7.5V
AV=10
RL=100Ω
22
18
14
10
6
2
100K
1M
10M
100M
FREQUENCY (Hz)
RF=1kΩ
RF=2kΩ
VS=±7.5V
AV=5
RL=100Ω
RF=1.5kΩ
EL1511


Similar Part No. - EL1511CL

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL1511CL ELANTEC-EL1511CL Datasheet
139Kb / 2P
   Medium Power Differential Line Driver
logo
Intersil Corporation
EL1511CL INTERSIL-EL1511CL Datasheet
73Kb / 2P
   Medium Power Differential Line Driver
logo
Renesas Technology Corp
EL1511CL RENESAS-EL1511CL Datasheet
914Kb / 18P
   Medium Power Differential Line Driver
April 10, 2007
logo
Elantec Semiconductor
EL1511CL-T13 ELANTEC-EL1511CL-T13 Datasheet
139Kb / 2P
   Medium Power Differential Line Driver
logo
Intersil Corporation
EL1511CL-T13 INTERSIL-EL1511CL-T13 Datasheet
73Kb / 2P
   Medium Power Differential Line Driver
More results

Similar Description - EL1511CL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL1507 INTERSIL-EL1507_07 Datasheet
410Kb / 16P
   Medium Power Differential Line Driver
EL1506 INTERSIL-EL1506_05 Datasheet
47Kb / 2P
   Medium Power Differential Line Driver
EL1509 INTERSIL-EL1509 Datasheet
59Kb / 2P
   Medium Power Differential Line Driver
EL1511 INTERSIL-EL1511 Datasheet
73Kb / 2P
   Medium Power Differential Line Driver
EL1510 INTERSIL-EL1510 Datasheet
227Kb / 10P
   Medium Power Differential Line Driver
logo
Elantec Semiconductor
EL1507C ELANTEC-EL1507C Datasheet
151Kb / 2P
   Medium Power Differential Line Driver
EL1509C ELANTEC-EL1509C Datasheet
149Kb / 2P
   Medium Power Differential Line Driver
logo
Intersil Corporation
EL1519 INTERSIL-EL1519 Datasheet
98Kb / 2P
   Medium Power Differential Line Driver
logo
Renesas Technology Corp
EL1509 RENESAS-EL1509 Datasheet
525Kb / 10P
   Medium Power Differential Line Driver
March 26, 2007
logo
Elantec Semiconductor
EL1511C ELANTEC-EL1511C Datasheet
139Kb / 2P
   Medium Power Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com